|
|
|
AD[Analog Devices]
|
Part No. |
AD5624 AD5624BRMZ-REEL7 AD5664BRMZ-REEL7 AD5624BCPZ-250RL7 AD5624BCPZ-REEL7 AD5624BRMZ AD5664 AD5664ARMZ AD5664ARMZ-REEL7 AD5664BCPZ-250RL7 AD5664BCPZ-REEL7 AD5664BRMZ
|
Description |
2.7 V to 5.5 V, 450 μA, rail-to-rail Output, Quad, 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC<sup>?</sup> 2.7 V to 5.5 V, 450 µA, rail-to-rail Output, Quad, 12-/16-bit nanoDACs® 2.7 V to 5.5 V, 450 レA, rail-to-rail Output, Quad, 12-/16-bit nanoDACs 2.7 V to 5.5 V, 450 μA, rail-to-rail Output, Quad, 12-/16-bit nanoDACs
|
File Size |
509.39K /
24 Page |
View
it Online |
Download Datasheet |
|
|
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
Part No. |
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BRM-REEL7 AD5310BRMZ AD5310BRMZ-REEL
|
Description |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, rail-to-rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, rail-to-rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ rail-to-rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. rail-to-rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, rail-to-rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
File Size |
163.84K /
12 Page |
View
it Online |
Download Datasheet |
|
|
|
AD[Analog Devices] Analog Devices, Inc.
|
Part No. |
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 AD7304BN AD7304BR AD7304BRU AD7304YR
|
Description |
3V/ 5V, rail-to-rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, rail-to-rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V rail-to-rail Quad 8-Bit DAC 3 V/ 5 V/ rail-to-rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, rail-to-rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
File Size |
933.23K /
14 Page |
View
it Online |
Download Datasheet |
|
|
|
AD[Analog Devices]
|
Part No. |
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU
|
Description |
2.5 V to 5.5 V, 230 uA, Dual rail-to-rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual rail-to-rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual rail-to-rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual rail-to-rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual rail-to-rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual rail-to-rail, Voltage Output 810/12-Bit DACs
|
File Size |
224.75K /
18 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|