PART |
Description |
Maker |
IDT74LVCH16260A |
3.3V CMOS 12-BIT TRI-PORT BUS EXCHANGER
|
IDT
|
IDT74FCT16260CT IDT74FCT16260ET IDT74FCT16260AT |
FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
|
IDT
|
IDT54FCT162952CTEB IDT74FCT162952BTPV IDT73720 IDT |
CAP 6.8UF 20V 20% TANT SMD-6032-15 TR-7-PL SN/PB5% LOWESR-1400 FCT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-BIT TRI-PORT BUS EXCHANGER
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDTQS32245 QS32245PA QS32245PA8 IDTQS32245Q |
BUS SWITCH|CMOS|SSOP|20PIN|PLASTIC 32245 SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH QUICKSWITCH? PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH High-Speed CMOS QuikSwitch 8-Bit Bus Switch
|
Integrated Device Technology, Inc. IDT
|
IDT74ALVCH162245 IDT74ALVCH162245PA IDT74ALVCH1622 |
3.3V CMOS 16-BIT BUS-TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT74LVC162245 IDT74LVC162245A IDT74LVC162245APA I |
IC LOGIC 162245 CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND TOLERANT I/O 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and 5.0V Tolerant I/O
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
PI3C3245Q PI3C3245L |
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch 2.5V/3.3V的,高带宽,热插位,2端口,总线开 2.5V/3.3V/ High Bandwidth/ Hot Insertion 8-Bit/ 2-Port/ Bus Switch
|
Pericom Technology Pericom Semiconductor, Corp. Pericom Semiconductor Corporation
|
74VCX162601 74VCX162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the B-Port Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列电阻在B端口输出 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the B-Port Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the B-Port Outputs
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AD7542JN AD7542TQ AD7542SQ AD7542AQ AD7542KP AD754 |
Precision 12-Bit CMOS Multiplying I-OUT DAC, 4-Bit Bus CMOS P-Compatible 12-Bit DAC CMOS uP-COMPATIBLE 12-BIT DAC PARALLEL, 4 BITS INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, CDIP16
|
AD[Analog Devices] Analog Devices, Inc.
|
B5S162861 B5S162861TTR |
20-BIT TWO PORT BUS SWITCH WITH 25OHM SERIES RESISTOR IN OUTPUT 20-BIT TWO PORT BUS SWITCH WITH 25 OHM SERIES RESISTOR IN OUTPUT
|
STMICROELECTRONICS[STMicroelectronics]
|
IDT74LVC162244APA IDT74LVC162244APF IDT74LVC162244 |
IC LOGIC 162244 CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS, TOLERANT I/O, AND BUS-HOLD 3.3V -40 85C TSSOP-48 2000/REEL LVC/LCX/Z SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 3.3V CMOS 16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O 3.3V CMOS 16-Bit Buffer/Driver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|