Part Number Hot Search : 
74ALVC16 MAX3271W 16012 MAX3248E M5R23RLJ U6P01SL0 A1015 ICX058AL
Product Description
Full Text Search
  bus-hold Datasheet PDF File

For bus-hold Found Datasheets File :: 23705    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    74LV573 74LV573D 74LV573DB 74LV573N 74LV573PW 74LV573PWDH 74LV573_2

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74LV573 74LV573D 74LV573DB 74LV573N 74LV573PW 74LV573PWDH 74LV573_2
OCR Text ...h latch and 3-State outputs for bus oriented applications. A latch enable (LE) input and an output enable (OE) input are common to all inter...Hold time Dn to LE Figure 4 2.0 2.7 3.0 to 3.6 NOTES: All typical values are measured at Tamb = 25C ...
Description From old datasheet system
Octal D-type transparent latch (3-State)
Octal D-type transparent latch 3-State

File Size 123.32K  /  14 Page

View it Online

Download Datasheet





    80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51

INTEL[Intel Corporation]
Part No. 80C51BH 80C51BHP D80C51 D87C51 P87C511 80C31BH 87C51
OCR Text ...exed low-order address and data bus during accesses to external memory In this application it uses strong internal pullups when emitting 1's...Hold ALE low as RST is deactivated While the device is in ONCE mode the Port 0 pins float and the ot...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 272.93K  /  21 Page

View it Online

Download Datasheet

    80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP

XP Power, Ltd.
Intel Corp.
INTEL[Intel Corporation]
Panasonic Semiconductor
Part No. 80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN80C51FA TP83C51FA TN80C51FA LP83C51FA AP83C51FA LP80C51FA BN80C51FA BP83C51FA 83C51FA AN83C51FA AP80C51FA BN83C51FA BP80C51FA TP80C51FA1
OCR Text ...exed low-order address and data bus during accesses to external Program and Data Memory In this application it uses strong internal pullups ...Hold ALE low as RST is deactivated While the device is in ONCE Mode the Port 0 pins float the other ...
Description (193.00 k) 93.00十一
DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一
Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制
EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 190.31K  /  13 Page

View it Online

Download Datasheet

    80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB

INTEL[Intel Corporation]
Part No. 80C51GB 8XC51 8XC51GB 8XC51GB-1 83C51GB N83C51GB N87C51GB 87C51GB N80C51GB N8XC51GB-1 N8XC51GB
OCR Text ...ot serving as the external data bus The internal pullup is active only when the pin is outputting a logic 1 during external memory access An...hold function included Independent supply voltages are provided for the A D Also the A D operates bo...
Description CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER

File Size 300.18K  /  22 Page

View it Online

Download Datasheet

    93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-S

MICROCHIP[Microchip Technology]
Part No. 93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-SN 93C46B-ST 93C46
OCR Text ...gh level, it is possible for a "bus conflict" to occur during the "dummy zero" that precedes the READ operation. Under such a condition, the voltage level seen at DO is undefined and will depend upon the relative impedances of DO and the si...
Description 256 Bit/1K 5.0V CMOS Serial EEPROM
1K 5.0V Microwire Serial EEPROM

File Size 91.28K  /  12 Page

View it Online

Download Datasheet

    AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU

AD[Analog Devices]
Part No. AD5241BR10 AD5241BR100 AD5242BR10 AD5242BR100 AD5242BR100-REEL7 AD5242BR10-REEL7 AD5242BR1M AD5242BRU100-REEL7 AD5242BRU10-REEL7 AD5242BRU1M-REEL7 AD5241BR1M AD5241BRU10-REEL7 AD5241BRU100-REEL7 AD5241BRU1M-REEL7 AD5241BR10-REEL7 AD5241BR100-REEL7 AD5241 AD5242
OCR Text ...CL Clock Frequency fSCL t1 tBUF Bus Free Time between STOP and START t2 After this period, the first clock tHD; STA Hold Time (Repeated START) pulse is generated. tLOW Low Period of SCL Clock t3 t4 tHIGH High Period of SCL Clock tSU; STA Se...
Description I2C Compatible 256-Position Digital Potentiometers

File Size 331.94K  /  16 Page

View it Online

Download Datasheet

For bus-hold Found Datasheets File :: 23705    Search Time::1.36ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of bus-hold

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.363765001297