|
|
|
Intel
|
Part No. |
A82596CA KU82596CA
|
OCR Text |
...ta bus lines are bidirectional, tri-state lines that provide the general purpose data path between the 82596 and memory. with the 82596 the ...port access; in this mode the cpu writes the next address to the 82596 through the data lines. durin... |
Description |
High-performance 32-bit local area network coprocessor
|
File Size |
739.58K /
76 Page |
View
it Online |
Download Datasheet |
|
|
|
Atmel
|
Part No. |
ATMEGA32 ATMEGA32L
|
OCR Text |
... activated. The Port A pins are tri-stated when a reset condition becomes active, even if the clock is not running.
4
ATmega32(L)
2503F-AVR-12/03
ATmega32(L)
Port B (PB7..PB0) Port B is an 8-bit bi-directional I/O port with inte... |
Description |
32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 Mhz. 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-Kbyte EEPROM, 8 Channel 10-bit A/D-converter. JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation.
|
File Size |
215.93K /
18 Page |
View
it Online |
Download Datasheet |
|
Price and Availability
|