PART |
Description |
Maker |
19003-0048 19003-0057 19003-0053 19003-0056 19003- |
.250 X.032 FML FIQD EXP CONT.(BB-2206XC) 2 mm2, PUSH-ON TERMINAL .187X.032 FEMALE AQUA FIQD CONT BB-2208C 2 mm2, PUSH-ON TERMINAL .187X.020 FEMALE FIQD EXPANDED (BB-2207X 2 mm2, PUSH-ON TERMINAL .187 X .032 FEMALE FIQD (BB-2208) 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(BB-2206XT) 2 mm2, PUSH-ON TERMINAL 190030058 2 mm2, PUSH-ON TERMINAL .205 X .020 BLUE FIQD CONT BB-2215C 2 mm2, PUSH-ON TERMINAL .250 X.032 FML FIQD EXP TAPED(AA-2201XT) 0.8 mm2, PUSH-ON TERMINAL 190030060 2 mm2, PUSH-ON TERMINAL .187 X .020 FEMALE FIQD CONT. (AA-2202C) 0.8 mm2, PUSH-ON TERMINAL .250 X .032 FEMALE FIQD CON 2 mm2, PUSH-ON TERMINAL
|
Molex, Inc. TE Connectivity, Ltd. MOLEX INC
|
IRFE9130 |
P-Channel Power MOSFET(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)(P沟道功率MOS场效应管(Vdss:-100V,Id(cont):-6.1A,Vdgr:-0.345V)) P沟道功率MOSFET(减振钢板基本:- 100V的,身份证(续) 6.1A,Vdgr 0.345V)性(P沟道功率马鞍山场效应管(减振钢板基本 100V的,身份证(续) 6.1AVdgr 0.345V))
|
Seme LAB
|
SML80A12 SML100A9 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):11.5A,Rds(on):0.650Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):11.5A,Rds(on):0.650Ω))
|
SemeLAB SEME-LAB[Seme LAB]
|
SML80H14 |
N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS 13.5 A, 800 V, 0.58 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-258AA N-Channel Enhancement Mode High Voltage Power MOSFET(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω)(N沟道增强高电压功率MOS场效应管(Vdss:800V,Id(cont):13.5A,Rds(on):0.58Ω))
|
TT electronics Semelab, Ltd. SEME-LAB[Seme LAB]
|
MC44604 |
High Safety Standby Ladder Mode GreenLine PWM Cont
|
ON Semiconductor
|
0545480570 0545480870 0545482070 0545481070 54548- |
0.5 FPC CONN ZIF HSG ASSY FOR SMT RA BTM CONT -LEAD FREE-
|
Molex Electronics Ltd.
|
APT50M50JLL |
Volts:500V RDS(ON):0.05Ohms ID(cont:)79Amps|MOSFETs 电压00V电压的RDS(ON):0.05Ohms编号(续:)七九安培| MOSFET
|
Microsemi, Corp.
|
APT5523BFLL APT5523SFLL |
Volts:550V RDS(ON)0.23Ohms ID(cont):24Amps|FREDFETs ( fast body diode) 电压50V的RDS(ON.23Ohms身份证(续):二十四安培| FREDFETs(快速体二极管)
|
Microsemi, Corp.
|
2N4118A SST4119 2N4117A 2N4119A PN4117A PN4118A PN |
N-Channel JFETs IC FTDI2232L USB/SERIAL 48-LQFP MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:12V; Case style:SO-8; Current, Id cont:4.8A; Current, Idm pulse:-20A; Power, Pd:1.1W; Resistance, Rds on:0.035R; SMD:1; MOSFET, DUAL PP SO-8MOSFET, DUAL PP SO-8; Transistor type:MOSFET; Transistor polarity:Dual P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:3.6A; Current, Idm pulse:40A; Power, Pd:1.1W; Resistance, Rds on:0.06R; SMD:1;
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
2N5484 2N5485 2N5486 SST5484 SST5485 SST5486 |
High Frequency/General Purpose N-Channel JFETs MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:4.5A; Current, Idm pulse:-20A; Power, Pd:1.3W; Resistance, Rds on:0.04R; SMD:1; Charge, gate p MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:20V; Case style:SO-8; Current, Id cont:5.6A; Current, Idm pulse:-30A; Power, Pd:1.25W; Resistance, Rds on:0.025R; SMD:1; Charge, gate p
|
Vishay Siliconix Vishay Intertechnology,Inc.
|
VS-T90RIA100 YA200KT20 T7RYA201KT20 |
SCR PHASE CONT 1000V 90A D-55 T..RIA Series Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
|
Vishay Semiconductors
|
|