PART |
Description |
Maker |
XC6365 XC6365-XC6366 XC6365A XC6366 XC6366D XC6365 |
Hall Effect IC; Package/Case:6-MLP; Supply Voltage Max:8V; Peak Reflow Compatible (260 C):Yes; Sensitivity:2.5 RoHS Compliant: Yes PWM PWM/PFM
|
TOREX SEMICONDUCTOR LTD. TOREX[Torex Semiconductor]
|
351HE0A1ZA 351HE1A1ZA 351HE2A1ZA 351HE3A1ZA 351HE0 |
1/2 mm) Single Turn Bushing Mount Hall Effect Sensor in Size 09 (22.2 mm) POSITION, ROTARY SENSOR-HALL EFFECT, 270deg ROHS COMPLIANT PACKAGE POSITION, ROTARY SENSOR-HALL EFFECT, 360deg POSITION, ROTARY SENSOR-HALL EFFECT, 90deg POSITION, ROTARY SENSOR-HALL EFFECT, 180deg
|
Vishay Siliconix Vishay Intertechnology, Inc. VISHAY SPECTROL
|
AH1897 AH1897-FA-7 |
Analog - Sensors - Hall Effect Switches - Omnipolar Hall Effect Switches HIGH SENSITIVITY MICROPOWER OMNIPLOAR HALL-EFFECT SWITCH
|
Diodes Incorporated
|
AH266 AH266-P-A AH266-P-B AH266-PA-A AH266-PA-B AH |
V(cc): 28V; Vout(off): 28V; I(peak): 700mA; 550mW; low power hall effect latch. For speed measurement, dual-coil brush-less DC motor, dual-coil brush-less DC fan, revolution counting High Voltage Hall Effect Latch
|
ANACHIP[Anachip Corp]
|
ATS612JSB 0612JB |
DYNAMIC SELF-CALIBRATING PEAK-DETECTING DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR From old datasheet system
|
ALLEGRO[Allegro MicroSystems]
|
OHS3019U OHN3019U |
Hallogic Hall Effect Sensors(Hallogic(R) 霍尔效应传感器,宽电源电压范小封 MAGNETIC FIELD SENSOR-HALL EFFECT, 12.5-50mT, 25mA, RECTANGULAR, THROUGH HOLE MOUNT HALLOGIC-R HALL EFFECT SENSORS
|
TT electronics OPTEK Technology OPTEK[OPTEK Technologies]
|
A1222LLHLX-T2 A1223LLHLX-T2 A1223LLHLT-T A1220ELHL |
Chopper Stabilized Precision Hall Effect Latches MAGNETIC FIELD SENSOR-HALL EFFECT, -18-18mT, 30-60mA, RECTANGULAR, THROUGH HOLE MOUNT
|
Allegro MicroSystems
|
XC6383C351PL XC6383A351ML XC6383A351MR XC6383A351P |
Hall Effect IC; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes LEAD FREE EXT TEMP A2982 20L SOIC XC6383 Standard Recovery Rectifier; Repetitive Reverse Voltage Max, Vrrm:50V; Forward Current Avg Rectified, IF(AV):1A; Non Repetitive Forward Surge Current Max, Ifsm:30A; Forward Voltage Max, VF:1.1V; Package/Case:DO-41; Current Rating:1A 50V 1A 1N4001 (DO-41)
|
TOREX[Torex Semiconductor] TOREX SEMICONDUCTOR LTD.
|
AH276Z4-BE1 AH276Z4-AE1 AH276Z4-E1 AH276 AH276Z4-C |
COMPLEMENTARY OUTPUT HALL EFFECT LATCH MAGNETIC FIELD SENSOR-HALL EFFECT, -7-7mT, RECTANGULAR, THROUGH HOLE MOUNT COMPLEMENTARY OUTPUT HALL EFFECT LATCH 互补输出霍尔效应锁存 COMPLEMENTARY OUTPUT HALL EFFECT LATCH MAGNETIC FIELD SENSOR-HALL EFFECT, -5-5mT, RECTANGULAR, THROUGH HOLE MOUNT
|
BCD Semiconductor Manufacturing, Ltd. BCDSEMI BCD Semiconductor Manufacturing Limited
|
HAL825UT-A HAL825UT-K HAL824UT-A HAL824UT-K HAL82X |
MAGNETIC FIELD SENSOR-HALL EFFECT, -.5-0.5mT, RECTANGULAR, THROUGH HOLE MOUNT High-Precision Programmable Linear Hall-Effect Sensor Family
|
MICRONAS SEMICONDUCTOR HOLDING AG
|
OH090U |
Hallogic Hall Effect Sensors(Hallogic(R) 霍尔效应传感器,温度范围-40150 MAGNETIC FIELD SENSOR-HALL EFFECT, -10-18mT, 25mA, RECTANGULAR, THROUGH HOLE MOUNT
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. TT electronics OPTEK Technology
|
OHS3140U OHN3140U OHN3140 |
Hallogic Hall Effect Sensors(Hallogic(R) 霍尔效应传感器,工作温度-20 85小封 MAGNETIC FIELD SENSOR-HALL EFFECT, 2.5-26mT, 25mA, RECTANGULAR, THROUGH HOLE MOUNT
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|