PART |
Description |
Maker |
LTC6903LTC6904 |
1kHz - 68MHz Serial Port Programmable Oscillator
|
Linear
|
VSC7173XYI VSC7173 |
Enhanced 2:1 Port Selector and 1:2 Port Multiplier for Serial ATA and Serial Attached SCSI
|
Maxim Integrated Products
|
DS1050 DS1050U-001 DS1050U-005 DS1050U-010 DS1050U |
5 Bit Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz SPECIALTY ANALOG CIRCUIT, PDSO8 240 x 64 pixel format, CFL, LED, or EL Backlight available "10kHz, 5-Bit Programmable Pulse Width Modulator" "?5kHz, 5-Bit Programmable Pulse Width Modulator" "1kHz, 5-Bit Programmable Pulse Width Modulator" "?1kHz, 5-Bit Programmable Pulse Width Modulator" 5-Bit, Programmable, Pulse-Width Modulator: 1kHz, 5kHz, 10kHz, and 25kHz
|
Maxim Integrated Products, Inc. DALLAS[Dallas Semiconductor] Dallas Semiconducotr MAXIM - Dallas Semiconductor
|
PLS105N PLUS105-55N3 PLUS105-55A PLUS105-40N3 PLUS |
Serial 16-Bit Multiplying DACs; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C Fuse-Programmable PLD 保险丝,可编程的PLD 1kHz to 33MHz Resistor Set SOT-23 Oscillator; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C
|
Black Box, Corp.
|
X34120B1B1 X3420Z1B1 Y2140Z1B1 X3740B1B1 X2140B1B1 |
8 TSSOP, AUTO GRADE, 2.7(SERIAL EE) 单相 3 Phase Bridge 3相桥 10MS, TSSOP, INT TEMP, GREEN, 2.7V(SERIAL EE) 单相 10MS, 8 SOIC, EXT TEMP, GREEN, 2.7V(SERIAL EE) 单相 Single Phase Bridge 单相 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 3相桥 8-THIN MINI MAP, PB/HALO FREE, 1.8(SERIAL EE) 8 SOIC, PB/HALO FREE, 1.8V(SERIAL EE)
|
Central Semiconductor, Corp. Optoway Technology, Inc. Honeywell International, Inc. Microsemi, Corp. Renesas Electronics, Corp.
|
BR24T1MNUXWGE2 BR24T1MNUXWGTR BR24T32FJWGE2 BR24T3 |
High Reliability Serial EEPROMs Other devices than EEPROM can be connected to the same port, saving microcontroller port High Reliability Serial EEPROMs
|
Rohm
|
ISL1561IRZ ISL1561IRZ-T13 |
Fixed Gain Dual Port Class-G Differential xDSL Line Driver 3 pin serial port interface
|
Intersil Corporation
|
LS110 |
Supports RS232 based serial devices via its DB9 serial port
|
DB Lectro Inc
|
BM10B-44DP-0.4V BM10B0.8-44DP-0.4V51 |
CONTACT RESISTANCE: 20mV AC OR LESS 1khz, 1m A.
|
Hirose Electric
|
KS88C6108 KS88C6116 KS88P6116 |
SAM8 family of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
|
Samsung semiconductor
|
KS88C0916 KS88P0916 |
KS88 series of 8-bit single-chip CMOS microcontrollers offers a fast and efficient CPU, a wide range of integrated peripherals, and various mask-progr
|
Samsung semiconductor
|
LT5512EUF LT5512 |
1kHz-3GHz High Signal Level Down-Converting Mixer
|
Linear Technology Corporation LINER[Linear Technology]
|