PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
X93156WM8IZ-2.7 X93156 X93156UM8I-2.7 X93156UM8IZ- |
Digitally Controlled Potentiometer :SEMITOP-4; Voltage, Vceo:600V; Voltage, Vce sat max:1.9V; Current, Ic continuous a Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ISL90462 ISL90462WIH627Z-TK ISL90462TIE627-TK ISL9 |
Digitally Controlled Potentiometer (XDCP) 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Digitally Controlled Potentiometer (XDCP) 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO6 Single Volatile 32-tap Digitally Controlled Potentiometer (XDCP™)
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
X9269US24IZ X9269UV24-2.7T1 X9269TV24I-2.7 X9269TS |
Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R Dual Digitally-Controlled Potentiometers Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP
|
http:// Intersil, Corp. INTERSIL CORP
|
X9315WSIT1 X9315WST1 X9315WSIZ X9315WSIZT1 X9315WS |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8 Digitally Controlled Potentiometer (XDCP?
|
Intersil, Corp. Intersil Corporation
|
FX029 FX029DW |
Dual digitally controlled amplifier array Dual Digitally Controlled Amp Array
|
CONSUMER MICROCIRCUITS LIMITED
|
X9429WS16I X9429WS16IZ X9429WV14IZ-2.7T1 INTERSILC |
Single Digitally Controlled Potentiometer(XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14
|
Intersil Corporation Intersil, Corp.
|
X93256WV14I-2.7T1 X93256UV14I-2.7 |
Dual Digitally Controlled Potentiometers (XDCPs™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 12.5K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO14 Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil, Corp. Intersil Corporation
|
FX009 FX009LG FX009LS |
Digitally Controlled Amplifier Array Digitally Controlled Amp Array
|
CML Microcircuits
|
EPA2398-60 EPA2398-600 EPA2398-40 EPA2398-35 EPA23 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Delay Line 延迟
|
Belden, Inc. TE Connectivity, Ltd. EPCOS AG
|
EP9604G-850 EP9604G-150 EP9604G-350 EP9604G-60 EP9 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Tapped Delay Line 抽头延迟 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Data Delay Devices, Inc. Advanced Micro Devices, Inc.
|