PART |
Description |
Maker |
047901.5MXEP 0479002.MXEP 0479005.MXEP 047902.5MXE |
2AG FAST ACTING FUSE WITH WELDED LEADS 1000 PACK
|
Littelfuse
|
0208.375DRT1P 0208.375MXP 0208.500DRT1P 0208.125DR |
208 Series Lead-Free 2AG, Fast-Acting Fuse
|
Littelfuse
|
3JQ300-R 3JQ350-R 2JQ300-R |
Fuses, RoHS 300mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 350mA 350V FAST 2AG LEADED FAST BLOW ELECTRIC FUSE, 0.35A, 350VAC, 140VDC, 100A (IR), THROUGH HOLE Fuses, RoHS 300mA 350V FAST 2AG FAST BLOW ELECTRIC FUSE, 0.3A, 350VAC, 140VDC, 100A (IR), INLINE/HOLDER
|
Bel Fuse, Inc.
|
BC860CL BC860AL |
Leaded Cartridge Fuse; Current Rating:700mA; Voltage Rating:125V; Fuse Terminals:Radial Lead; Fuse Type:Fast Acting; Voltage Rating:125V; Body Material:Plastic Cap; Diameter:6.35mm; Leaded Process Compatible:Yes; Length:8.89mm RoHS Compliant: Yes Automotive Fuse; Current Rating:15A; Voltage Rating:32V; Fuse Type:Fast Acting; Fuse Terminals:Blade; Length:18.54mm; Series:257; Fuse Size/Group:18.54 x 19.05 x 5.08mm 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Ironwood Electronics
|
3404.0044.XX 3404.0019.XX 3404.0014.XX 3404.0043.X |
FAST BLOW ELECTRIC FUSE, 6.3A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT FUSE, SMD, 125V, 8A; Current, fuse rating:8A; Voltage rating, AC:125V; Fuse type, blowing characteristic:Quick Acting F RoHS Compliant: Yes FAST BLOW ELECTRIC FUSE, 8A, 125VAC, 125VDC, 100A (IR), SURFACE MOUNT Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
|
SCHURTER AG Schurter Inc.
|
MQ1.5 MQ10 |
Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE Quick Acting Micro Fuse VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
Z8681B1 |
Leaded Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Terminals:Axial Lead; Fuse Type:Fast Acting; Voltage Rating:250V; Body Material:Ceramic; Diameter:6.985mm; Fuse Size/Group:1/4 x 1-1/4 " RoHS Compliant: Yes
|
|
C1Q1.25 |
Surface Mount Very Fast-Acting Chip Fuse VERY FAST BLOW ELECTRIC FUSE, 1.25A, 125VAC, 63VDC, 100A (IR), SURFACE MOUNT
|
Bel Fuse, Inc.
|
0263005.WRT1- 0263005.WRT1L 0263005.MXL 0263005.WA |
263 Series, PICO? II 250 Volt, Very Fast-Acting Fuse Axial Lead & Cartridge Fuses PICO ll > Very Fast-Acting > 263 Series
|
Littelfuse
|
MRF6.3 MRF2.5 MRF1 MRF100 |
Fast Acting Radial Lead Micro Fuse Series FAST BLOW ELECTRIC FUSE, 6.3A, 250VAC, 50A (IR), THROUGH HOLE Fast Acting Radial Lead Micro Fuse Series FAST BLOW ELECTRIC FUSE, 2.5A, 250VAC, 50A (IR), THROUGH HOLE Fast Acting Radial Lead Micro Fuse Series FAST BLOW ELECTRIC FUSE, 1A, 250VAC, 50A (IR), THROUGH HOLE Fast Acting Radial Lead Micro Fuse Series FAST BLOW ELECTRIC FUSE, 0.1A, 250VAC, 50A (IR), THROUGH HOLE Fast Acting Radial Lead Micro Fuse Series FAST BLOW ELECTRIC FUSE, 2A, 250VAC, 50A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
216250P 216025P 216016P 216125P 216100P |
5 x 20 mm Fast-Acting Fuse 5 × 20毫米快速保险丝
|
Littelfuse, Inc.
|
021606.3MXB940P 0216.630MXEP 0216.630HXP 0216.630M |
216 Series, 5 x 20 mm, Fast-Acting Fuse
|
Littelfuse
|
|