PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
ISL2231710 ISL22317 ISL22317TFRTZ ISL22317UFRTZ IS |
Precision Single Digitally Controlled Potentiometer (XDCP Low Noise, Low Power, I-2CBus, 128 Taps Precision Single Digitally Controlled Potentiometer (XDCP垄芒) Precision Single Digitally Controlled Potentiometer (XDCP?? Precision Single Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
X9C503 X9C103 X9C104ST1 X9C102 X9C10209 X9C104SIZT |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 100 POSITIONS, PDSO8 Wiper Position Stored in Non-volatile Memory and Recalled on Power-up Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation Intersil, Corp.
|
X9119TV14Z-2.7 X9119TV14IZ-2.7 |
Single Digitally-Controlled (XDCP? Potentiometer Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP
|
http:// Intersil Corporation
|
X9429WS16I X9429WS16IZ X9429WV14IZ-2.7T1 INTERSILC |
Single Digitally Controlled Potentiometer(XDCP? Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14
|
Intersil Corporation Intersil, Corp.
|
EPA073HL-225 EPA073HL-100 EPA073HL-300 EPA073HL-35 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: 0°C to 70°C; Package: 24-TSSOP Dual Digitally Controlled Potentiometers (XDCPs); Temperature Range: -40°C to 85°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
Abracon, Corp. TE Connectivity, Ltd.
|
EPA2398-60 EPA2398-600 EPA2398-40 EPA2398-35 EPA23 |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Delay Line 延迟
|
Belden, Inc. TE Connectivity, Ltd. EPCOS AG
|
EP9430-65 EP9430-80 EP9430-11 EP9430-85 EP9430-75 |
Dual Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 20-PDIP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: 0°C to 70°C; Package: 20-PDIP Single Digitally Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP Quad Digital Controlled Potentionmeters (XDCP), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package: 20-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP T&R Quad Digital Controlled Potentionmeters (XDCP™), Non-Volatile/Low Power/2-Wire/64 Taps; Temperature Range: -40°C to 85°C; Package: 20-SOIC 抽头延迟 Tapped Delay Line 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟
|
Belden, Inc.
|
EPA1140-350 EPA1140-175 EPA1140-225 EPA1140-450 EP |
Quad Digitally Controlled Potentiometers (XDCP); Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC 抽头延迟
|
Glenair, Inc.
|
X9312 |
Digitally Controlled Potentiometer (XDCP)
|
Xicor
|
X9271 X9271TB X9271TB-2.7 X9271TBI X9271TBI-2.7 X9 |
Single Digitally-Controlled (XDCP) Potentiometer
|
XICOR[Xicor Inc.]
|