PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
EP9810-950 EP9810-45 EP9810-850 EP9810-650 EP9810- |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, 3 wire Up/Down, 32 Taps; Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-DFN Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP 抽头延迟 Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-PDIP 抽头延迟 Single Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-SOIC 抽头延迟 Tapped Delay Line 抽头延迟
|
Ecliptek, Corp. Amphenol, Corp.
|
X9408YV24 X9408YV24I X9408YV24IZ X9408YV24Z X9408Y |
Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled (XDCP? Potentiometers Quad Digitally Controlled Potentiometers
|
Intersil, Corp. Intersil Corporation
|
X9420WS16 X9420WS16IZ X9420_06 X9420 X9420WS16-2.7 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R 10K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: -40°C to 85°C; Package: 14-TSSOP 2.5K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO14 Single Digitally Controlled Potentiometer
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
X9271UV14IZ-2.7T1 X9271UV14Z |
Single, Digitally Controlled Potentiometer
|
Intersil Corporation
|
X9015WS8T1 X9015_06 X9015 X9015UM8 X9015UM8-2.7 X9 |
Single Digitally Controlled Potentiometer
|
INTERSIL[Intersil Corporation]
|
X9279 X9279TB X9279TB-2.7 X9279TBI X9279TBI-2.7 X9 |
Single Digitally-Controlled (XDCP) Potentiometer
|
XICOR[Xicor Inc.]
|
X9110TV14 X9110TV14Z-2.7 X9110 X9110TV14-2.7 X9110 |
Single Digitally-Controlled (XDCP) Potentiometer
|
http:// INTERSIL[Intersil Corporation]
|
X9420 X9420WP X9420WP-2.7 X9420WPI X9420WPI-2.7 X9 |
Single Digitally Controlled (XDCP) Potentiometer
|
XICOR[Xicor Inc.]
|
MAX1932 MAX1932ETC MAXB1932ETC MAX1932ETCT |
Digitally Controlled / 0.5% Accurate / Safest APD Bias Supply Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, QCC12 "Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply" Digitally Controlled, 0.5% Accurate, Safest APD Bias Supply
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|