PART |
Description |
Maker |
FS0202MA00BU FS0201NA FS0201BA FS0201BB FS0201DA F |
600 V, sensitive gate SCR 400 V, sensitive gate SCR 200 V, sensitive gate SCR 800 V, sensitive gate SCR
|
Fagor Electronic Components Inc
|
S2060C S2061D |
4A sensitive-gate silicon controlled rectifier. Vrsxm 400V. 4A sensitive-gate silicon controlled rectifier. Vrsxm 500V.
|
General Electric Solid State
|
BY329-1500 BY329-1500S |
Damper diode fast/ high-voltage Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:5mA; Current, It av:6A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT152-600 BT152 |
600V Vdrm 20A Sensitive Gate Silicon Controlled Rectifier, 1.7@40AV Peak On-State Voltage, 200V/μs Rise of Off-State Voltage Silicon Controlled Rectifiers
|
SEMIWELL[SemiWell Semiconductor]
|
MCR72-8 MCR72-3 MCR72-6 ON1829 MCR72-D |
Sensitive Gate Silicon Controled Rectifiers Reverse Blocking Thyristor SCRs 8 AMPERES RMS 100 thru 600 VOLTS SENSITIVE GATE SILICON CONTROLLED RECTIFIERS From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MCR08BT1 MCR08B MCR08MT1 MCR08BT1-D |
Sensiteve Gate Silicon Controlled Rectifier Sensitive Gate Sillicon Controlled Rectifiers Reverse Blocking Thyristors SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
|
ONSEMI[ON Semiconductor]
|
STK10C68-L45M STK10C68-L55M |
NVRAM (EEPROM Based) Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:400V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:80mA NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
STK11C68-5S30 STK11C68-5S45 STK11C68-5S25 STK11C68 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:8A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:8A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Package/Case:D-PAK; Current, It av:8A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Current, It av:8A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:10A; Holding Current:50mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:8A; Holding Current:50mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):40A; Gate Trigger Current (QI), Igt:100mA; Package/Case:3-TO-218; Current, It av:40A; Gate Trigger Current Max, Igt:100mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:V-PAK; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA; Current, It av:6A; Holding Current:50mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:6A; Gate Trigger Current Max, Igt:35mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-220; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Package/Case:TO-3; Current, It av:25A; Holding Current:50mA Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:80mA; Package/Case:3-TO-218; Current, It av:25A; Gate Trigger Current Max, Igt:80mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:600V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:80mA; Current, It av:25A; Gate Trigger Current Max, Igt:80mA; Holding Current:100mA RoHS Compliant: Yes NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
HD-0125M3-GH HD-0155M3-IH HD-0195M3-DH HD-0195M3-D |
Stick Coupler 3 dB 90° Card Couplers 3 dB 90∑ Card Couplers 3 dB 90 Card Couplers SCR-600VRM 10A Bridge Rectifier; Repetitive Reverse Voltage Max, Vrrm:100V; Package/Case:TO-202; Current Rating:4A; Mounting Type:Through Hole 3 dB 90Card Couplers 3分贝90Σ卡耦合 SCR Thyristor; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:100V; On-State RMS Current, IT(rms):800mA; Peak Non Repetitive Surge Current, Itsm:8A; Gate Trigger Current Max, Igt:200uA 3分贝90Σ卡耦合 3 dB 90??Card Couplers 3 dB 90?Card Couplers
|
Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd. HIROSE[Hirose Electric]
|
|