Part Number Hot Search : 
RT1408 2SK31 JXWBG MBT2222A 2SC3788 72C314 BAT54W 322012
Product Description
Full Text Search
  off-state Datasheet PDF File

For off-state Found Datasheets File :: 92495    Search Time::5.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TN5325K1-G

Supertex, Inc
Part No. TN5325K1-G
OCR Text ...d, enhancement-mode (normally-off) transistor utilizes a vertical dmos structure and supertexs well-proven, silicon-gate manufa...state drain current 0.6 - - a v gs = 4.5v, v ds = 25v 1.2 - - v gs = 10v, v ds = 25v r ds(on) st...
Description N-Channel Enhancement-Mode Vertical DMOS FET

File Size 517.13K  /  6 Page

View it Online

Download Datasheet





    2SK2764-01R

FUJI ELECTRIC HOLDINGS CO., LTD.
FUJI[Fuji Electric]
Part No. 2SK2764-01R
OCR Text ...n-Time ton (ton=td(on)+tr) Turn-Off-Time toff (ton=td(off)+tf) Avalanche Capability Diode Forward On-Voltage Reverse Recovery Time Reverse R...State Resistance vs. Tch RDS(on) = f(Tch); ID=2A; VGS=10V 4A 80W > Characteristics Typica...
Description N-channel MOS-FET

File Size 292.33K  /  2 Page

View it Online

Download Datasheet

    NVD4815N

ON Semiconductor
Part No. NVD4815N
OCR Text ...test condition min typ max unit off characteristics drain ? to ? source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 30 v drain ? to ? source breakdown voltage temperature coefficient v (br)dss / t j 25 mv/ c zero gate voltage ...
Description 30 V, 35 A, Single N?Channel, DPAK/IPAK

File Size 150.08K  /  8 Page

View it Online

Download Datasheet

    NX3L4051 NX3L4051HR NX3L4051PW

NXP Semiconductors
Part No. NX3L4051 NX3L4051HR NX3L4051PW
OCR Text ...itches into the high impedance off-state, independent of sn. schmitt trigger action at the select input (sn and e ) makes the circuit tolerant to slower input rise and fall times across the entire v cc range from 1.4 v to 4.3 v. a low i...
Description Single low-ohmic 8-channel analog switch

File Size 178.66K  /  23 Page

View it Online

Download Datasheet

    NVD4804N NVD4804NT4G NTD4804NT4G

ON Semiconductor
Part No. NVD4804N NVD4804NT4G NTD4804NT4G
OCR Text ...test condition min typ max unit off characteristics drain?to?source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 30 v drain?to?source breakdown voltage temperature coefficient v (br)dss /t j 26 mv/ c zero gate voltage drain cur...
Description Power MOSFET 30 V, 117 A, Single N?Channel, DPAK/IPAK

File Size 85.64K  /  8 Page

View it Online

Download Datasheet

    74LV573 74LV573D 74LV573DB 74LV573N 74LV573PW 74LV573PWDH 74LV573_2

NXP Semiconductors
PHILIPS[Philips Semiconductors]
Part No. 74LV573 74LV573D 74LV573DB 74LV573N 74LV573PW 74LV573PWDH 74LV573_2
OCR Text ...utputs go to the high impedance off-state. Operation of the OE input does not affect the state of the latches. The `573' is functionally identical to the `563' and the `373', but the `563' has inverted outputs and the `373' has a different ...
Description From old datasheet system
Octal D-type transparent latch (3-State)
Octal D-type transparent latch 3-State

File Size 123.32K  /  14 Page

View it Online

Download Datasheet

    OM6035NM OM6036NM OM6037NM OM6034NM

International Rectifier
Part No. OM6035NM OM6036NM OM6037NM OM6034NM
OCR Text ... r g = 5.0 ? , v gs = 10 v t d(off) turn-off delay time 100 ns t d(off) turn-off delay time 85 ns t f fall time 50 ns t f fall time 38 ns b...state drain current 1 13 a v ds 2 v ds(on) , v gs = 10 v v ds(on) static drain-source on-state 2.1 ...
Description 100V Single N-Channel Hi-Rel MOSFET in a SMD-1 package
500V Single N-Channel Hi-Rel MOSFET in a SMD-1 package
1000V Single N-Channel Hi-Rel MOSFET in a SMD-1 package
SC70/&#181;DFN, Single/Dual Low-Voltage, Low-Power &#181;P Reset Circuits 晶体管| MOSFET的| N沟道| 500V五(巴西)直| 11A条(丁)|贴片
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits

File Size 32.13K  /  4 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. IRKV56-12
OCR Text ... repetitive non-repetitive peak off-state voltage, i drm code peak reverse voltage peak reverse voltage gate open circuit 125c -vvvma 04 400 500 400 08 800 900 800 12 1200 1300 1200 16 1600 1700 1600 (1) i 2 t for time t x = i 2 ? t x ...
Description Silicon Controlled Rectifier, 86.35 A, 1200 V, SCR, TO-240AA

File Size 128.82K  /  9 Page

View it Online

Download Datasheet

For off-state Found Datasheets File :: 92495    Search Time::5.141ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of off-state

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.72947406768799