PART |
Description |
Maker |
P6KE39A P6KE9.1CA P6KE51CA P6KE300A P6KE300CA P6KE |
16-Bit Bus Transceivers and Registers with 3-State Outputs 56-SSOP -40 to 85 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 RF Down-Converter 20-QFN 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 Presettable Synchronous 4-Bit Up/Down Binary Counters 16-SOIC -40 to 85 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 2.5-V 460-Kbps RS-232 Transceiver With /-15-kV ESD Protection 20-TSSOP 0 to 70 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Microsemi
|
EFM301L EFM302L EFM303L EFM304L EFM305L EFM306L EF |
3 A, 150 V, SILICON, RECTIFIER DIODE 3 A, 600 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere 3 A, 200 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
FR305H31 FR304U22 1N4935M03 FR155H12 |
3 A, 600 V, SILICON, RECTIFIER DIODE, DO-201AD 3 A, 400 V, SILICON, RECTIFIER DIODE, DO-201AD 1 A, 200 V, SILICON, SIGNAL DIODE, DO-41 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15
|
RECTRON LTD
|
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
APT15D60B_05 APT15D60B APT15D60BG APT15D60B05 |
Fast Recovery Epitaxial Diode; Package: TO-247 [B]; IO (A): 15; VR (V): 600; trr (nsec): 21; VF (V): 1.6; Qrr (nC): 520; 15 A, 600 V, SILICON, RECTIFIER DIODE, TO-247 ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
|
Microsemi, Corp. ADPOW[Advanced Power Technology]
|
P6SMB27A P6SMB68A P6SMB220 P6SMB220A P6SMB30 P6SMB |
600 Watts Suface Mount Transient Voltage Suppressor 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA
|
Taiwan Semiconductor Company, Ltd http:// Taiwan Semiconductor Co...
|
SDR956MZ SDR953M SDR953MZ SDR954M SDR955M SDR955MZ |
50 A, 600 V, SILICON, RECTIFIER DIODE, TO-254AA 50 A, 300 V, SILICON, RECTIFIER DIODE, TO-254AA 50A, 35nsec, 300-600 V Hyper Fast Rectifier 50 A, 400 V, SILICON, RECTIFIER DIODE, TO-254AA
|
SOLID STATE DEVICES INC SSDI[Solid States Devices, Inc]
|
P6KE6.8U16 P6KE6.8U11 P6KE6.8CAH12 P6KE75M12 P6KE2 |
600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-15 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-15
|
Rectron Semiconductor TE Connectivity, Ltd. RECTRON LTD
|
U40M 300U60AM |
DIODE 250 A, 400 V, SILICON, RECTIFIER DIODE, DO-205AB, Rectifier Diode DIODE 300 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AC, Rectifier Diode
|
Vishay Semiconductors
|
P6KE39 P6KE20A P6KE440A P6KE200 P6KE7.5 P6KE7.5A P |
Unidirectional and bidirectional Transient Voltage Suppressor Diodes Multi-Standard Fully Integrated 13.56-MHz RFID AFE and Data Framing Reader System 32-QFN -40 to 110 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Single Output LDO, 1.0A, Fixed(1.8V), Low Noise, High PSRR 6-SOT-223 -40 to 125 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC Unidirectional and bidirectional Transient Voltage Suppressor Diodes 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-204AC GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Panjit International Inc Diotec Elektronische
|
Z2150 Z2180U Z6047 |
600 W, BIDIRECTIONAL, SILICON, TVS DIODE 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE
|
|
|