PART |
Description |
Maker |
2484 2484-0 2484-2 |
Stacking Banana Plug Each End On Retractile (Coiled) Cord
|
Pomona Electronics
|
NJW1150 NJW1150M |
Wrist Strap Ground Cord, 10 ft. Coiled, 4 mm Snap End Mounting:Cable; Connector Shroud:Yes; Connector Type:Wiremount Plug RoHS Compliant: Yes From old datasheet system 6-CHANNEL ELECTRONIC VOLUME
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
370-10-116 370-90-116 483-90-216-00-001 353-10-116 |
PCB Header Strips Single row / double row Wire-wrap / solder tail HANDSET CORD, DARK GRAY 12 FT. DIODE SCHOTTKY DUAL COMMON-ANODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL TRANS PREBIASED NPN 200MW SOT323 Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket RoHS Compliant: No TRANS PREBIASED NPN 200MW SOT-23 HANDSET CORD, IVORY 6 FT. CONV DC-DC 100W 24VIN 5V NEG-EN MODULAR COILED HNDST CORDBLACK 25 FT DIODE SCHOTTKY SINGLE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL TRANS PREBIASED NPN 200MW SOT23 MODULAR COILED HNDST CORDIVORY MCU LOAD SWITCH 200MA SOT-26 PCB Header Strips Single row / double row Wire-wrap / solder tail 板头带单双列线,焊尾 HANDSET CORD, IVORY 6 FT. 板头带单双列线,焊尾
|
http:// PREDIP[Precid-Dip Durtal SA] PRECI-DIP SA
|
1300910057 |
Woodhead Standard Cord Reel, 14/3 SJTOW Cord, 13.72m (45.0) Cord Length with
|
Molex Electronics Ltd.
|
1301800308 |
1 1/4 Cord Grip Grommet, F5 Body Size 19.05-22.23mm (.750-.875) Cord Diameter
|
Molex Electronics Ltd.
|
1301800283 |
1 Cord Grip Grommet, F4 Body Size 15.88-19.05mm (.625-.750) Cord Diameter
|
Molex Electronics Ltd.
|
1301800336 |
1/4 Cord Grip Grommet, F0 Body Size 3.43-5.08mm (.135-.200) Cord Diameter, Gray
|
Molex Electronics Ltd.
|
1301800317 |
1/2 Cord Grip Grommet, F2 Body Size; 2 holes 7.37mm (.290) Cord Diameter, Black
|
Molex Electronics Ltd.
|
S401-46BX |
2.8mm Blade Vertical Tab, coiled, 0.8mm thick, 3mm tail, tin
|
HARWIN INC
|
ET1-B3M1 2200 2203 ET1F ET2-B3M1 ET1F-B3M1 ET1-B3M |
T-1 Subminiature Lamps T-1SubminiatureLamps CAT5E PATCH CORD, 3FT PURPLE, MOLDED ; Forward Current:30mA; Forward Voltage:160V; LED Color:Green; Lens Color:Clear RoHS Compliant: No Connector assemblies, Network cables; Drop Ship:Yes CAT5E PATCH CORD, 20FT PINK, MOLDED CAT5E PATCH CORD, 100FT BLACK, MOLDED CAT5E PATCH CORD, 1FT PURPLE, MOLDED CAT5E PATCH CORD, 20FT BLUE, MOLDED Connector,D-Shell,Cable Mnt,RECEPT,79 Contacts,PIN,0.075 Pitch,#4-40 CAT5E PATCH CORD, 25FT PINK, MOLDED T-1Subminiature Lamps 的T 1?微型灯 Push-pull coupling, HRS unique design, Small and lightweight interface; HRS No: 110-0052-0 00; Shell Size (dia): 10; Operating Temperature Range (degrees C): -25 to 85; General Description: Accessory; Dust cap 的T 1微型灯泡 CAT5E PATCH CORD, 20FT BLUE, MOLDED 的T 1微型灯泡 T-1 Subminiature Lamps T 1微型灯泡 T-1 Subminiature Lamps 的T 1微型灯泡
|
Gilway Technical Lamp GilwayTechnicalLamp International Light Technologies Inc. International Light Technologies, Inc. http://
|
DF17C-60DS-0.5V DF17C-20DS-0.5V DF17C-26DP-0.5V DF |
CAT5E 350MHZ PATCH CABLE 30FT, RED CAT5E 350MHZ PATCH CABLE 50FT, RED CAT 5E PATCH CORD, YELLOW3 FT 0.5mm Pitch Board to Board Connector 0.5mm间距板对板连接器 CAT 5E PATCH CORD, RED 20FT 0.5mm间距板对板连接器 CAT 5E PATCH CORD, YELLOW10FT 0.5mm间距板对板连接器
|
HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
|