Part Number Hot Search : 
28F008S3 LS373 80010 C02WDS3 MCH6626 F2002 CDBN0145 MA4P159
Product Description
Full Text Search
  coded Datasheet PDF File

For coded Found Datasheets File :: 4092    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PTN3381DBS

NXP Semiconductors
Part No. PTN3381DBS
OCR Text ...onfigured to carry dvi or hdmi coded data, they do not comply with the electrical requirements of the dvi v1.0 or hdmi v1.3a specif ication. by using ptn3381d, chip set vendors are able to implement such reconfigurable i/os on mult i-mod...
Description Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting deep color mode
Enhanced performance HDMI/DVI level shifter with voltage regulator, dongle detection and supporting 3 Gbit/s operation

File Size 271.50K  /  30 Page

View it Online

Download Datasheet





   
Part No. PT65502L508 PT65503L508 PT65702L254 PT65706 PT65106L254
OCR Text ...y coded hexadec. (06) 16 positions dial no. 1 2 4 8 0 1 2 3 4 5 6 7 8 9 a b c d e f codes code 12 ...
Description ROTARY coded SWITCH-10POSITIONS, BCD COMPLEMENT, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE
ROTARY coded SWITCH-16POSITIONS, BINARY coded HEXADECIMAL, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE
ROTARY coded SWITCH-16POSITIONS, BCH COMPLEMENT, LATCHED, 0.4A, 24VDC, THROUGH HOLE-STRAIGHT
ROTARY coded SWITCH-16POSITIONS, BCH COMPLEMENT, LATCHED, 0.4A, 24VDC, THROUGH HOLE-RIGHT ANGLE

File Size 156.62K  /  4 Page

View it Online

Download Datasheet

    ANALOG DEVICES INC
Part No. ADC1113
OCR Text ...dcl13 3 produces natural binary coded outputs when configured as a unipolar device; as a bipolar device it can produce either offset binary or two's complement output codes. the most significant bit is represented by pin 27 (the msb output)...
Description 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, DMA28

File Size 1,790.86K  /  4 Page

View it Online

Download Datasheet

    PDUMV40

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. PDUMV40
OCR Text ... breakers and outlets are color-coded to match each independent 20a circuit, allowing simplified cable management for multi-server configurations (each circuit is agency de-rated to 16a continuous) dual digital current monitoring displays (...
Description Single-Phase Metered PDU, 3.8kW 20A 120V two independent circuits, 0U vertical mount mount, 32 NEMA

File Size 513.41K  /  5 Page

View it Online

Download Datasheet

   
Part No. ERG16-112 ERG16-312
OCR Text coded switches rotary coded switches bcd (10 position) and hexadecimal (16 position), real and complementary codes. fully sealed and suitable for flow soldering and solvent cleaning, these switches have a black polyamide casing (ul94 rated)...
Description ROTARY coded SWITCH-16POSITIONS, HEXADECIMAL, LATCHED, 0.125A, 30VDC, THROUGH HOLE-STRAIGHT

File Size 67.91K  /  2 Page

View it Online

Download Datasheet

   
Part No. MA15530CC MA15530CFS
OCR Text ... the sync and the manchester ii coded data are chip transmitted through the bipolar one and bipolar zero outputs, the encoder adds on an additional bit which is the parity for that word . at any time a low in output inhibit input will fo...
Description DATACOM, MANCHESTER ENCODER/DECODER, CDIP24
DATACOM, MANCHESTER ENCODER/DECODER, CDFP24

File Size 949.18K  /  14 Page

View it Online

Download Datasheet

    ATMEL CORP
Part No. M44C510-P40
OCR Text ... minimal external components coded reset and watchdog timer ** power-on reset and abrown outo function power-down mode 2.4 v to 6.2 v supply voltage data retention down to 2 v in sleep mode efficient, hardware-controlled interr...
Description 4-BIT, MROM, MICROCONTROLLER, PDIP40

File Size 1,082.94K  /  57 Page

View it Online

Download Datasheet

    SK6-6

List of Unclassifed Manufacturers
Part No. SK6-6
OCR Text ...h child safety covers and color-coded cord identifiers. features 8 outlets with child safety covers 8-ft. cord with space-saving right-angle plug $35,000 ultimate lifetime insurance (usa and canada only) covers connected equipment - surge ...
Description 8-Outlet, Protect It! Surge Suppressor

File Size 479.46K  /  4 Page

View it Online

Download Datasheet

    FR01SR16P FR01SR16P-S FR01SC10P FR01SC10P-S FR01SC10P-W-S FR01KC16H-06XL FR01KC16H-06XL-S FR01AC10PB-W-S FR01AR10PB-W-S

List of Unclassifed Manufacturers
List of Unclassifed Manufac...
List of Unclassifed Man...
Part No. FR01SR16P FR01SR16P-S FR01SC10P FR01SC10P-S FR01SC10P-W-S FR01KC16H-06XL FR01KC16H-06XL-S FR01AC10PB-W-S FR01AR10PB-W-S FR01AR16PB-W-S FR01FC10P FR01FC10P-W-S FR01FC10H-06XL FR01FC10H-06XL-S FR01FC16P-S FR01FC16P-W-S FR01FC10H-S FR01FC16H-06XL-S FR01FC16H-S FR01KC16P-S FR01SC16P-S FR01KC16P-W-S FR01KC10H-06XL-S FR01KC10H-S FR01KC10P FR01KC10P-S FR01KC16H-S FR01KC10P-W-S FR01KR10H-06XL-W FR01KR16H-06XL-S FR01KR10P FR01AR16HB-06XL FR01AR16HB-06XL-S
OCR Text ...tuator colors: orange for real coded devices; yellow for complement coded devices. (6.7) .264 (0.8) .031 (1.1) .043 (4.0) .157 01 through-hole mounting p fr bracket no code no bracket *b with bracket * for actuator a only pc terminals...
Description 10mm DIP Rotaries

File Size 418.67K  /  9 Page

View it Online

Download Datasheet

    B32529C6103M000 B32520C6103M000 B32529C6222K289 B32520C6222K289 B32529C6102J189 B32529C6102K000 B32529C6103J189 B32529C6

EPCOS
Part No. B32529C6103M000 B32520C6103M000 B32529C6222K289 B32520C6222K289 B32529C6102J189 B32529C6102K000 B32529C6103J189 B32529C6103K000 B32529C6103J000 B32529C6103K289 B32529C6102J000 B32529C6102J289 B32529C6102K189 B32529C6102M000 B32529C6103J289 B32529C6102K289 B32529C6102M289 B32529C6103K189 B32529C3104K B32529C3103K B32529C8472K189 B32529C1103J B32529C1102J289 B32529C154K189 B32529C6222M189 B32520C6222M189 B32520C6103K289 B32520C6103J000 B32520C6103J189 B32520C6103J289 B32520C6103K000 B32520C6103K189 B32520C6103M189 B32520C6103M289 B32520C3104K
OCR Text ...urer's logo, rated capacitance (coded), cap. tolerance (code letter), rated dc voltage, date of manufacture (coded), coded type ("1") for lead spacing 5 mm, series and lot number for lead spacing 3 10 mm delivery mode bulk (untaped) taped (...
Description Film Capacitors - Metallized Polyester (MKT)

File Size 819.29K  /  49 Page

View it Online

Download Datasheet

For coded Found Datasheets File :: 4092    Search Time::1.282ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of coded

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5440409183502