PART |
Description |
Maker |
LTC1517CS5-3.3 15173F LTC1517-3.3 |
Micropower, Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO5 From old datasheet system Micropower/ Regulated 3.3V Charge Pump in a 5-Pin SOT-23 Package
|
Linear Technology, Corp.
|
ASM5P2308AGG1-16-ST ASM5I2308A-1-16-SR ASM5I2308A- |
LM4041 Precision Micropower Shunt Voltage Reference; Package: SC-70; No of Pins: 5 LM40 Hardware Monitor with Dual Thermal Diodes and SensorPath™ Bus; Package: TSSOP; No of Pins: 14 LM4051 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 LM4041 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 PAPER TONER TRANSFER, 10 SHEETS RES SMD TF 1/8W 1% 475R 0805 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 3.3V Zero-Delay Buffer 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LM4120 Precision Micropower Low Dropout Voltage Reference; Package: SOT-23; No of Pins: 5 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LM4050 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 Header Connector,Cable Mnt,PLUG,12 Contacts,0.1 Pitch,LOCKING MECH RoHS Compliant: Yes 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LM4041 Precision Micropower Shunt Voltage Reference; Package: TO-92; No of Pins: 3 2308 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16
|
ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
ASM5P23S08AGG1-16-ST ASM5I23S08A ASM5I23S08A-1-16- |
3.3V Zero Delay Buffer LM4128 SOT-23 Precision Micropower Series Voltage Reference; Package: SOT-23; No of Pins: 5 3.3零延迟缓冲器 3.3V Zero Delay Buffer 3.3零延迟缓冲器 LM4050 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 LM4050 Precision Micropower Shunt Voltage Reference; Package: SOT-23; No of Pins: 3 3.3零延迟缓冲器 3.3V Zero Delay Buffer 23S SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PDSO16 CONN RCPT 2COND 4.8MM TAB SNAPIN
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor ...
|
AD8502ARJZ-REEL7 AD8502ARJZ-R2 AD8504ARUZ AD8504AR |
1 µA Micropower CMOS Operational Amplifier; Package: SOT-23; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 5500 uV OFFSET-MAX, 0.007 MHz BAND WIDTH, PDSO8 1 muA Micropower CMOS Operational Amplifiers
|
Analog Devices, Inc.
|
0757300117 75730-0117 |
4.00mm (.157) EXTreme MicroPower Header, 17 Circuits, 3.06mm (.120) Tail Length
|
Molex Electronics Ltd.
|
0757300105 75730-0105 |
4.00mm (.157) EXTreme MicroPower Header, 5 Circuits, 3.06mm (.120) Tail Length
|
Molex Electronics Ltd.
|
LT1615-1 LT1615ES5 |
100mA Micropower Step-Up DC/DC Converters in SOT-23 Micropower Step-Up DC/DC Converters in ThinSOT
|
Linear
|
LT1783IS5 LT1783HS6PBF LT1783CS6TRM LT1783CS6PBF |
Operational Amplifier 1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40° to 125°C OP-AMP, 3100 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO6 1.25MHz, Over-The-Top Micropower, Rail-to-Rail Input and Output Op Amp in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C OP-AMP, 1050 uV OFFSET-MAX, 1.3 MHz BAND WIDTH, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD5301 AD5301BRM AD5301BRT AD5321 AD5321BRM AD5321 |
2.5 V to 5.5 V, 120 uA, 2-Wire Interface, Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, 140 A, 2-Wire Serial Input, Voltage Output 8/10/12-Bit DACs 2.5 V to 5.5 V, 120 A, 2 Wire Interface, Voltage Output 12-Bit DAC in SOT-23 and MicroSOIC Packages 2.5 V to 5.5 V, 120 A, 2 Wire Interface, Voltage Output 8-Bit DAC in SOT-23 and MicroSOIC Packages
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1985-1.8 LTC1985ES5-1.8 LTC1985ES5-1.8PBF |
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package; Package: SOT; No of Pins: 5; Temperature Range: -40°C to 125°C 3-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Linear Technology, Corp. http://
|
LT6700 LT6700-3 LT6700-2 LT6700-1 |
Micropower, Low Voltage SOT-23 Dual Comparator with 400mV Reference Micropower, Low Voltage, SOT-23, Dual Comparator with 400mV Reference
|
Linear
|
|