Part Number Hot Search : 
331M10 BR203 UPD65630 VCX2154A 10H100F 478DP BZV55C39 HC373A
Product Description
Full Text Search
  off Datasheet PDF File

For off Found Datasheets File :: 211883    Search Time::2.468ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    2SA1010 2SA1010-AZ 2SA10102

NEC[NEC]
Part No. 2SA1010 2SA1010-AZ 2SA10102
OCR Text ...5.0 A, IB1 = -IB2 = -0.5 A, VBE(off) = 5.0 V, L = 180 H, clamped IC = -10 A, IB1 = -1.0 A, IB2 = -0.5 A, VBE(off) = 5.0 V, L = 180 H, clamped VCB = -100 V, IE = 0 VCE = -100 V, RBE = 51 , Ta = 125 C VCE = -100 V, VBE(off) = 1.5 V VCE = -100...
Description Silicon transistor
SILICON POWER TRANSISTOR
7 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-220AB SC-46, 3 PIN

File Size 115.28K  /  6 Page

View it Online

Download Datasheet





    2SA1104

WINGS[Wing Shing Computer Components]
Part No. 2SA1104
OCR Text ... PARAMETER Collector-base cut-off current Emitter-base cut-off current Collector-emitter breakdown voltage Collector-emitter saturation voltages DC current gain Transition frequency at f = 5MHz Collector capacitance at f = 1MHz On times T...
Description Silicon Epitaxial Planar Transistor(GENERAL DESCRIPTION)

File Size 78.06K  /  1 Page

View it Online

Download Datasheet

    LTC2952

Linear Technology
Part No. LTC2952
OCR Text ... main functions: pushbutton on/off control of system power, ideal diode powerpath? controllers and system monitoring. the ltc2952s pushbutton input, which pro- vides on/off control of system power, has independently adjustable on and of...
Description Pushbutton PowerPathTM Controller with Supervisor

File Size 293.24K  /  30 Page

View it Online

Download Datasheet

    SSM6N48FU

Toshiba Semiconductor
Part No. SSM6N48FU
OCR Text ...note 3) 16 ? ? v drain cut-off current i dss v ds = 30 v, v gs = 0 v ? ? 1 a gate leakage current i gss v gs = 12 v, v ds = 0 v ? ? 1 a gate threshold voltage v th v ds = 3 v, i d = 0.1 ma 0.8 ? 1.5 v forwa...
Description Load Switching Applications

File Size 171.07K  /  5 Page

View it Online

Download Datasheet

    TOSHIBA
Part No. SSM6N40TU
OCR Text ... ? 9.5 ? switching time turn-off time t off v dd = 15 v, i d = 0.5 a v gs = 0 to 4 v, r g = 10 ? 9.0 ? ns drain-source forward voltage v dsf i d = -1.6 a, v gs = 0 v (note 2) ? -0.8 -1.2 v note 2: pulse ...
Description Small-signal MOSFET 2 in 1

File Size 219.12K  /  7 Page

View it Online

Download Datasheet

    NVD4815N

ON Semiconductor
Part No. NVD4815N
OCR Text ...test condition min typ max unit off characteristics drain ? to ? source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 30 v drain ? to ? source breakdown voltage temperature coefficient v (br)dss / t j 25 mv/ c zero gate voltage ...
Description 30 V, 35 A, Single N?Channel, DPAK/IPAK

File Size 150.08K  /  8 Page

View it Online

Download Datasheet

    NVD4804N NVD4804NT4G NTD4804NT4G

ON Semiconductor
Part No. NVD4804N NVD4804NT4G NTD4804NT4G
OCR Text ...test condition min typ max unit off characteristics drain?to?source breakdown voltage v (br)dss v gs = 0 v, i d = 250 a 30 v drain?to?source breakdown voltage temperature coefficient v (br)dss /t j 26 mv/ c zero gate voltage drain cur...
Description Power MOSFET 30 V, 117 A, Single N?Channel, DPAK/IPAK

File Size 85.64K  /  8 Page

View it Online

Download Datasheet

    SamHop Microelectronics
Part No. SP3900
OCR Text ... 17 4.6 t d(on) 6 ns t r ns t d(off) ns t f ns v ds =10v,v gs =0v switching characteristics v dd =15v i d =1a v gs =10v r gen = 6 ohm total gate charge rise time turn-off delay time fall time turn-on delay time m ohm v gs =10v , i...
Description Dual N-Channel Enhancement Mode Field Effect Transistor

File Size 108.83K  /  7 Page

View it Online

Download Datasheet

For off Found Datasheets File :: 211883    Search Time::2.468ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of off

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.48461508750916