PART |
Description |
Maker |
APL5546-AKAI-TRL |
Dual Channel 500mA/500mA Regulator Reset IC
|
Anpec Electronics Coropration
|
MAX1792 MAX1792EUA MAX1792EUA15 MAX1792EUA18 MAX17 |
500mA, Low-Dropout Linear Regulator in µMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.225 V DROPOUT, PDSO8 500mA Low-Dropout Linear Regulator in uMAX 500mA Low-Dropout Linear Regulator in MAX 500mA Low-Dropout Linear Regulator in レMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
RT9167 RT9167-33CB RT9176_A-15CB RT9176_A-15CBR RT |
1.8V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.7V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.6V low-noise, fixed output voltage 200mA/500mA LDO regulator 1.5V low-noise, fixed output voltage 200mA/500mA LDO regulator PREMIUM RS232 DATA CBL DB25 MALE - DB25 FEMALE PREMIUM RS232 DATA CBL DB25 MALE - DB25 MALE CONNECTOR ACCESSORY D52 - BACKSHELL NON-ENVIRON EMI-RFI STRT PREMIUM RS232 DATA CBL DB25 FEMALE - DB25 FEMALE LOW NOISE FIXED OUTPUT VOLTAGE 200MA/500MA LDO REGULATOR 低噪声固定输出电00MA/500MA LDO稳压 EDQ MOLDED 25C 20FT MF 低噪声固定输出电00MA/500MA LDO稳压 IC ENCODER TRANSMITTER RF 8DIP 低噪声固定输出电00MA/500MA LDO稳压 TRANSFORMER 0.50MH 1:1.3 PULSE 低噪声固定输出电00MA/500MA LDO稳压 INDUCTOR, 470UHINDUCTOR, 470UH; Inductance:470uH; Inductor type:Inductor; Current, DC max:0.64A; Resistance:0.16R; Case style:D; Diameter, PCB hole:0.64mm; Flammability rating:UL94V-0 低噪声固定输出电00MA/500MA LDO稳压 Connector assemblies 低噪声固定输出电00MA/500MA LDO稳压
|
RichTek ETC Electronic Theatre Controls, Inc.
|
AME8753 AME8753AEZA2533Z |
Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
|
Analog Microelectronics
|
APL5522KAC-TRG APL5522KC-TRG |
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
|
Anpec Electronics Corop...
|
MIC5216 MIC5216-3.0BM5 MIC5216-3.0BMM MIC5216-3.3B |
500mA-Peak Output LDO Regulator Preliminary Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 500mA-Peak Output LDO Regulator Preliminary Information 3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO8 3-A Active Bus Termination/ DDR Memory DC/DC Converter 20-HTSSOP -40 to 85
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
5962-8969106XX 5962-8969102XX 5962-8969101XX 5962- |
High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smartphones x8 SRAM White LED Camera-Flash Boost Converter 5-Channel Slim DSC Power Supplies Low-Input-Voltage, 500mA LDO Regulator with Active-Low RESET in SOT and TDFN x8的SRAM
|
TOKO, Inc.
|
2N2311 2N2314 2N2364A 2N2317 2N2310 2N2353A 2N2352 |
TRANSISTOR | BJT | NPN | 100V V(BR)CEO | 500MA I(C) | TO-46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 50V V(BR)CEO | 500MA I(C) | TO-46 晶体管|晶体管|叩| 100V的五(巴西)总裁| 500mA的一(c)|的TO - 46 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Central Semiconductor, Corp.
|
2SC3599D 2SC3596E 2SC3597E 2SA1849D 2SA1403C 2SC44 |
SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 300MA I(C) | TO-126 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 500MA I(C) | TO-126 TRANSISTOR | BJT | PNP | 70V V(BR)CEO | 500MA I(C) | SIP 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 500MA I(C) | TO-220AB TRANSISTOR | BJT | PNP | 120V V(BR)CEO | 200MA I(C) | TO-126 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 300MA I(C) | TO-126 晶体管|晶体管|进步党| 60V的五(巴西)总裁| 300mA的一(c)|26 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 晶体管|晶体管| npn型| 120伏特五(巴西)总裁| 200mA的一(c)|26 TRANSISTOR | BJT | NPN | 70V V(BR)CEO | 500MA I(C) | SIP 晶体管|晶体管|叩| 70V的五(巴西)总裁| 500mA的一(c)|园区
|
Advanced Interconnections, Corp. Electronic Theatre Controls, Inc. Sanyo Electric Co., Ltd.
|
RT9186A-33PF RT9186A-33PQV RT9186A-25PF RT9186A-25 |
Low Profile 500mA LDO with Enable and Power Good/Reset
|
Richtek Technology Corporation
|
LT3021 LT3021-1.2 LT3021-1.8 LT3021EDH-1.5 LT3021E |
500mA, Low Voltage, Very Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 500mA, Low Voltage, Very Low Dropout Linear Regulator 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO16
|
Linear Technology, Corp. http:// Linear Technology Corporation LINER[Linear Technology]
|
CS8129YT5G CS8129YTVA5G CS8129 CS8129YDW16 CS8129Y |
5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold 5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold(5.0 V, 750 mA带较低复位(RESET)门限的低压差线性稳压器) 5V, 750mA Low Dropout Linear Regulator with Lower RESETbar Threshold; Package: SO-16 WB; No of Pins: 16; Container: Tape and Reel; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO16
|
ONSEMI[ON Semiconductor]
|