Part Number Hot Search : 
HA178M06 2N1534A SD36L MM3Z18VS ANTX2 01610 ST24C01R W8362
Product Description
Full Text Search
  3.2 Datasheet PDF File

For 3.2 Found Datasheets File :: 192697    Search Time::2.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    TA165-182-32-32

Transcom, Inc.
Part No. TA165-182-32-32
OCR Text 32-32 REV0_20040412 16.5 - 18.2 GHz 32 dBm Amplifier FEATURES * SSG : 32 dBm] min.^ * P1dB : 32 dBm] min.^@ 16.5-18.0GHz * P1dB : 31 dBm(min.) @18.0-18.2GHz * NF : 9.0 dB] max.^ * Bias Condition: 3500 mA @ 12 V ELECTRICAL SPECIFICATION...
Description 16.5 - 18.2 GHz 32 dBm Amplifier

File Size 91.25K  /  2 Page

View it Online

Download Datasheet





    PDM-32-2.3G

Merrimac Industries, Inc.
Part No. PDM-32-2.3G
OCR Text 32-2.3G 0 POWER DIVIDER / COMBINER 2.0 to 2.5 GHz / 3-Way / Excellent Phase & Ampli. Bal./ High Output Isolation / 40 W Failsafe / SMA PRINCIPAL SPECIFICATIONS Model Number PDM-32-2.3G Freq. Coupling, Range, dB, GHz Nom. 2.0 - 2.5...
Description 0 POWER DIVIDER / COMBINER

File Size 120.49K  /  1 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
ALSC[Alliance Semiconductor Corporation]
Part No. ASM5I9658G-32-LR ASM5I9658 ASM5I9658-32-ER ASM5I9658-32-LR ASM5I9658G-32-ER
OCR Text ...ack Drives up to 20 clock lines 32 lead LQFP packaging Pin and function compatible to the MPC958 and MPC9658 ASM5I9658 and the reference clock frequency determines the VCO frequency. Both must be selected to match the VCO frequency ra...
Description Octal D-Type Flip-Flops With Clear 20-SOIC -40 to 85 9658 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32
3.3V 1:10 LVCMOS PLL Clock Generator 9658 SERIES, PLL BASED CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32

File Size 577.13K  /  14 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
ALSC[Alliance Semiconductor Corporation]
Part No. ASM5I9653AG-32-LR ASM5I9653A ASM5I9653A-32-ER ASM5I9653A-32-LR ASM5I9653AG-32-ER
OCR Text ...ack Drives up to 16 clock lines 32 lead LQFP & TQFP Packages Ambient temperature range 0C to +70C Pin and function compatible to the ASM5I9653A running at either 4x or 8x of the reference clock frequency. The ASM5I9653A is guaranteed ...
Description 3.3V 1:8 LVCMOS PLL Clock Generator 3.3 1:8的LVCMOS PLL时钟发生
3.3V 1:8 LVCMOS PLL Clock Generator 9653 SERIES, PLL BASED CLOCK DRIVER, 8 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32

File Size 646.25K  /  13 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
ALSC[Alliance Semiconductor Corporation]
Part No. ASM5I961CG-32-LT ASM5I961C ASM5I961C-32-LT ASM5I961CG-32-ET ASM5I961C-32-ET
OCR Text ...36. The device is packaged in a 32 lead LQFP and TQFP Packages. input Functional Description The ASM5I961C is a 2.5V or 3.3V compatible, 1:18 PLL based zero delay buffer. With output frequencies of up to 200MHz, output skews of 150pS th...
Description Low Voltage Zero Delay Buffer 961 SERIES, PLL BASED CLOCK DRIVER, 17 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32

File Size 681.48K  /  15 Page

View it Online

Download Datasheet

    ALSC[Alliance Semiconductor Corporation]
Part No. ASM5I9352G-32-LT ASM5I9352 ASM5I9352-32-ET ASM5I9352-32-LT ASM5I9352G-32-ET
OCR Text ...temperature range: -40C to +85C 32-Pin 1.0mm TQFP & LQFP Packages Functional Description The ASM5I9352 is a low voltage high performance 200MHz PLL-based zero delay buffer designed for high speed clock distribution applications. When PL...
Description CONNECTOR ACCESSORY
2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer

File Size 472.69K  /  12 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
ALSC[Alliance Semiconductor Corporation]
http://
Part No. ASM5I9351G-32-LT ASM5I9351 ASM5I9351-32-ET ASM5I9351-32-LT ASM5I9351G-32-ET
OCR Text ...temperature range: -40C to +85C 32-pin 1.0mm TQFP & LQFP Package. ASM5I9351 The ASM5I9351 features LVPECL and LVCMOS reference clock inputs and provides 9 outputs partitioned in 4 banks of 1, 1, 2, and 5 outputs. Bank A divides the VC...
Description 2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer 9351 SERIES, PLL BASED CLOCK DRIVER, 9 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32

File Size 519.79K  /  13 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
Vishay Intertechnology, Inc.
ALSC[Alliance Semiconductor Corporation]
Part No. ASM5I9350G-32-LT ASM5I9350 ASM5I9350-32-ET ASM5I9350-32-LT ASM5I9350G-32-ET
OCR Text ...temperature range: -40C to +85C 32-pin 1.0mm TQFP & LQFP Packages ASM5I9350 The ASM5I9350 features Xtal and LVCMOS reference clock inputs and provides nine outputs partitioned in four banks of 1, 1, 2, and 5 outputs. Bank A divides th...
Description Mechanism, 2-inch, front feed, w/ manual knob, platen detect & cutter (full cut) 200 MHz, OTHER CLOCK GENERATOR, PQFP32
3.3V 1:10 LVCMOS PLL Clock Generator 200 MHz, OTHER CLOCK GENERATOR, PQFP32
Mechanism, 2-inch, front feed, w/ manual knob, platen detect & cutter (full cut)
Mechanism, high speed, ELM w/latch lever

File Size 470.31K  /  12 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
ALSC[Alliance Semiconductor Corporation]
Part No. ASM2I99456G-32-LT ASM2I99456 ASM2I99456-32-ER ASM2I99456-32-ET ASM2I99456-32-LR ASM2I99456-32-LT ASM2I99456G-32-ER ASM2I99456G-32-ET ASM2I99456G-32-LR
OCR Text ...output bank Tristatable outputs 32 LQFP and TQFP Packages Ambient Operating temperature range of -40 to 85C Pin and Function compatible to MPC9456 ASM2I99456 specified for the extended temperature range of -40 to 85C. The ASM2I99456 i...
Description 3.3V/2.5V LVCMOS Clock Fanout Buffer 99456 SERIES, LOW SKEW CLOCK DRIVER, 10 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32

File Size 550.45K  /  14 Page

View it Online

Download Datasheet

    Alliance Semiconductor, Corp.
ALSC[Alliance Semiconductor Corporation]
Part No. ASM2I9942PG-32-LT ASM2I9942P ASM2I9942P-32-ER ASM2I9942P-32-ET ASM2I9942P-32-LR ASM2I9942P-32-LT ASM2I9942PG-32-ER ASM2I9942PG-32-ET ASM2I9942PG-32-LR
OCR Text ...equire either 2.5V or 3.3V. The 32 lead LQFP and TQFP package is chosen to optimize performance, board space and cost of the device. The 32-lead LQFP and TQFP have a 7x7mm2 body size with conservative 0.8mm pin spacing. Microprocessor Su...
Description Low Voltage 1:18 Clock Distribution Chip 低压1:18时钟分配芯片
CAP 6000UF 250V ELECT SCREW TERM 9942 SERIES, LOW SKEW CLOCK DRIVER, 18 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32
Low Voltage 1:18 Clock Distribution Chip 9942 SERIES, LOW SKEW CLOCK DRIVER, 18 TRUE OUTPUT(S), 0 INVERTED OUTPUT(S), PQFP32
Film Capacitor; Capacitor Type:Suppression; Voltage Rating:200VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.5uF; Capacitance Tolerance: /- 20%; Lead Pitch:20.8mm; Package/Case:Radial; Series:Q/QRL

File Size 429.78K  /  10 Page

View it Online

Download Datasheet

For 3.2 Found Datasheets File :: 192697    Search Time::2.484ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 3.2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.53195190429688