PART |
Description |
Maker |
ISL2231710 ISL22317 ISL22317TFRTZ ISL22317UFRTZ IS |
Precision Single Digitally Controlled Potentiometer (XDCP Low Noise, Low Power, I-2CBus, 128 Taps Precision Single Digitally Controlled Potentiometer (XDCP垄芒) Precision Single Digitally Controlled Potentiometer (XDCP?? Precision Single Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
X93156WM8IZ-2.7 X93156 X93156UM8I-2.7 X93156UM8IZ- |
Digitally Controlled Potentiometer :SEMITOP-4; Voltage, Vceo:600V; Voltage, Vce sat max:1.9V; Current, Ic continuous a Digitally Controlled Potentiometer 50K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
X9269US24IZ X9269UV24-2.7T1 X9269TV24I-2.7 X9269TS |
Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R Dual Digitally-Controlled Potentiometers Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP T&R DUAL 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-TSSOP
|
http:// Intersil, Corp. INTERSIL CORP
|
EPA209-30 EPA209-10 EPA209-100 EPA209-15 EPA209-2 |
14 Pin DIP TTL Square-Wave Generator With Complimentary Output Analog IC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-SOIC Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled); Temperature Range: -40°C to 85°C; Package: 8-PDIP
|
PCA ELECTRONICS INC.
|
FX029 FX029DW |
Dual digitally controlled amplifier array Dual Digitally Controlled Amp Array
|
CONSUMER MICROCIRCUITS LIMITED
|
FX009 FX009LG FX009LS |
Digitally Controlled Amplifier Array Digitally Controlled Amp Array
|
CML Microcircuits
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
EP9604G-32 EP9604G-36 EP9604G-800 EP9604G-600 EP96 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
NXP Semiconductors N.V.
|
EP1K50TC144-1DX EP1K50TI144-1DX EP1K50FC484-2F EP1 |
Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R Dual LDO with Low Noise, Low IQ, and High PSRR; Temperature Range: -40°C to 85°C; Package: 10-DFN Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 5-SC-70 T&R Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA Field Programmable Gate Array (FPGA) 现场可编程门阵列FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 6-SC-70 T&R 现场可编程门阵列(FPGA Single Volatile 32-Tap Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 5-SOT-23 T&R
|
Taiyo Yuden Co., Ltd. Nihon Inter Electronics, Corp. Vectron International, Inc. Samsung Semiconductor Co., Ltd.
|
EPA230-TD-70 EPA230-TD-100 EPA230-TD-80 EPA230-TD- |
Logarithmic Digitally Controlled Potentiometer (XDCP), Terminal Voltage ±5V, 100 Taps, Log Taper; Temperature Range: -40°C to 85°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-PDIP Logarithmic Digitally Controlled Potentiometer (XDCP), Terminal Voltage ±5V, 100 Taps, Log Taper; Temperature Range: 0°C to 70°C; Package: 8-PDIP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-PDIP Delay Line 延迟
|
Honeywell International, Inc. NXP Semiconductors N.V.
|
EP9910-5I EP9910-7I EP9910-6H EP9910-1I EP9910-4H |
Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-MSOP Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 8-SOIC Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 8-SOIC Logic IC 逻辑IC Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-MSOP 逻辑IC
|
PCA Electronics, Inc.
|