PART |
Description |
Maker |
SC16IS741IPW |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support Single UART with I2C-bus-SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support 1 CHANNEL(S), 5M bps, I2C BUS CONTROLLER, PDSO16
|
NXP Semiconductors N.V.
|
SC16IS741 |
Single UART with I2C-bus/SPI interface
|
Philips Semiconductors
|
SC16IS740IPW SC16IS750 SC16IS750IBS SC16IS750IPW S |
Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT403-1 (TSSOP16); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO16 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Tube 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT355-1 (TSSOP24); Container: Reel Pack, SMD, 13", Turned 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PDSO24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support; Package: SOT616-3 (HVQFN24); Container: Tray Pack, Bakeable, Multiple 1 CHANNEL(S), 5M bps, SERIAL COMM CONTROLLER, PQCC24 Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
|
NXP Semiconductors N.V.
|
XR20M117209 XR20M1172 XR20M1172IG28 XR20M1172IL32 |
TWO CHANNEL I2C/SPI UART WITH 64-BYTE FIFO
|
Exar Corporation
|
MAX3107-15 |
SPI/I2C UART with 128-Word FIFOs
|
Maxim Integrated Produc...
|
MAX3108 |
SPI/I2C UART with 128-Word FIFOs in WLP
|
Maxim Integrated Products
|
P8XCL580HFH P80CL580 P83CL580 P8XCL580HFT |
Low voltage 8-bit microcontrollers with UART/ I2C-bus and ADC Low voltage 8-bit microcontrollers with UART, I2C-bus and ADC
|
NXP Semiconductors
|
STM8S103F3P3 STM8S103K3 STM8S103K2M3TR STM8S103K2M |
Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I2C
|
STMicroelectronics
|
STM32TS60ZH6Y STM32TS60 |
Multitouch screen controller device using a digital resistive touchpanel with I2C, SPI, UART and USB interfaces Multitouch screen controller device using a digital resistive touchpanel with I漏梅C, SPI, UART and USB interfaces
|
STMicroelectronics
|
CY8C28533-12AXQ |
Programmable System on a Chip; Voltage: 4.75V - 5.25V; GPIO: 40; Analog Blocks: 10; Digital Blocks: 12; Flash: 16KB; RAM: 1KB; Temp: Q; Comm: I2C, UART, SPI; Package: 44 TQFP MULTIFUNCTION PERIPHERAL, PQFP44
|
Cypress Semiconductor, Corp.
|
NM25C040 NM25C040LM8 NM25C040LVMT8 NM25W040LMT8X N |
4K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus) SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROM 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
|