PART |
Description |
Maker |
X9252WV24I-2.7 X9252WV24IZ-2.7 X9252YV24IZ-2.7 X92 |
Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface QUAD 100K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 Low Power Quad 256-Tap 2-Wire Bus Up/Down Interface QUAD 50K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24 PANAVISE CCTV CAMERA MOUNT BASES, COLOR: BLACK, TRI-FOOT
|
Intersil, Corp. 数字电位 INTERSIL[Intersil Corporation]
|
X9408WS24-2.7 X9408WP24-2.7 X9408WV24IZ-2.7 X9408W |
低噪低Power/2-Wire巴士 Hook-Up Wire; Conductor Size AWG:24; No. Strands x Strand Size:19 x 36; Jacket Color:Red; Approval Bodies:UL; Approval Categories:UL AWM Style 1180; Passes VW-1 Flame Test; Cable/Wire MIL SPEC:MIL-W-16878/5 Type EE RoHS Compliant: Yes Low Noise/Low Power/2-Wire Bus QUAD 2.5K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Intersil Corporation
|
X9409WV24IZ-2.7 X9409WV24I-2.7 X9409WV24-2.7 X9409 |
Low Noise/Low Power/2-Wire Bus QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24 Quad Digitally Controlled Potentiometers (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 64 POSITIONS, PDSO24
|
数字电位 Intersil, Corp. Aimtec
|
AT24C64 AT24C64-10PC AT24C64-10PC-1.8 AT24C64-10PC |
128 x 64 pixel format, LED or EL Backlight available 2-WireSerialEEPROM ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,M:ML043MW015 M Series (0.4") I/O Module 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Quadruple 2-Input Positive-OR Gates 14-VQFN -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 16 characters x 4 Lines, 5x7 Dot Matric Character and Cursor 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 CAP 2.2UF 16V 10% TANT SMD-3216-18 TR-13 4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 Hex Buffers And Line Drivers With 3-State Outputs 16-SSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 2-Wire Serial EEPROM 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14 Quadruple 2-Input Positive-OR Gates 14-TSSOP -40 to 85 8K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO14
|
ATMEL[ATMEL Corporation] Atmel Corp. ATMELCorporation Atmel, Corp. ATM Electronic, Corp. TE Connectivity, Ltd.
|
FM24C16 FM24C16U FM24C16U_17U FM24C17UFTN FM24C16U |
16K--Bit Standard 2-Wire Bus Interface Serial EEPROM 16K-Bit Standard 2-Wire Bus Interface Serial EEPROM From old datasheet system I2C Serial EEPROM I2C串行EEPROM
|
FAIRCHILD[Fairchild Semiconductor] L-com, Inc. Fairchild Semiconductor, Corp.
|
AT24C64A AT24C64A-10PI-1.8 AT24C64A-10PI-2.7 AT24C |
32/64K, 2-Wire Bus Serial EEPROM w/Cascadable Features, Full Write Protect and high speed at medium voltage. 2-Wire Serial EEPROM 32K (4096 x 8) 64K (8192 x 8)
|
ATMEL[ATMEL Corporation]
|
MAX5363 MAX5363EUT-T MAX5364 MAX5364EUT-T MAX5365 |
Low-Cost, Low-Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23 SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO6 Low-Cost Low-Power 6-Bit DACs with 3-Wire Serial Interface in SOT23 " Low-Cost, Low- Power, 6-Bit DACs with 3-Wire Serial Interface in SOT23"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
NM24C16 NM24C17 24C16 NM24C16LZEM8 NM24C16LEMT8 NM |
I2C Serial EEPROM 16K X 1 I2C/2-WIRE SERIAL EEPROM, PDSO8 16K-Bit Standard 2-Wire Bus Interface Serial EEPROM
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
ISL22419WFU8Z |
Single Digitally Controlled Potentiometer(XDCP) Low Noise, Low Power, SPI Bus, 128 Taps, Wiper Only 10K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 128 POSITIONS, PDSO8
|
Intersil, Corp.
|
FM24C08 FM24C08U FM24C16U_17U FM24C02U_03U FM24C04 |
8K--Bit Standard 2-Wire Bus Interface Serial EEPROM Circular Connector; No. of Contacts:5; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:14; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:14-5 K位标线总线接口的串行EEPROM I2C Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 I2C Serial EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVPS00; Number of Contacts:55; Connector Shell Size:17; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight K位标线总线接口的串行EEPROM 8K-Bit Standard 2-Wire Bus From old datasheet system
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
NM24C65 NM24C65FLZEN NM24C65FLZVN NM24C65FLZEM8 NM |
I2C Serial EEPROM 64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|