PART |
Description |
Maker |
PA826TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体
|
NEC Corp.
|
2SA1963 |
PNP Epitaxial Planar Silicon Transistor High-Frequecy Low-Noise Amplifier, Ultrahigh-Speed Switching Applications
|
Sanyo
|
2SC4092 2SC4092R4 2SC4092RD 2SC4092R5 2SC4092-T1 2 |
HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT For amplify high frequency and low noise.
|
NEC Corp. NEC[NEC]
|
P4SMA8.0 P4SMA9.0A P4SMA9.0C P4SMA9.0CA P4SMA9.0 P |
Reverse stand-off voltage: 110.00V surface mount transient voltage suppressor Single Output LDO, 200mA, Fixed(3.0V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(3.0V), Low Noise, High PSRR 5-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 200mA, Fixed(1.8V), High PSRR, Low Noise 5-SOT-23 -40 to 85 400W表面贴装瞬态电压抑制器 400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Adj.(1.2 to 5.5V), Low Noise, High PSRR 6-SOT-23 -40 to 125 400W表面贴装瞬态电压抑制器 Single Output LDO, 250mA, Fixed(2.5V), High PSRR, Low Noise 6-SOT-223 -40 to 85 400W表面贴装瞬态电压抑制器 Single Output LDO, 100mA, Fixed(4.7V), High PSRR, Low Noise 5-SOT-23 -40 to 125 IGBT with Anti-Parallel Diode; Package: PG-TO247-3; Switching Frequency: RC Soft Switching Series 8-60 kHz; Package: TO-247; VCE (max): 1,200.0 V; IC(max) @ 25°: 40.0 A; IC(max) @ 100°: 20.0 A Single Output LDO, 200mA, Fixed(2.85V), High PSRR, Low Noise 5-SOT-23 -40 to 85 Single Output LDO, 250mA, Fixed(1.8V), High PSRR, Low Noise 6-SOT-223 -40 to 85
|
ON Semiconductor Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics] http://
|
OP-37 OP-37A OP-37AH OP-37AJ8 OP-37C OP-37CH OP-37 |
From old datasheet system Low Noise, High Speed Precision Operational Amplifiers Low Noise / High Speed Precision Operational Amplifiers TOOLS,CRIMP,HAND,COMPRESSION TOOL, 8 AWG TO 2 AWG COPPER, 10 AWG TO 6 AWG ALUMINUM,TERMINALS & SPLICES,COMPRESSION TOOLS ,THOMAS & BETTS RoHS Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 50 uV OFFSET-MAX, 63 MHz BAND WIDTH, MBCY8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 50 uV OFFSET-MAX, 63 MHz BAND WIDTH, PDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 60 uV OFFSET-MAX, 63 MHz BAND WIDTH, MBCY8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 60 uV OFFSET-MAX, 63 MHz BAND WIDTH, CDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 300 uV OFFSET-MAX, 63 MHz BAND WIDTH, MBCY8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 300 uV OFFSET-MAX, 63 MHz BAND WIDTH, CDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 50 uV OFFSET-MAX, 63 MHz BAND WIDTH, CDIP8 TRANS NPN BIPOLAR 45V SOT323 OP-AMP, 220 uV OFFSET-MAX, 63 MHz BAND WIDTH, MBCY8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 300 uV OFFSET-MAX, 8 MHz BAND WIDTH, CDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 50 uV OFFSET-MAX, 8 MHz BAND WIDTH, CDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 50 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 220 uV OFFSET-MAX, 8 MHz BAND WIDTH, CDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 220 uV OFFSET-MAX, 8 MHz BAND WIDTH, PDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 60 uV OFFSET-MAX, 8 MHz BAND WIDTH, CDIP8 Low Noise, High Speed Precision Operational Amplifiers OP-AMP, 220 uV OFFSET-MAX, 63 MHz BAND WIDTH, CDIP8
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MGA-633P8-BLKG MGA-633P8-TR1G |
Ultra Low Noise, High Linearity Active Bias Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMITED
|
LTC1911-1.8 LTC1911-1.5 LTC1911EMS8-1.5PBF LTC1911 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 1800 kHz SWITCHING FREQ-MAX, PDSO8 250mA Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
MGA-634P8-TR1G MGA-634P8-BLKG |
Ultra Low Noise, High Linearity Low Noise Amplifi er
|
AVAGO TECHNOLOGIES LIMI...
|
BFP193 Q62702-F1282 BFP193Q62702-F1282 |
NPN Silicon RF Transistor (For low noise/ high-gain amplifiers up to 2GHz For linear broadband amplifiers) Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) NPN Silicon RF Transistor (For low noise, high-gain amplifiers up to 2GHz For linear broadband amplifiers) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
LT1028A LT1128A LT1028CSW |
Ultralow Noise Precision High Speed Op Amps Unity Gain Stable Ultra-Low Noise Precision High Speed Op Amp Ultra Low Noise Precision High Speed Op Amps
|
Linear Technology
|
HA1-5104_883 HA-5104883 HA-5104/883 |
Op Amp, Quad 8MHz, Unity Gain Stable, Low Noise, 883 Compliant Low Noise, High Performance, Quad Operational Amplifier
|
INTERSIL[Intersil Corporation]
|
HA4-5112883 HA-5104 |
Dual and Quad/ 8MHz and 60MHz/ Low Noise Operational Amplifiers Dual/ Low Noise/ High Performance Uncompensated Operational Amplifier
|
Intersil Corporation
|
|