PART |
Description |
Maker |
DM74ALS576SJX DM74ALS576A DM74ALS576A_04 DM74ALS57 |
ALS SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
LTC1771EMS8 LTC1771 LTC1771I LTC1771IS8 LTC1771ES8 |
Octal D-Type Edge-Triggered Read-Back Latches 24-SOIC 0 to 70 1 A SWITCHING CONTROLLER, PDSO8 Octal D-Type Edge-Triggered Read-Back Latches 24-PDIP 0 to 70 低静态电流高效率降压DC / DC控制 From old datasheet system Low Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp. LINER[Linear Technology]
|
U74LVC574L-P20-R U74LVC574L-R20-R U74LVC574L-S20-R |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS LVC/LCX/Z SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, TRUE OUTPUT, PDSO20
|
UNISONIC TECHNOLOGIES CO LTD
|
28F256 M28F256-90C1TR M28F256-90C3TR M28F256-90C6T |
Octal D-Type Transparent Latches With 3-State Outputs 20-SOIC 0 to 70 256K2K的8,芯片擦除)闪存 Octal D-Type Transparent Latches With 3-State Outputs 20-PDIP 0 to 70 256K32K的8,芯片擦除)闪存 256K(32K x8, Chip Erase)FLASH MEMORY 256K2K的8,芯片擦除)闪存 KAPTON STRAP F/GLASS TUBE PKG/5 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC 0 to 70 Octal D-Type Edge Triggered Flip-Flops with 3-State Outputs 20-SO 0 to 70 Octal D-Type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP 0 to 70 256K(32K x8 / Chip Erase)FLASH MEMORY 512 Kbit (64Kb x8 Bulk Erase)Flasxh Memory
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
HER103L HER103LG HER107L HER107LG HER104L HER104LG |
Octal D-type Transparent Latches With 3-State Outputs 20-CDIP -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-LCCC -55 to 125 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-CDIP -55 to 125 Asynchronous 14-Bit Binary Counters 20-LCCC -55 to 125 1.0安培。玻璃钝化高效整流二极管 1.0 AMP. GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS 1.0安培。玻璃钝化高效整流二极管 Quadruple 2-Input Positive-OR Gates 14-CFP -55 to 125 1.0安培。玻璃钝化高效整流二极管 Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125
|
JGD[Jinan Gude Electronic Device] 济南固锝电子器件有限公司 Jinan Gude Electronic Device Co., Ltd. 娴???洪??靛??ㄤ欢??????
|
U74LVC374G-P20-T |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
U74HCT374L-P20-R U74HCT374L-P20-T U74HCT374G-P20-R |
OCTAL EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
74LS374 HD74LS374 |
Octal D-type Flip-Flops with noninverted 3-state output Octal D-type Edge-triggered Flip-Flips(with three-state outputs)
|
HITACHI[Hitachi Semiconductor]
|
CD54AC374 CD54ACT374F CD54AC3743A CD54AC3743AF CD5 |
Octal D-Type Flip-Flop/ Three-State Positive-Edge Triggered/ Non-Inverting Octal D-Type Flip-Flop, Three-State Positive-Edge Triggered, Non-Inverting
|
INTERSIL[Intersil Corporation]
|
DM74S373 DM74S373N DM74S373WM DM74S374N DM74S374WM |
3-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|