Part Number Hot Search : 
GI7918A KU325N RL102GP SMDJ90A 34063 00022 V630M 74AHC1
Product Description
Full Text Search
  1.30v Datasheet PDF File

For 1.30v Found Datasheets File :: 440    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    IRF1407

International Rectifier
Part No. IRF1407
OCR Text ...rque, 6-32 or M3 screw Max. 130V 92V 520 330 2.2 20 390 See Fig.12a, 12b, 15, 16 4.6 -55 to + 175 300 (1.6mm from case ) 10 lbf*in (1.1N*m) Units A W W/C V mJ A mJ V/ns C Thermal Resistance Parameter RJC RCS RJA Junction-to-Ca...
Description Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A?
Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A?)
POWER MOSFET(VDSS=75V, RDS(ON)=0.0078OHM, ID=130Aㄌ)
Power MOSFET(Vdss=75V, Rds(on)=0.0078ohm, Id=130A)
Power MOSFET(Vdss=75V/ Rds(on)=0.0078ohm/ Id=130A)

File Size 126.10K  /  9 Page

View it Online

Download Datasheet





    FMMT413

ZETEX[Zetex Semiconductors]
Part No. FMMT413
OCR Text ..., IB=1mA VC=110V, CCE=4.7nF* VC=130V, CCE=4.7nF* IC=10mA, VCE=10V Collector Cut-Off Current ICBO IEBO VCE(sat) VBE(sat) IUSB hFE V V A A *Measured within a circuit possessing an approximate loop inductance of 12nH. The I(USB) monit...
Description NPN SILICON PLANAR AVALANCHE TRANSISTOR

File Size 89.55K  /  2 Page

View it Online

Download Datasheet

    ZTX1055 ZTX1055A

ZETEX[Zetex Semiconductors]
Part No. ZTX1055 ZTX1055A
OCR Text ...0mA IC=100A, VEB=1V IE=100A VCB=130V VEB=4V VCES=130V IC=0.1A, IB=5mA* IC=1A, IB=20mA* IC=3A, IB=150mA* IC=3A, IB=150mA* IC=3A, VCE=10V* IC=10mA, VCE=10V* IC=1A, VCE=10V* IC=3A, VCE=10V* IC=6A, VCE=10V* MHz pF ns ns IC=50mA, VCE=10V f=100MH...
Description NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR

File Size 121.87K  /  4 Page

View it Online

Download Datasheet

    ZUMT413

ZETEX[Zetex Semiconductors]
Part No. ZUMT413
OCR Text ..., IB=1mA VC=110V, CCE=4.7nF* VC=130V, CCE=4.7nF* IC=10mA, VCE=10V Collector Cut-Off Current ICBO Emitter Cut-Off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current in Second Breakdown (Pulsed) Static For...
Description Obsolete
NPN SILICON PLANAR AVALANCHE TRANSISTOR

File Size 53.23K  /  2 Page

View it Online

Download Datasheet

    HV7022-C HV7022DJ-C HV7022PJ-C HV7022X-C RBHV7022DJ-C

Supertex, Inc.
SUTEX[Supertex, Inc]
Supertex Inc
Supertex Inc
Part No. HV7022-C HV7022DJ-C HV7022PJ-C HV7022X-C RBHV7022DJ-C
OCR Text ...RL = 2 k to 95V IO = 50 mA,VOH =130V RL = 2 k to 30V IO = -50 mA,VOH =195V RL = 2 k to 95V IO = 50 mA,VOH =130V RL = 2 k to 30V With one active output driving a 4.7 nF load to VPP or GND Conditions 2 HV7022-C Recommended Operating ...
Description 34-Channel Symmetric Row Driver

File Size 449.30K  /  6 Page

View it Online

Download Datasheet

    V175LA10A V175LA2 V175LA20A V175LA5 V230LA10 V230LA20A V230LA4 V230LA40A V300LA10 V300LA2 V300LA20A V300LA4 V300LA40A V2

Littelfuse, Inc.
LITTELFUSE[Littelfuse]
Part No. V175LA10A V175LA2 V175LA20A V175LA5 V230LA10 V230LA20A V230LA4 V230LA40A V300LA10 V300LA2 V300LA20A V300LA4 V300LA40A V250LA10 V250LA40A V275LA40A V480LA40A V510LA40A V575LA40A V625LA40A V275LA10 V275LA2 V275LA20A V275LA4 V275LA40B V130LA20B V130LA2 V130LA20A V420LA10 V420LA40B V420LA7 V1000LA160B V1000LA80A V660LA50A LA V130LA1 V130LA10A V130LA5 V140LA10A V140LA2 V140LA20A V140LA5 V150LA1 V150LA10A V150LA2 V150LA20A V150LA20B V150LA5 V250LA2 V250LA20A V250LA4 V250LA40B V320LA10 V320LA20A V320LA40B V320LA7 V385LA10 V385LA20A V385LA40B V385LA7 V420LA20A V460LA7 V480LA10 V480LA7 V480LA80B V510LA10 V510LA80B V575LA10 V575LA80B V625LA10 V625LA80B V660LA100B
OCR Text ... a VM(AC)RMS voltage range from 130V to 1000V, and an energy absorption capability up to 360J. Some LA series model numbers are available with clamping voltage selections, designated by a model number suffix of either A or B. The "A" select...
Description Line Voltage Operation, Radial Lead 线电压工作,径向引线
POWER QUICC II MICROCODE
Line Voltage Operation/ Radial Lead
Line Voltage Operation Radial Lead

File Size 387.90K  /  10 Page

View it Online

Download Datasheet

    HGTP10N40C1 HGTP10N40E1 HGTP10N50C1 HGTP10N50E1 HGTH12N40C1 HGTH12N40E1 HGTH12N50C1 HGTH12N50E1

INTERSIL[Intersil Corporation]
Part No. HGTP10N40C1 HGTP10N40E1 HGTP10N50C1 HGTP10N50E1 HGTH12N40C1 HGTH12N40E1 HGTH12N50C1 HGTH12N50E1
OCR Text ...8 VGE, GATE-EMITTER VOLTAGE (V) 130V 375 6 250 NOTE: FOR TURN-OFF GATE CURRENTS IN EXCESS OF 3mA. VCE TURN-OFF IS NOT ACCURATELY REPRESENTED BY THIS NORMALIZATION. COLLECTOR-EMITTER VOLTAGE 0 20 IG(REF) IG(ACT) TIME (s) 80 IG(REF) ...
Description 10A 12A 400V and 500V N-Channel IGBTs
10A, 12A, 400V and 500V N-Channel IGBTs
10A/ 12A/ 400V and 500V N-Channel IGBTs

File Size 38.49K  /  7 Page

View it Online

Download Datasheet

    STLC5444 STLC5444B1 STLC5444FN 1572

STMicroelectronics N.V.
ST Microelectronics
意法半导
STMICROELECTRONICS[STMicroelectronics]
SGS Thomson Microelectronics
Part No. STLC5444 STLC5444B1 STLC5444FN 1572
OCR Text ...CD TECHNOLOGY SUPPORTING UP TO -130V AUTOMATIC THERMAL SHUTDOWN STATUS CONDITION DETECTION (BY MICROPROCESSOR) FOR EACH LINE: - Low output voltage - Openloop - Current overload - Thermal overload - Normal line condition PROGRAMMABLE CURRENT...
Description QUAD FEEDER POWER SUPPLY 四馈线电
From old datasheet system

File Size 139.33K  /  17 Page

View it Online

Download Datasheet

    FMMT618 FMMT617 FMMT619 FMMT625 FMMT624

ZETEX[Zetex Semiconductors]
Part No. FMMT618 FMMT617 FMMT619 FMMT625 FMMT624
OCR Text ...A IC=10mA* IE=100A VCB=100V VCB=130V VEB=4V VCES=100V VCES=130V IC=0.1A, IB=10mA* IC=0.1A, IB=1mA* IC=0.5A, IB=50mA* IC=0.5A, IB=10mA* IC=1A, IB=50mA* IC=1A, IB=50mA* IC=1A, VCE=10V* IC=10mA, VCE=10V* IC=0.2A, VCE=10V* IC=1A, VCE=10V* IC=3A...
Description From old datasheet system
NPN SILICON POWER (SWITCHING) TRANSISTORS

File Size 295.04K  /  4 Page

View it Online

Download Datasheet

For 1.30v Found Datasheets File :: 440    Search Time::1.391ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.30v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
3.0100769996643