PART |
Description |
Maker |
UAA2080TD |
3.3V range 8-bit MCU for automotive with 16/32 Kbyte Flash or 16 Kbyte ROM, 10-bit ADC, 4 timers, SPI and SCI interfaces 询价/ FSK信号解调
|
ALPS Electric Co., Ltd.
|
ST10F272M-4QR3 ST10F272M-4Q3 ST10F272M-4T3 ST10F27 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F272B12 ST10F272E12 |
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
|
STMicroelectronics
|
ST10F272 ST10F272Z2Q3 ST10F272Z2T3 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
STMicroelectronics
|
ST10F272M-4T3 ST10F272M-4TR3 |
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
|
意法半导
|
ST10F28012 |
16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
|
STMicroelectronics
|
ATMEGA329P ATMEGA329P_06 ATMEGA3290P ATMEGA3290PV |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
AT89C51AC3 |
8-bit microcontroller with A/D converter and 64-Kbyte Flash. 2-Kbyte RAM, 2-Kbyte EEPROM, SPI. Power Fail Detect (no need for external ...
|
Atmel
|
ST7FLCD1 ST7FLCD1G9M1 |
60 KBYTE FLASH 8-BIT MCU FOR LCD MONITORS WITH 2K RAM, 8-BIT ADC, TIMER, PWMS, 2 DDC, I2C, IFR 8-bit MCU for LCD Monitors with 60 KBytes Flash,2 KBytes RAM, 2 DDC Ports and Infrared Controller
|
ST Microelectronics STMicroelectronics
|
ST72324BK2 ST72F324BK2B5 ST72F324BK2B6 ST72F324BK2 |
8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
STMicroelectronics
|
DSPIC33FJ32MC102 DSPIC33FJ32MC101 DSPIC33FJ32MC104 |
16-Bit Digital Signal Controllers up to 32-Kbyte Flash and 2-Kbyte SRAM
|
Microchip Technology
|