PART |
Description |
Maker |
RT9285CPQW RT9285CPQX RT9285CGQW RT9285CGQX RT9285 |
Tiny Package, High Performance, Diode Embedded White LED Driver
|
Richtek Technology Corporation
|
KB4312 KB4312B-GRE KB4312A-GRE |
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
|
Kingbor Technology Co
|
AD7492AR AD7492ARU-5 AD7492BR AD7492BRU-5 AD749201 |
Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC 1MSPS, 4mW Internal Ref & Clk, 12-Bit Parallel ADC IC,A/D CONVERTER,SINGLE,12-BIT,SOP,24PIN 1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC 500kHz High Efficiency 3A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: 0°C to 70°C 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: PDIP; No of Pins: 8; Temperature Range: -40°C to 85°C 500kHz High Efficiency 3A Switching Regulator; Package: TO-220; No of Pins: 7; Temperature Range: 0°C to 70°C RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS A/D CONVERTER A / D转换 500kHz High Efficiency 6A Switching Regulator; Package: DD PAK; No of Pins: 7; Temperature Range: -40°C to 85°C 的A / D转换
|
Analog Devices Inc NEC, Corp. Electronic Theatre Controls, Inc.
|
TLHP4201 TLHY4205 TLHG4200 TLHG4201 TLHG4205 TLHGY |
High Efficiency LED, 3 mm Tinted Undiffused Package High Efficiency LED 3 mm Tinted Undiffused Package Publications, Books High Efficiency LED/ 3 mm Tinted Undiffused Package LEDs
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
TLHG4900 TLHR4900 TLHY4900 TLH4900 TLHO4900 TLHP49 |
High Efficiency LED in 3 mm Clear Package From old datasheet system High Efficiency LED in 3 mm Clear Package
|
VISAY[Vishay Siliconix] TFUNK[Vishay Telefunken]
|
LTC1929CG LTC1929IG LTC1929 LTC1929-PG |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 2-Phase, High Efficiency,Synchronous Step-Down Switching Regulators 2-Phase, High Efficiency,Synchronous Step-DownSwitching Regulators
|
Linear Technology Corporation
|
TLHR54 TLHR5400 TLHR5401 TLHR5405 TLH54_64 TLHR640 |
High Efficiency LED in 5 mm Tinted Diffused Package From old datasheet system High Efficiency LED in 5 mm Tinted Diffused Package
|
Vishay Telefunken VISAY[Vishay Siliconix]
|
TLHB4201 TLHB4200 TLHB420 TLHB420_ |
High Efficiency Blue LED/ 3 mm Tinted Non.Diffused Package High Efficiency Blue LED, 3 mm Tinted Non.Diffused Package From old datasheet system
|
Vishay Telefunken VISAY[Vishay Siliconix]
|
TC1016 TC1016-1.85VCTTR TC1016-1.85VLTTR |
TC1016 is a high accuracy (typically ±0.5%) CMOS upgrade for bipolar low dropout regulators. It is offered in an SC-70 package, ... 80MA TINY CMOS LDO WITH SHUTDOWN
|
Microchip Technology
|
LT1170CQPBF LT1172CQPBF LT1172CS8PBF |
500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 Dual High Efficiency, Low Noise, Synchronous Step-Down Switching Regulators
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
BFY50 BFY51 BFY52 |
ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% NPN medium power transistors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|