Part Number Hot Search : 
MC34081 3V16X2 2SA1400 FR101G MJD31 60210RFK RB551 BXY56
Product Description
Full Text Search
  tiny Datasheet PDF File

For tiny Found Datasheets File :: 5340    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD[Analog Devices]
Part No. ADR318ARJ-REEL7 ADR318 ADR318ARJ-R2 ADR318ARJ-REEL
OCR Text ... Temperature Range: 0 C to 70 C tiny 5-Lead SOT-23 Package APPLICATIONS Battery Powered Instrumentation Portable Medical Instruments Data Acquisition Systems Industrial Process Control Systems Fault Protection Critical Systems Precision ...
Description 1.8 V Precision Voltage Reference
Precision Low Drift SOT-23 Voltage Reference with Shutdown

File Size 185.72K  /  8 Page

View it Online

Download Datasheet





    Analog Integrations, Corp.
AIC[Analog Intergrations Corporation]
Analog Integrations Corporation
Part No. AIC1647PVTR AIC1647 AIC1647CVBG AIC1647CVTR AIC1647PVBG
OCR Text ...70A Matches LED Current Require tiny Inductors and Capacitors tiny SOT23-5 Package DESCRIPTION AIC1647 is a fixed frequency step-up DC/DC converter designed to drive white LEDs with a constant current to provide backlight in handheld de...
Description WHITE LED STEP-UP CONVERTER IN SOT23 白光LED升压型转换器在SOT23封装

File Size 297.78K  /  11 Page

View it Online

Download Datasheet

    AME[Analog Microelectronics]
Part No. AME5142AEEYADJZ AME5142 AME5142AEEVADJY AME5142AEEVADJZ AME5142AEEYADJY
OCR Text tiny Package SOT-26/TSOT-26 Top View AME5142AEEV 1. SW 2. GND 6 5 4 AME5142AEEY 1. SW 2. GND AME5142 3. FB 4. EN 5. IN AME5142 3. FB 4. EN 5. OVP 1 2 3 1 2 3 6. IN * Die Attach: Conductive Epoxy * ...
Description White LED Boost Converter In tiny Package

File Size 194.25K  /  18 Page

View it Online

Download Datasheet

    SNC5A9

SONiX Technology Company
Part No. SNC5A9
OCR Text ...e circuit. it built-in a 4-bit tiny controller with one 4-bit input port, two 4-bit output ports and three 4-bit i/o ports. by programming through the tiny controller in snc5a9, user?s varied applications including voice section combi ...
Description Two Channel Direct Drive Speech Controller

File Size 286.41K  /  12 Page

View it Online

Download Datasheet

    MP1527DM MP1527DR EV0034 MP1527

Monolithic Power System...
MPS[Monolithic Power Systems]
Part No. MP1527DM MP1527DR EV0034 MP1527
OCR Text ...requency step-up converter in a tiny 16 lead QFN package. The high 1.3MHz switching frequency allows for smaller external components producing a compact solution for medium-to-high current step-up, flyback, and SEPIC applications. The MP152...
Description 2A, 1.3MHz Step-Up Converter

File Size 265.65K  /  14 Page

View it Online

Download Datasheet

    MAX13181E MAX13181EELB MAX13182E MAX13182EELB MAX13182EESD MAX13183E MAX13183EELB MAX13184E MAX13184EELB MAX13184EESD

http://
Maxim Integrated Products
Part No. MAX13181E MAX13181EELB MAX13182E MAX13182EELB MAX13182EESD MAX13183E MAX13183EELB MAX13184E MAX13184EELB MAX13184EESD
OCR Text ...duplex RS-485 transceivers in a tiny 2mm x 2mm DFN package. These devices are designed for space-constrained applications by including extended ESD protection to 15kV per Human Body Model (HBM) and integrating pullup/pulldown resistors on t...
Description 5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN
5.0V, 【15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in uDFN

File Size 294.53K  /  18 Page

View it Online

Download Datasheet

    LINER[Linear Technology]
Part No. LTC1408IUH LTC1408 LTC1408CUH
OCR Text ...ingle 3V supply, and comes in a tiny 32 pin (5mm x 5mm) QFN package. A SLEEP shutdown feature lowers power consumption to 6W. The combination of low power and tiny package makes the LTC1408 suitable for portable applications. The LTC1408 co...
Description Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown

File Size 477.55K  /  20 Page

View it Online

Download Datasheet

    PCF85263AT PCF85263ATL PCF85263ATT1

NXP Semiconductors
Part No. PCF85263AT PCF85263ATL PCF85263ATT1
OCR Text ...cameras ? white goods pcf85263a tiny real-time clo ck/calendar with ala rm function, battery switch-over, time stamp input, and i 2 c-bus rev. 1 ? 18 april 2014 product data sheet 1. the definition of the abbreviations and acronyms used in...
Description tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus

File Size 816.10K  /  99 Page

View it Online

Download Datasheet

    LINER[Linear Technology]
Part No. LTC2450IDCTRPBF LTC2450 LTC2450CDCTRMPBF LTC2450CDCTRPBF LTC2450IDCTRMPBF
OCR Text tiny 16-Bit DS ADC Description The LTC(R)2450 is an ultra-tiny 16-bit analog-to-digital converter. The LTC2450 uses a single 2.7V to 5.5V supply, accepts a single-ended analog input voltage, and communicates through an SPI interface. It in...
Description Easy-to-Use, Ultra-tiny 16-Bit ADC

File Size 613.34K  /  20 Page

View it Online

Download Datasheet

For tiny Found Datasheets File :: 5340    Search Time::1ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of tiny

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.49226808547974