PART |
Description |
Maker |
ASRD803D-TR ASRD814T-TR ASRD803T-TR ASRD814D-TR AS |
SURFACE MOUNT STEP RECOVERY DIODE SILICON, STEP RECOVERY DIODE SURFACE MOUNT STEP RECOVERY DIODE 表面贴装阶跃恢复二极
|
Advanced Semiconductor, Inc. ADVANCED SEMICONDUCTOR INC
|
ILC6363 ILC6363CIR50X ILC6363CIRADJX ILC6363CIR33 |
Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries 1 A BATTERY CHARGE CONTROLLER, 345 kHz SWITCHING FREQ-MAX, PDSO8 MSOP-8 STEP-UP/STEP DOWN DC-DC
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MA44700 MAVR-044768-12790T MAVR-044767-0287AT MAVR |
Surface Mount Low Power Step Recovery Diodes
|
M/A-COM Technology Solutions, Inc.
|
SI-8000JD11 |
Surface-Mount, Separate Excitation Step-down Switching Mode
|
Sanken electric
|
SI-8000SD11 |
Surface Mount, Separate Excitation Step-down Switching Mode
|
Sanken electric
|
SI-8050SD SI-8033SD |
Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
|
Sanken electric
|
ASRD80004 ASRD808 ASRD806 ASRD803 |
SURFACE MOUNT STEP RECOVERY DIODE SURFACE MOUNT STEP RECOVERY DIODE
|
Advanced Semiconductor
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
ADP3000AR-12-REEL ADP3000AR-3.3-REEL ADP3000AR-REE |
Micropower Step-Up/Step-Down Fixed 3.3 V, 5 V, 12 V, Adjustable High Frequency Switching Regulator
|
Analog Devices
|
RT9907PQV |
3 Channel DC/DC Converters IC with High-Efficiency Step-Up and Step-Down 3通道DC / DC转换器集成电路的高效率升压和降压
|
Richtek Technology, Corp.
|
MAX1878ETC MAX187811 |
Dual-Output Step-Down and LCD Step-Up Power Supply for PDAs
|
Maxim Integrated Products Maxim Integrated Produc...
|
SI-8000Q SI-8005Q |
Surface Mount, Current Mode Cntrol Step-down Switching Mode
|
Sanken electric
|