Part Number Hot Search : 
AH293AP MICRO B125C FN429 PE9420 SF82KS 09066 30102
Product Description
Full Text Search
  step Datasheet PDF File

For step Found Datasheets File :: 36160    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Infineon
Part No. SAK-C167SR-LCGA-step SAK-C167XR-4RCGA-step SAK-C167CR-LCGA-step
OCR Text step ga data sheet 1999-11 (bare die delivery) c167cr-xc step ga www.infineon.com edition 1999-11 published by infineon technologies ag, st.-martin-strasse 53 d-81541 mnchen ? infineon technologies ag 1999. all rights reserved. atte...
Description 16-Bit Microcontrollers - 16-Bit CMOS Microcontroller (25MHz)

File Size 504.59K  /  22 Page

View it Online

Download Datasheet





    Infineon
Part No. SAK-C167CS-4RMCA-step SAK-C167CS-L40MCA-step SAK-C167CS-LMCA-step SAB-C167CS-LMCA-step SAK-C167CS-4R40MCA-step
OCR Text ...rting with and including design step BA. For simplicity all versions are referred to by the term C167CS throughout this document. Data Sheet 2 V2.2, 2001-08 C167CS-4R C167CS-L Ordering Information The ordering code for In...
Description 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz)
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (40MHz)

File Size 863.41K  /  81 Page

View it Online

Download Datasheet

    Infineon
Part No. SAK-C167CR-L33MGAGA-T-step SAK-C167XR-4RMGAGA-T-step SAK-C167CR-4R33MGAGA-T-step SAK-C167CR-16RMHA SAKC167CR-16RMGAGA-T-step SAB-C167CR-LMHA-step SAK-C167CR-4R33MHA-step SAK-C167CR-4RMHA-step SAK-C167CR-LMHA-step
OCR Text ...rting with and including design step ga(-t)6. program memory xram can interface sak-c167sr-lm sab-c167sr-lm sak-c167sr-l33m sab-c167sr-l33m --- 2 kbyte --- sak-c167cr-lm saf-c167cr-lm sab-c167cr-lm sak-c167cr-l33m sab-c167cr-l33m --- 2 kbyt...
Description 16-Bit Microcontrollers - 16-Bit CMOS microcontroller (33MHz)
16-Bit Microcontrollers - 16-Bit CMOS microcontroller (25MHz)
High-end 16-bit Microcontroller with optional on-chip CAN

File Size 842.27K  /  74 Page

View it Online

Download Datasheet

    Infineon
Part No. SAFC164CI-8EMC-step
OCR Text data sheet 02.98 preliminary mi c r o c omp u ter componen t s c16 4 c i 1 6 -bit cmos single-chip microcontroller h t tp://www .siemens.de/ semiconductor/ controller area network (can): license of robert bosch gmbh c164ci revis...
Description 16-Bit Microcontrollers - 64 K OTP, 2 K RAM, CAN, Drive Control Unit, 20 MHz

File Size 335.98K  /  53 Page

View it Online

Download Datasheet

    AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50

AD[Analog Devices]
Analog Devices, Inc.
Part No. AD5220 AD5220BN10 AD5220BN100 AD5220BN50 AD5220BR10 AD5220BR100 AD5220BR50 AD5220BRM10 AD5220BRM100 AD5220BRM50
OCR Text ... provides a constant resistance step size that is equal to the end-to-end resistance divided by the number of positions (e.g., Rstep = 10 k/ 128 = 78 ). The variable resistor offers a true adjustable value of resistance, between the A termi...
Description    Increment/Decrement Digital Potentiometer
2-Channel/ 256-Position Digital Potentiometer
TRIM POT ST-32TG 20 OHMS
Toggle Switch; Circuitry:DPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes

File Size 263.70K  /  10 Page

View it Online

Download Datasheet

    AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5222 AD5222BR10 AD5222BR100 AD5222BR1M AD5222BR50 AD5222BRU10 AD5222BRU100 AD5222BRU1M AD5222BRU50
OCR Text ... provides a constant resistance step size that is equal to the end-to-end resistance divided by the number of positions (e.g., R step = 10 k/128 = 78 ). The variable resistor offers a true adjustable value of resistance, between Terminal A ...
Description Increment/Decrement Dual Digital Potentiometer
Dual, Increment/Decrement Digital Potentiometer

File Size 173.37K  /  10 Page

View it Online

Download Datasheet

    AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227

Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5227 AD5227BUJZ100-R22 AD5227BUJZ100-RL72 AD5227BUJZ10-R22 AD5227BUJZ10-RL72 AD5227BUJZ50-R22 AD5227BUJZ50-RL72 AD5227EVAL AD5227BUJZ100-R2 AD5227BUJ10-RL7 AD5227BUJZ10-R2 AD5227BUJZ50-R2 AD5227BUJ50-RL7 AD5227BUJZ10-RL7 AD5227BUJZ100-RL7 AD5227BUJZ50-RL7
OCR Text ...27 is Analog Devices' latest 64-step up/down control digital potentiometer1. This device performs the same electronic adjustment function as a 5 V potentiometer or variable resistor. Its simple 3-wire up/down interface allows manual switchi...
Description 64-Position Up/Down Control Digital Potentiometer 64工位下控制数字电位器
64-Position Digital Up/Down Control Potentiometer

File Size 324.12K  /  16 Page

View it Online

Download Datasheet

    AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228

AD[Analog Devices]
Part No. AD5228 AD5228BUJZ1002-R2 AD5228BUJZ1002-RL7 AD5228BUJZ102-R2 AD5228BUJZ102-RL7 AD5228BUJZ502-R2 AD5228BUJZ502-RL7 AD5228EVAL AD5228BUJZ100-R2 AD5228BUJZ100-RL7 AD5228BUJZ10-R2 AD5228BUJZ10-RL7 AD5228BUJZ50-R2 AD5228BUJZ50-RL7
OCR Text ...-in adaptive debouncer Discrete step-up/step-down control Autoscan up/down control with 4 steps per second Pin-selectable zero-scale/midscale preset Low potentiometer mode tempco, 5 ppm/C Low rheostat mode tempco, 35 ppm/C Digital control c...
Description 32-Position Manual Up/Down Control Potentiometer

File Size 334.30K  /  20 Page

View it Online

Download Datasheet

    SC4620810 SC4620812 SC4620815 SC4620818 SC4620825 SC4620833

Silan Microelectronics Joint-stock
Part No. SC4620810 SC4620812 SC4620815 SC4620818 SC4620825 SC4620833
OCR Text step-DOWN DC-DC CONVERTER DESCRIPTION SC46208 is a synchronous step-down DC-DC converter with high efficiency. It adopts small flat package. The device features 2.5~5.5V input voltage, 600mA output current, peak current mode PWM and integ...
Description 1.25MHz, 600mA, HIGH EFFICIENCY SYNCHRONOUS step-DOWN DC-DC CONVERTER

File Size 468.34K  /  10 Page

View it Online

Download Datasheet

For step Found Datasheets File :: 36160    Search Time::1.063ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of step

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.9628920555115