PART |
Description |
Maker |
AM29C116-1/BUA AM29C116/BUA AM29C116-2PC AM29C116- |
-100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a 18-pin LCC package; A IRHE9130 with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1323N2M with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; A OM1324SMM with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; A IRHNA7160 with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; A OM1321NKM with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1322NKM with Standard Packaging 250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-3 package; A IRHNB7264SE with Standard Packaging 16-Bit Microprocessor 16位微处理 60V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package; A IRHSNA57064 with Standard Packaging 16位微处理 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; Qualified Part Number similar to OM1320N2M 16位微处理 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1325SMM with Standard Packaging 16位微处理
|
16位微控制 AverLogic Technologies, Corp. GC Electronics Amphenol, Corp.
|
LT1111CS8-5TRPBF LT1111IS8-5 LT1111IJ8-5 LT1111IN8 |
Micropower DC/DC Converter Adjustable and Fixed 5V, 12V; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8 SWITCHING REGULATOR, PDSO8 SWITCHING REGULATOR, CDIP8 SWITCHING REGULATOR, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
OM8501SC OM8501SF |
Hi-Rel Fixed 2.5V Linear Regulator in a 8-Pin FLAT-PAK Package Hi-Rel Fixed 2.5V Linear Regulator in a MO-078AA Package
|
International Rectifier
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
OMR9604SC OMR9604SF |
Hi-Rel Adjustable 1.2V-3.2V Linear Radiation Hardened Regulator in a MO-078AA Package Hi-Rel Adjustable 1.2V-3.2V Linear Radiation Hardened Regulator in a 8-Pin FLAT-PAK Package
|
International Rectifier
|
LT1085LCC4 LT1085LCC4-8QR-B |
3A Ceramic Surface Mount Low Dropout Positive Adjustable Voltage Regulator For HI-REL Application(Military Version)(3A 浣??宸?????绋冲???HI-REL搴??,?????琛ㄨ创??) 3A Ceramic Surface Mount Low Dropout Positive Adjustable Voltage Regulator For HI-REL Application(Military Version)(3A 低压差正可调稳压HI-REL应用,军用表贴) CERAMIC SURFACE MOUNT LOW DROPOUT POSITIVE ADJUSTABLE VOLTAGE REGULATOR FOR HI-REL APPLICATIONS
|
TT electronics Semelab Limited SEME-LAB[Seme LAB] http://
|
MC33362DWG MC33362DWR2 MC33362DWR2G MC3336206 MC33 |
High Voltage Switching Regulator 2 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDSO13
|
ONSEMI[ON Semiconductor]
|
MC33363APG |
High Voltage Switching Regulator 1.5 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP16
|
ON Semiconductor
|
LT1959 LT1959C LT1959IRPBF |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
LT1376HVCSTR LT1376CSTRPBF LT1376HVCSPBF LT1375IS8 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO16 500kHz and 1MHz High Efficiency 1.5A Switching Regulators; Package: SO; No of Pins: 8; Temperature Range: -40?°C to 85?°C 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDSO8 3 A SWITCHING REGULATOR, 570 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|