Part Number Hot Search : 
SK510 PD50N 224006 DS1973 SD103B 20122 85230 MNADJR
Product Description
Full Text Search
  1.8v Datasheet PDF File

For 1.8v Found Datasheets File :: 9804    Search Time::0.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Sanyo Semiconductor
Part No. SB05-18V
OCR Text 18V Schottky Barrier Diode 180V, 500mA Rectifier Applications * High frequency rectification (switching regulators, converters, choppers). Package Dimensions unit:mm 1289 [SB05-18V] Features * Low forward voltage (VF max=0.85...
Description Schottky Barrier Diode 180V, 500mA Rectifier
Shottky Barrier Diode

File Size 61.24K  /  2 Page

View it Online

Download Datasheet





    BABCOCK INC
Part No. BR5-1KC1-18V BR5-2KB1-26V
OCR Text ...00()() - 12v br5 - 1k()() - 18v br5 - 2k()() - 26v nominal coil voltage 12 vdc 18 vdc 26 vdc maximum coil voltage 14.8 vdc 22 vdc 32 vdc pull in voltage (max @ +125 o c) 9.5 vdc 14 vdc ...
Description POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.018A (COIL), 18VDC (COIL), 324mW (COIL), 1A (CONTACT), 28VDC (CONTACT), THROUGH HOLE-STRAIGHT MOUNT
POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.013A (COIL), 26VDC (COIL), 338mW (COIL), 1A (CONTACT), 28VDC (CONTACT), PANEL MOUNT

File Size 129.26K  /  2 Page

View it Online

Download Datasheet

    JO21-1.8V

Jauch Quartz Gmbh
Part No. JO21-1.8v
OCR Text Oscillator * JO21 * 1.8 V SMD Oscillator with Stop Function * 2.0 x 1.6 mm actual size ultra small package very low current consumption reflow soldering temperature: 260 C max. ultra flat ceramic / metal package 2002/95/EC RoHS co...
Description SMD Oscillator with Stop Function

File Size 172.35K  /  2 Page

View it Online

Download Datasheet

    JO22-1.8V

Jauch Quartz Gmbh
Part No. JO22-1.8v
OCR Text Oscillator * JO22 * 1.8 V SMD Oscillator with Stop Function * 2.5 x 2.0 mm actual size very low current consumption low phase noise type for WLAN available** reflow soldering temperature: 260 C max. ultra flat ceramic / metal package ...
Description SMD Oscillator with Stop Function

File Size 160.81K  /  2 Page

View it Online

Download Datasheet

    VX3-1.8V

http://
Jauch Quartz Gmbh
Part No. VX3-1.8v
OCR Text Oscillator * VX3 * 1.8 V SMD Oscillator with Stop Function * 7.0 x 5.0 mm actual size preferred type for extended temperature range reflow soldering temperature: 260 C max. full ceramic package 2002/95/EC RoHS compliant Pb free: pi...
Description SMD Oscillator with Stop Function

File Size 143.37K  /  2 Page

View it Online

Download Datasheet

    JO32-1.8V

Jauch Quartz Gmbh
Part No. JO32-1.8v
OCR Text jauch quartz gmbh ? e-mail: info@jauch.de full data can be found under: www.jauch.de / www.jauch.fr / www.jauchusa.com all specifications are subject to change without notice rohs 2002/95/ec pb free: pins / pads rohs compliant oscillator ...
Description SMD Oscillator with Stop Function

File Size 148.69K  /  2 Page

View it Online

Download Datasheet

    JPO22-1.8V JPO22-2.5V JPO22-3.3V

Jauch Quartz Gmbh
Part No. JPO22-1.8v JPO22-2.5V JPO22-3.3V
OCR Text Programmed Oscillator * JPO22 * 3.3/2.5/1.8 V Programmed SMD CMOS Oscillator 2.5 x 2.0 mm actual size fast delivery service tristate or stop function available reflow soldering temperature: 260 C max. RoHS compliant, ceramic/metal pac...
Description Programmed SMD CMOS Oscillator

File Size 166.06K  /  2 Page

View it Online

Download Datasheet

    JO42-1.8V

Jauch Quartz Gmbh
Part No. JO42-1.8v
OCR Text jauch quartz gmbh
Description Low Power/Low Frequency Oscillator

File Size 173.32K  /  2 Page

View it Online

Download Datasheet

    TJ3966T-1.8V TJ3966T-3.3V TJ3966GR-3.3V-5L TJ3966DP-1.8V TJ3966R-1.2V-3L TJ3966R-1.2V-5L TJ3966R-ADJ-5L TJ3966RS-2.5V-5L

HTC Korea TAEJIN Technology Co.
http://
Part No. TJ3966T-1.8v TJ3966T-3.3V TJ3966GR-3.3V-5L TJ3966DP-1.8v TJ3966R-1.2V-3L TJ3966R-1.2V-5L TJ3966R-ADJ-5L TJ3966RS-2.5V-5L TJ3966R-2.5V-3L TJ3966RS-5.0V-5L TJ3966GRS-1.8v-5L TJ3966GR-1.8v-3L TJ3966RS-5.0V-3L TJ3966GRS-3.3V-5L TJ3966GRS-3.3V-3L TJ3966R-2.5V-5L TJ3966T-1.2V TJ3966GR-1.8v-5L TJ3966GR-3.3V-3L TJ3966T-ADJ TJ3966R-5.0V-3L TJ3966RS-3.3V-5L TJ3966R-3.3V-3L TJ3966GR-2.5V-5L TJ3966R-3.3V-5L TJ3966DP-1.2 TJ3966DP-ADJ TJ3966RS-1.2V-3L TJ3966RS-1.2V-5L TJ3966GR-ADJ-5L TJ3966GRS-ADJ-5L TJ3966RS-ADJ-5L TJ3966GRS-2.5V-5L TJ3966GRS-5.0V-3L TJ3966GRS-5.0V-5L TJ3966GRS-1.2V-3L TJ3966GRS-1.2V-5L TJ3966GRS-2.5V-3L TJ3966RS-3.3V-3L TJ3966GR-1.2V-5L TJ3966GR-1.2V-3L TJ3966GR-2.5V-3L TJ3966T-2.5V TJ3966R-1.8v-3L TJ3966RS-1.8v-3L TJ3966R-1.8v-5L TJ3966RS-1.8v-5L TJ3966GR-5.0V-5L TJ3966R-5.0V-5L TJ3966GR-5.0V-3L
OCR Text 3.0a ultra low dropout linear regulator tj3966 aug. 2010 - rev. 1.7.1 - 1 - htc sop8-pp pkg to-252 3l/ 5l pkg ...
Description 3.0A Ultra Low Dropout Linear Regulator

File Size 285.82K  /  11 Page

View it Online

Download Datasheet

For 1.8v Found Datasheets File :: 9804    Search Time::0.734ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 1.8v

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.800961971283