PART |
Description |
Maker |
ICL7665S06 ICL7665SAIBAZA ICL7665SAIPAZ ICL7665SIB |
CMOS Micropower Over/Under Voltage Detector; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL[Intersil Corporation]
|
HIN208CA-T HIN202CBN-T HIN202CB-T |
5V Powered RS-232 Transmitters/Receivers with 0.1µF External Capacitors; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R QUAD LINE TRANSCEIVER, PDSO24 LINE TRANSCEIVER, PDSO16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
ICL320705 ICL3217IBZ ICL3207 ICL3207CA ICL3207CAZ |
Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
X9250TS24ZT1 |
Quad Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R QUAD 100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO24
|
Intersil, Corp.
|
ISL9212A ISL9212AIRZ ISL9200EVAL1 ISL9212AIRZ-T |
Charging System Safety Circuit; Temperature Range: -40°C to 85°C; Package: 12-DFN T&R SWITCHING REGULATOR, PDSO12
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
EL7900ILCZ-EVALZ EL7900ILCZ-T13 |
Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 5-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO5
|
Intersil, Corp. Intersil Corporation
|
HIP9011ABT |
Engine Knock Signal Processor; Temperature Range: -25°C to 85°C; Package: 20-SOIC T&R SPECIALTY ANALOG CIRCUIT, PDSO20
|
Intersil, Corp.
|
EDI8F82048C85BSC |
40MHz Non-Inverting Quad CMOS Driver; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R x8的SRAM模块
|
KEMET Corporation
|
HIP6604BCRZ-T |
Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 16-QFN T&R 0.73 A HALF BRDG BASED MOSFET DRIVER, PQCC16
|
Intersil, Corp. INTERSIL CORP
|
DG403DY-T |
Monolithic CMOS Analog Switches; Temperature Range: -40°C to 85°C; Package: 16-SOIC T&R DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDSO16
|
Intersil, Corp.
|
350874-3 1-794762-5 2-480705-0 1-1123688-7 5223957 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); UMNL SOK 18-14 .0125 PTPPHBZ ( AMP ) .250" Centerline, 600 V, 19 – 36 A max Quick Reference Guide 2-Piece Power Connectors MULTI–BEAM XL™ – Power Distribution (W–to–B) Connector System VITA 46 Connectors Sealed Universal MATE–N–LOK Connectors VITA 62 Connectors
|
Tyco Electronics
|