PART |
Description |
Maker |
HFCN-1910 |
HI PASS FLTR /SURF MT / T&R / RoHS
|
Mini-Circuits
|
HA9P5020-5X96 |
100MHz Current Feedback Video Amplifier With Disable; Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R
|
INTERSIL CORP
|
X9258TZ24I-2.7T1 |
Low Noise, Low Power, 2-Wire Bus, 256 Taps Quad Digital Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 24-TSSOP T&R
|
INTERSIL CORP
|
NCP1422MNR2 |
800 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer
|
ON SEMICONDUCTOR
|
ZL2005PALPFT ZL2005PALPFT1 |
Digital-DC™ Controller with Drivers and POLA/DOSA Trim Description; Temperature Range: -40°C to 85°C; Package: 36-QFN T&R SWITCHING CONTROLLER, 1400 kHz SWITCHING FREQ-MAX, QCC36
|
Intersil, Corp.
|
PA10A |
Linear Op-Amp, 90V, 5A "Select" Grade RoHS Compliant: Yes OP-AMP, 4000 uV OFFSET-MAX, 4 MHz BAND WIDTH, CBFM8
|
Cirrus Logic, Inc.
|
LT1014ISW LT1013CJ8 LT1013ACJ8 LT1013MJ8 LT1013ACH |
Quad Precision Op Amp (LT1014) Dual Precision Op Amp (LT1013); Package: SO; No of Pins: 16; Temperature Range: -40°C to 85°C QUAD OP-AMP, 400 uV OFFSET-MAX, PDSO16
|
Linear Technology, Corp.
|
HI5714_4CBZ HI5714_7CB-T HI5714_7CBZ-T HI571404 HI |
8-Bit, 40/60/75/80 MSPS A/D Converter; Temperature Range: 0°C to 70°C; Package: 24-SOIC T&R 1-CH 8-BIT RESISTANCE LADDER ADC, PARALLEL ACCESS, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL97650BIRTZ-TK |
4-Channel Integrated LCD Supply; Temperature Range: -25°C to 85°C; Package: 36-TQFN T&R
|
INTERSIL CORP
|
ISL6615AFRZ ISL6615ACRZ-T ISL6615ACBZ ISL6615AIBZ |
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 6 A AND GATE BASED MOSFET DRIVER, PDSO10
|
Intersil Corporation Intersil, Corp.
|