PART |
Description |
Maker |
ID8155 8156H P8155 P8156 8155H D8156 D8155H-2B ID8 |
2048-Bit Static MOS RAM with I/O Ports and Timer 2048-Bit Static MOS RAM with I/O Ports and Timer 22 I/O, PIA-GENERAL PURPOSE, CDIP40 RESISTOR CER .30 OHM 3W RADIAL 2048位静态马鞍山内存与I / O端口和定时器 (ID8155 / ID8156) 2048-Bit Static MOS RAM with I/O Ports and Timer
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc.
|
CXK5816 CXK5816PN CXK5816PN_M-10 CXK5816PN_M-10L C |
2048 word x 8 Bit High Speed CMOS Static RAM 2048-WORD 8 BIT HIGH SPEED CMOS STATIC RAM
|
Sony Corporation
|
K6T1008C2C K6T1008C2C-RB55 K6T1008C2C-RB70 K6T1008 |
128K X 8 STANDARD SRAM, 70 ns, PDSO32 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功CMOS静态RAM 128K x8 bit Low Power CMOS Static RAM 128K的x8位低功耗CMOS静态RAM 55/70ns; V(cc): 4.5 to 5.5V; 128 x 8-bit low power CMOS static RAM 55ns; 128 x 8-bit low power CMOS static RAM 70ns; 128 x 8-bit low power CMOS static RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Electronic
|
UPD4016 |
2048 x 8 Bit Static NMOS RAM
|
NEC
|
LC3517 LC3516 LC3516D LC3516L LC3517L LC3517D |
2048 WORDS x8 BITS CMOS STATIC RAM From old datasheet system
|
Sanyo Electric Co.,Ltd. Sanyo Semicon Device
|
8156H-2 8156H 8155H 8155H-2 |
2048-BIT STATIC HMOS RAM WITH I/O PORTS AND TIMER
|
Intel Corp. INTEL[Intel Corporation]
|
M5M5256CP-10LL M5M5256CP-10XL M5M5256CP-85LL M5M52 |
262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word8位)的CMOS静态RAM 262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM 262144位(32768 - Word位)的CMOS静态RAM 262144-bit (32768 x 8-bit) CMOS static RAM, 85ns 262144-bit (32768 x 8-bit) CMOS static RAM, 100ns
|
MITSUBISHI[Mitsubishi Electric Semiconductor] Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
MSM51257CLL |
32,768-Word ?8-Bit CMOS STATIC RAM(32k瀛??浣????AM) 32,768-Word x 8-Bit CMOS STATIC RAM From old datasheet system 32,768-Word ×8-Bit CMOS STATIC RAM(32k字位静态RAM)
|
OKI SEMICONDUCTOR CO., LTD.
|
CXK5864BM-10L CXK5864B CXK5864BP-10L CXK5864BP-12L |
Series 400B sealed SMT sub-miniature rocker switch with variety of switching functions 8,192-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 8192-WORD X 8-BIT HIGH SPEED CMOS STATIC RAM 8,192字8位高速CMOS静态RAM
|
http:// SONY[Sony Corporation]
|
IDT6116LA IDT6116SA IDT6116SA20TDB IDT6116SA20SO I |
From old datasheet system 2K X 8 STANDARD SRAM, 35 ns, PDSO24 0.300 INCH, SOJ-24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 45 ns, PDSO24 2K X 8 STANDARD SRAM, 35 ns, PDSO24 0.300 INCH, SOIC-24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 35 ns, PDSO24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 45 ns, PDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 25 ns, PDIP24 CMOS STATIC RAM 16K (2K x 8 BIT) 2K X 8 STANDARD SRAM, 20 ns, PDIP24
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
K6R1016C1D-JECII10/12 K6R1016V1D-JTICI08/10 K6R101 |
64K*16 bit high-speed CMOS static RAM operated at commercial and industrial temperature ranges 128K x 8 Bit High-Speed CMOS Static RAM(3.3V Operating) Data Sheet 64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges. 在商业和工业温度范围运作64Kx16位高速CMOS静态RAM3.3V的) 64Kx16 Bit High-Speed CMOS Static RAM(3.3V Operating) Operated at Commercial and Industrial Temperature Ranges. 64Kx16位高速CMOS静态RAM.3V的)在商业和工业温度范围操作
|
Samsung Electronic Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|