PART |
Description |
Maker |
UPC1658G UPC1658G-E1 |
RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Low Noise, High Frequncy Si MMIC Amplifier(低噪声高频率放大 LOW NOISE/ HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE, HIGH FREQUENCY Si MMIC AMPLIFIER LOW NOISE HIGH FREQUENCY Si MMIC AMPLIFIER
|
NEC Corp. NEC[NEC]
|
MAX2611 |
DC-to-Microwave, Low-Noise Amplifier
|
MAXIM - Dallas Semiconductor
|
MMBTSC3356 |
for microwave low noise amplifier at VHF, UHF and CATV band
|
TY Semiconductor Co., Ltd
|
DAMM6289 |
Low Noise Amplifier 900 MHz - 1100 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER DAICO Narrowband Amplifiers
|
DAICO Industries, Inc.
|
5962-9093003MXX 5962-9093002M3X 5962-9093002MXX 59 |
Pin-Programmable Universal and Bandpass Filters DC-to-Microwave, 5V Low-Noise Amplifier x8存储
|
Optoway Technology, Inc.
|
2SC5193 2SC5193-T1 2SC5193-T2 |
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
|
NEC Corp.
|
UPC805T UPA805 UPA805T-T1 UPA805T |
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
|
NEC[NEC]
|
UPA806T UPA806T-T1 UPA806 |
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS MINI MOLD
|
NEC Corp. NEC[NEC] http://
|
UPA807 UPA807T UPA807T-T1 |
MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR WITH BUILT-IN 2 ELEMENTS SUPER MINI MOLD
|
NEC[NEC]
|
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
HA2-5137883 HA7-5137883 HA-5137_883 HA4-5137883 FN |
DIODE SCHOTTKY DUAL COMMON-CATHODE 30V 350mW 0.38V-vf 200mA-IFM 1mA-IF 0.2uA-IR SOT-23 3K/REEL 60MHz/ Ultra Low Noise/ Precision Operational Amplifier 60MHz, Ultra Low Noise, Precision Operational Amplifier 60MHz Ultra Low Noise Precision Operational Amplifier From old datasheet system
|
INTERSIL[Intersil Corporation]
|