PART |
Description |
Maker |
PXO-P9-3PEH-6J |
Low jitter LVPECL SMD Clock Oscillator Low phase noise
|
QUARTZCOM the communications company
|
26MT140 26MT120 36MT80 26MT80 36MT120 26MT20 36MT1 |
THREE PHASE BRIDGE Power Modules 1200V 3 Phase Bridge in a D-63 package 50V 3 Phase Bridge in a D-63 package 1600V 3 Phase Bridge in a D-63 package 1400V 3 Phase Bridge in a D-63 package 1000V 3 Phase Bridge in a D-63 package 100V 3 Phase Bridge in a D-63 package 800V 3 Phase Bridge in a D-63 package THREEPHASEBRIDGEPowerModules THREE PHASE BRIDGE Power Modules 三相桥式电源模块
|
IRF[International Rectifier] InternationalRectifier International Rectifier, Corp.
|
2SC5191 |
Low Voltage Operation ,Low Phase Distortion
|
Inchange Semiconductor ...
|
PE3335EK 3335-00 3335-01 3335-21 3335-22 3335-23 3 |
3000 MHz UltraCMOS?/a> Integer-N PLL for Low Phase Noise Applications 3000 MHz UltraCMOS Integer-N PLL for Low Phase Noise Applications 3000 MHz UltraCMOSInteger-N PLL for Low Phase Noise Applications 3000 MHz UltraCMOS⑩ Integer-N PLL for Low Phase Noise Applications
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
ML6421CS-4 ML6421CS-7 ML6421 ML6421CS-1 ML6421CS-3 |
Triple Phase and Sinx/x Equalized / Low-Pass Video Filter Triple Phase and Sinx/x Equalized, Low-Pass Video Filter 三阶段和氮化 x均衡,低通视频滤波器
|
Micro Linear Corporatio... MICRO-LINEAR[Micro Linear Corporation] Fairchild Semiconductor, Corp.
|
2N690 2N683 2N689 2N691 2N5205 2N5206 2N685 2N5204 |
800V 16A Phase Control SCR in a TO-208AA (TO-48) package 500V 16A Phase Control SCR in a TO-208AA (TO-48) package 150V 16A Phase Control SCR in a TO-208AA (TO-48) package 600V 16A Phase Control SCR in a TO-208AA (TO-48) package (ENG) 2520-5002UG 2X10 PIN RA TARPON, 29-02-00 HEADER ASSY PIN 16 HEADER, 16 PIN, R/A MALE, LOW PRO CONN HDR 16POS STRGT PCB 4 WALL BOX 2516-6003UB 3M (2N681 -2N692) 25 AND 35 AMP RMS SCRS CON/ 14MP HRS SO T S 20 POS SHROUDED HEADER RT ANGLE 25日和35安培均方根可控硅
|
IRF[International Rectifier] KNOX[Knox Semiconductor, Inc] Knox Semiconductor Inc International Rectifier, Corp.
|
TS15PL06G |
15A, 600V - 800V Low VF- Low Noise Single-Phase Single In-Line Bridge Rectifier
|
Taiwan Semiconductor Co...
|
LTC3701EGN LTC3701EGNPBF LTC3701-15 |
2-Phase/ Low Input Voltage/ Dual Step-Down DC/DC Controller 2-Phase, Low Input Voltage, Dual Step-Down DC/DC Controller; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C 1 A DUAL SWITCHING CONTROLLER, 890 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
CHL8326 CHL8326-00CRT CHL8326-00CRTY CHL8328-XXCRT |
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller Overclocking & Gaming Mode with Vmax setting
|
International Rectifier
|
IR2135 IR2135J IR2135S IR2233J IR2133 IR2133J IR21 |
3-PHASE BRIDGE DRIVER 3相桥式驱动器 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-pin DIP package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Separate High and Low Side Inputs, Overcurrent Comparator, Latching Fault Logic, Fault Clear Input, Synchronized Shutdown Input, 200ns Deadtime in a 28-lead SOIC package 3 Phase Driver, Separate High and Low Side Inputs, 200ns Deadtime in a mod. 44-lead PLCC package
|
International Rectifier, Corp. IRF[International Rectifier]
|
LTC1569-7 LTC1569-6 15697FS LTC1569CS8-7PBF LTC156 |
Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C CONTINUOUS TIME FILTER, PIN OR RESISTOR PROGRAMMABLE, LOWPASS, PDSO8 Linear Phase, DC Accurate, Low Power, 10th Order Lowpass Filter; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C CONTINUOUS TIME FILTER, PIN OR RESISTOR PROGRAMMABLE, LOWPASS, PDSO8 10th Order, 300kHz, Linear Phase, DC Accurate, DC Accurate, Lowpass Filter 10th Order, 64kHz, Linear Phase, DC Accurate, Low Power, Lowpass Filter From old datasheet system Linear Phase, DC Accurate, Tunable 10th Order Lowpass Filter
|
Linear Technology, Corp.
|