|
MIC2211-WSBML - Dual UCap LDO in 3mm ??3mm MLF??/span> Dual UCap LDO in 3mm 3mm MLF 双开普LDO稳压器采3mm】3mm的MLF Dual UCap LDO in 3mm 3mm MLF DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 CAP 220PF 50V 5% C0G SMD-0805 BULK SN100 CONNECTOR ACCESSORY 115 VAC, 8 CHANNEL CON IN TRAN DIODE SWITCHING DUAL COMMON-ANODE 70V 250mA-Io 150mW 4ns-trr SOT-523 3K/REEL Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Multiconductor UTP Data Cable; Number of Conductors:8; Conductor Size AWG:24; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Approval Categories:Meets ANSI/TIA/EIA-568-B.2 Standards RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Brown; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:Yellow RoHS Compliant: Yes Multiconductor Paired UTP Data Cable; Number of Conductors:8; Conductor Size AWG:23; No. Strands x Strand Size:Solid; Jacket Material:LSPVC; Number of Pairs:4 RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Orange; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Conductor Plating:Tin; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Color:Red; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Paired Cable; Number of Conductors:8; Conductor Size AWG:23; Jacket Material:LSPVC; Number of Pairs:4; Approval Categories:CMP (Plenum) Rated; Features:Augmented Category 6; CMP (Plenum) Rated; Jacket Color:White RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:48; Conductor Size AWG:24; No. Strands x Strand Size:41 x 40; Jacket Material:Polyolefin; Shielding Material:Bare Copper Braid; Shielding Coverage:95%; Number of Pairs:24 RoHS Compliant: Yes Dual UCap LDO in 3mm × 3mm MLF?/a> Dual UCap LDO in 3mm 3mm MLF Dual UCap LDO in 3mm 】 3mm MLF⑩ |
|
|
|
Related Part Number | ||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | ||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||