Part Number Hot Search : 
BD00FC 2SC3065 1414626 856278 34404 A7BW99AA LB1408 01915
Product Description
Full Text Search
  utp Datasheet PDF File

For utp Found Datasheets File :: 1193    Search Time::1.688ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    RPT-E3-UTP

Gamewell-FCI by Honeywell
Part No. RPT-E3-utp
OCR Text ...wo versions: ?rpt-e3-fo ?rpt-e3-utp rpt-e3-utp connects to the network using unshielded, twisted-pair, copper wire only. rpt-e3-fo communicates to the network using either 62.5/125 multi-mode fiber-optic cable or copper, unshielded, twisted...
Description Network Repeaters, unshielded, twisted-pair

File Size 41.35K  /  1 Page

View it Online

Download Datasheet





    CWH-UTP-PPCC-HE CWH-UTP-ONCE-HE

Freescale Semiconductor, Inc
Part No. CWH-utp-PPCC-HE CWH-utp-ONCE-HE
OCR Text ...rt Numbers USBTAP DPI (PQI) CWH-utp-PPCD-HE USBTAP JTAG (PQ II/III) CWH-utp-PPCC-HE USBTAP JTAG (ColdFire) CWH-utp-CF-HE USBTAP ONCE (DSC) CWH-utp-ONCE-HE Learn More: For more information about Freescale products, please visit www.freesc...
Description CodeWarrior USB TAP Run Control for Freescale Processors

File Size 208.24K  /  1 Page

View it Online

Download Datasheet

    SOM040200

celduc-relais
Part No. SOM040200
OCR Text ...case temperature LABEL Uenom Ut utp D1 -Ut Ie max Id max Iemin Ielk max RDSon Cout Rthjc Rthra Tthra Uimp Uimp Uimp Rio Cio Tjmax Tstg Tamb Tc Resistive 40A 380A 5mA 3mA 46m 1.1nF 0.7K/W 10K/W 10 minutes 2.5kV 2.5kV 2.5kV 1G <8pF 175C -40->...
Description MOSFET BASED DC SOLID-STATE RELAY

File Size 366.79K  /  5 Page

View it Online

Download Datasheet

    BCM5228

ETC
Part No. BCM5228
OCR Text ...gory 5 unshielded twisted-pair (utp) cable and 10BASE-T full-duplex or half-duplex Ethernet on Category 3, 4, or 5 utp cable paired with an external fiber-optic transceiver * Permits transmission over fiber-optic cabling when * Compliant...
Description 10/100 BASE - TX/FX OCTAL TRANSCEIVER

File Size 154.99K  /  2 Page

View it Online

Download Datasheet

    BCM5238

ETC
Part No. BCM5238
OCR Text ...gory 5 unshielded twisted-pair (utp) cable and 10BASE-T full or half-duplex Ethernet on Category 3, 4, or 5 utp cable. * Compliant with IEEE 802.3 standard. * IEEE 1149.1 (JTAG) scan chain support. * Two LED indicator pins per port. 2...
Description 10/100BASE TX OCTAL TRANSCEIVER

File Size 162.66K  /  2 Page

View it Online

Download Datasheet

    SOM040100

celduc-relais
Part No. SOM040100
OCR Text ...case temperature LABEL Uenom Ut utp D1 -Ut Ie max Id max Iemin Ielk max RDSon Cout Rthjc Rthra Tthra Uimp Uimp Uimp Rio Cio Tjmax Tstg Tamb Tc Resistive 40A 320A 5mA 3mA 30mOhms 0.7nF 0.9K/W 10K/W 10 minutes 2.5kV 2.5kV 2.5kV 1G <8pF 175C -...
Description MOSFET BASED DC SOLID-STATE RELAY

File Size 365.47K  /  5 Page

View it Online

Download Datasheet

    SCI0100600

celduc-relais
Part No. SCI0100600
OCR Text ...epetitive peak current LABEL Ut utp D1 -Ut Ie max Iepeak Iemin Ielk max VCEsat Cout Rthjc Rthra Tthra Uimp Uimp Uimp Rio Cio Tjmax Tstg Tamb Tc 1.35V @Tj=25C 300pF 0.385K/W 10K/W 10 minutes 4kV 4kV 4kV 1G <8pF 175C -40->+100C -40->+90C 100C...
Description IGBT BASED DC SOLID-STATE RELAY

File Size 330.90K  /  5 Page

View it Online

Download Datasheet

    BCM5400

Broadcom
ETC
Part No. BCM5400
OCR Text ... CAT 5 unshielded twisted pair (utp) cable. The device integrates all of the circuitry required for 100/1000BASE-T Ethernet on-chip, and provides a glueless interface to an external 10BASE-T transceiver for 10/100/1000BASE-T support. The ch...
Description 10/100/1000BASE-T Gigabit Ethernet Transceiver
100/1000 BASE-T GIGABIT ETHERNET TRANSCEIVER

File Size 122.03K  /  2 Page

View it Online

Download Datasheet

    LXT9784

Intel Corp.
Intel Corporation
Part No. LXT9784
OCR Text ...network hub. Hand-held CAT-5 utp cable testers are frequently used to isolate cabling problems. A typical cable test involves connecting one end of the cable to the tester, and connecting a remote node terminator or loopback module to th...
Description LXT9784 Octal 10/100 Transceiver Hardware Integrity Function Overview

File Size 176.82K  /  14 Page

View it Online

Download Datasheet

   
Part No. utp61412S
OCR Text utp full plastic circular connector description ?utp? full plastic industrial circular connectors are a range of multiway connectors. ?utp? provides the complete answer to the need for economical lightweight, robust circular connectors...
Description 8 CONTACT(S), GLASS FILLED POLYETHYLENE, FEMALE, CIRCULAR CONNECTOR, PLUG

File Size 401.19K  /  3 Page

View it Online

Download Datasheet

For utp Found Datasheets File :: 1193    Search Time::1.688ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of utp

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
9.1392328739166