PART |
Description |
Maker |
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
74LCX373SJX 74LCX373MTC 74LCX373MTCXNL |
Low Voltage Octal Transparent Latch with 5V Tolerant Inputs and Outputs LVC/LCX/Z SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation
|
MAX7841 MX7841AS MX7841BS |
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
|
Maxim Integrated Products
|
AD7839 AD7839AS |
Octal 13-Bit, Parallel Input, Voltage-Output DAC
|
AD[Analog Devices]
|
WM2629 |
Octal 8-bit/ Serial Input/ Voltage Output DAC with Power Down Octal 8-bit, Serial Input, Voltage Output DAC with Power Down
|
WOLFSON[Wolfson Microelectronics plc]
|
MAXIM MAX5264 MAX5264BCMH MAX5264ACMH |
"Octal, 14-Bit, Voltage-Output DAC with Parallel Interface for ATE" Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
|
MAX5264 MAXIM[Maxim Integrated Products]
|
MAX5590BEUG MAX5590 MAX5591AEUI MAX5591BEUI MAX559 |
Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 10-BIT DAC, PDSO28
|
Maxim Integrated Products, Inc.
|
MAX5304 MAX5304CUA MAX5304EUA |
10-Bit Voltage-Output DAC in 8-Pin レMAX 10位、电压输出DAC引脚µMAX封装 10-Bit Voltage-Output DAC in 8-Pin μMAX 10-Bit Voltage-Output DAC in 8-Pin MAX 10-Bit Voltage-Output DAC in 8-Pin µMAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
MAX547AEQH-D MAX5443BCUA MAX5444BCUBT MAX5361PEUKT |
Octal, 13-Bit Voltage-Output DAC with Parallel Interface PARALLEL, WORD INPUT LOADING, 5 us SETTLING TIME, 13-BIT DAC, PQCC44 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO8 3V/ 5V, Serial-Input, Voltage-Output, 16-Bit DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDSO10 Low-Cost, Low-Power 6-Bit DACs with 2-Wire Serial Interface in SOT23 Package SERIAL INPUT LOADING, 20 us SETTLING TIME, 6-BIT DAC, PDSO5 Serial, CMOS, Multiplying, 12-Bit DAC in 8-Pin Package SERIAL INPUT LOADING, 0.25 us SETTLING TIME, 12-BIT DAC, PDSO8
|
Maxim Integrated Products, Inc.
|
|