Part Number Hot Search : 
5116400 51125 30905 AN12978A 300U010A MCF54452 3080E 1117C
Product Description
Full Text Search
  13-bit Datasheet PDF File

For 13-bit Found Datasheets File :: 82869    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    CUP45-13 CUP45-10 CUP45-12 CUP45-13-1 CUP45-13-2 CUP45-14 CUP45-18 AT2101 CUP45

List of Unclassifed Manufacturers
ETC[ETC]
AIMTRON[Aimtron Technology]
Aimtron Technology Corp.
Part No. CUP45-13 CUP45-10 CUP45-12 CUP45-13-1 CUP45-13-2 CUP45-14 CUP45-18 AT2101 CUP45
OCR Text ...ND NC NC DVDD /OE CLK 12 D10 13 D11 14 2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C. Tel: 88...Bit 6MSPS A/D CONVERTER Pin Description PIN NAME FUNCTION PIN NAME FUNCTION 16 DVDD Digital +...
Description 12 bit 6MSPS A/D converter
AC/DC External Desktop 45 Watts
12-Bit 6MSPS A/D CONVERTER 126MSPS的A / D转换

File Size 205.38K  /  8 Page

View it Online

Download Datasheet





    HSD16M72D18A-13 HSD16M72D18A-10 HSD16M72D18A-10L HSD16M72D18A-12 HSD16M72D18A-13H HSD16M72D18A HSD16M72D18A-F10 HSD16M72

Hanbit Electronics Co.,Ltd
Part No. HSD16M72D18A-13 HSD16M72D18A-10 HSD16M72D18A-10L HSD16M72D18A-12 HSD16M72D18A-13H HSD16M72D18A HSD16M72D18A-F10 HSD16M72D18A-F10L HSD16M72D18A-F12 HSD16M72D18A-F13
OCR Text ... : 125MHz (CL=3) HSD16M72D18A-F/13 : 133MHz (CL=3) HSD16M72D18A-F/13H : 133MHz (CL=2) F means Auto & Self refresh with Low-Power (3.3V) * Bu...bit (Data in/data-out) CLK0 ~ CLK3 : Clock input CKE0 ~ CKE1 : Colck enable input /CE0 ~ /CE3 : Chip...
Description Synchronous DRAM Module 128Mbyte (16Mx72bit), DIMM with ECC based on 8Mx8, 4Banks, 4K Ref., 3.3V

File Size 184.58K  /  10 Page

View it Online

Download Datasheet

    R8C-13

Renesas Electronics Corporation
Part No. R8C-13
OCR Text 13 Group SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER REJ03B0069-0120 Rev.1.20 Jan 27, 2006 1. Overview This MCU is built using the high-performance silicon gate CMOS process using a R8C/Tiny Series CPU core and is packaged in a 32-pin pla...
Description SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER

File Size 309.87K  /  31 Page

View it Online

Download Datasheet

    Atmel Corp
Part No. AT88RF256-13
OCR Text 13.56 MHz 7 kHz RFID IC for Cards and Tags 320 Read/Write EEPROM Bits, Divided into 10 Pages of 32 Bits Supports ISO/IEC 14443-2 Type B Opt...bit first. Bit fields listed in this document are listed with the LSB on the left and the MSB on the...
Description Low-cost 13.56 MHz transponder IC, 320 bits, ISO14443-2 type B compliant
From old datasheet system

File Size 123.68K  /  15 Page

View it Online

Download Datasheet

    ICS9250-13 ICS9250YF-13

ICST[Integrated Circuit Systems]
Part No. ICS9250-13 ICS9250YF-13
OCR Text 13 Frequency Generator & Integrated Buffers for PENTIUM/ProTM General Description The ICS9250-13 generates all clocks required for high...bit. Controller (host) sends the write address D2 (H) ICS clock will acknowledge Controller (host) s...
Description LX Single Clock, Supports 50 - 83.3MHz
Frequency Generator & Integrated Buffers for PENTIUM/ProTM

File Size 532.34K  /  15 Page

View it Online

Download Datasheet

    NL8060BC26-13

NEC
Part No. NL8060BC26-13
OCR Text 13 is a TFT (thin film transistor) active matrix color liquid crystal display (LCD) module comprising amorphous silicon TFT attached to each...bit digital RGB signals * 3.3 V operation (5.0 V available) * Data enable function * Incorporated...
Description TFT COLOR LCD MODULE

File Size 244.64K  /  20 Page

View it Online

Download Datasheet

    PhaseLink
Part No. PLL205-13
OCR Text 13 motherboard clock generator for amd - k7 47745 fremont blvd., fremont, california 94538 tel (510) 492-0990 fax (510) 492-0991 ...bit. a byte transferred without acknowledged bit will terminate the transfer. the write or read bloc...
Description Motherboard Clock Generator

File Size 296.43K  /  14 Page

View it Online

Download Datasheet

For 13-bit Found Datasheets File :: 82869    Search Time::1.891ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 13-bit

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
1.5283560752869