PART |
Description |
Maker |
IS61NVP102436A IS61NVP102436A-166B3 IS61NVP102436A |
1Mb x 36 and 2Mb x 18 STATE BUS SRAM 1M X 36 STANDARD SRAM, PBGA165 PLASTIC, BGA-165 1M X 36 STANDARD SRAM, PDSO100 TQFP-100 2M X 18 STANDARD SRAM, PBGA165
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC Integrated Silicon Solu...
|
AS7C256 AS7C256-10 AS7C256-10JC AS7C256-10PC AS7C2 |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 35 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDSO28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 12 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 高性能32Kx8 CMOS SRAM High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 10 ns, PDIP28 High Performance 32Kx8 CMOS SRAM 32K X 8 STANDARD SRAM, 25 ns, PDIP28
|
ETC[ETC] ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Alliance Semiconductor ...
|
HY6264 HY6264-10 HY6264-12 HY6264-15 HY6264-70 HY6 |
8KX8-Bit CMOS SRAM x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDSO28 x8 SRAM 8K X 8 STANDARD SRAM, 70 ns, PDIP28 x8 SRAM 8K X 8 STANDARD SRAM, 85 ns, PDSO28
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
AS7C33128PFD32_36B AS7C33128PFD36B-200TQIN AS7C331 |
Sync SRAM - 3.3V LM397 Single General Purpose Voltage Comparator; Package: SOT-23; No of Pins: 5; Qty per Container: 1000; Container: Reel 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 4 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 36 STANDARD SRAM, 4 ns, PQFP100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, TQFP-100 128K X 32 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 128K X 36 STANDARD SRAM, 4 ns, PQFP100 14 X 20 MM, LEAD FREE, TQFP-100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 128K X 32 STANDARD SRAM, 3.5 ns, PQFP100 3.3V 128K X 32/36 pipeline burst synchronous SRAM 3.3 128K的X 32/36管道爆裂同步SRAM
|
Alliance Semiconductor Corp... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc.
|
WMS128K8V-17 WMS128K8V-35 WMS128K8V-20DRMA WMS128K |
128Kx8 3.3V Monolithic SRAM(128Kx8,3.3V,单片静态RAM(存取时7ns 128Kx8 3.3单片的SRAM28Kx83.3伏,单片静态随机存储器(存取时间为35ns)) 128K X 8 STANDARD SRAM, 20 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 15 ns, CDFP32 CERAMIC, DFP-32 128K X 8 STANDARD SRAM, 15 ns, CDSO32 CERAMIC, SOJ-32 128K X 8 STANDARD SRAM, 17 ns, CDIP32 SINGLE CAVITY, SIDE BRAZED, CERAMIC, DIP-32 128K X 8 STANDARD SRAM, 20 ns, CDFP32
|
White Electronic Designs Corporation White Electronic Designs, Corp.
|
P4C198-15JC P4C198-15JI P4C198-15JM P4C198-15JMB P |
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS 16K X 4 STANDARD SRAM, 20 ns, PDSO24 16K X 4 STANDARD SRAM, 45 ns, CDIP24 16K X 4 STANDARD SRAM, 12 ns, PDSO24 16K X 4 STANDARD SRAM, 25 ns, CQCC28
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation
|
AS5C4009ECJ-85L_883C AS5C4009ECJ-85L_IT AS5C4009EC |
512K x 8 SRAM Ultra Low Power SRAM 512K X 8 STANDARD SRAM, 100 ns, CDIP32 512K X 8 STANDARD SRAM, 85 ns, CDSO32 512K X 8 STANDARD SRAM, 70 ns, CDSO32 512K X 8 STANDARD SRAM, 55 ns, CDSO32
|
MICROSS COMPONENTS AUSTIN SEMICONDUCTOR INC
|
AS7C33128FT32_36B AS7C33128FT36B-80TQIN AS7C33128F |
3.3V 128K x 32/36 Flow Through Synchronous SRAM 3.3 128K的x 32/36流通过同步SRAM 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 8 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 10 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 7.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 32 STANDARD SRAM, 6.5 ns, PQFP100 3.3V 128K x 32/36 Flow Through Synchronous SRAM 128K X 36 STANDARD SRAM, 6.5 ns, PQFP100 128K X 32 STANDARD SRAM, 10 ns, PQFP100 14 X 20 MM, TQFP-100 LM3876 Overture™ Audio Power Amplifier Series High-Performance 56W Audio Power Amplifier w/Mute; Package: ISOLATED TO220; No of Pins: 11; Qty per Container: 20; Container: Rail LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 3000; Container: Reel LM3880/LM3880Q Power Sequencer; Package: SOT-23; No of Pins: 6; Qty per Container: 1000; Container: Reel Sync SRAM - 3.3V
|
Alliance Semiconductor, Corp. Integrated Silicon Solution, Inc. ALSC[Alliance Semiconductor Corporation]
|
AS7C25512FT32_36A AS7C25512FT32A-10TQC AS7C25512FT |
2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 36 STANDARD SRAM, 8.5 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 10 ns, PQFP100 2.5V 512K x 32/36 flowthrough burst synchronous SRAM 512K X 32 STANDARD SRAM, 8.5 ns, PQFP100 DIODE ZENER SINGLE 1000mW 47Vz 5.5mA-Izt 0.05 5uA-Ir 35.8Vr DO41-GLASS 5K/REEL Sync SRAM - 2.5V 2.5V 512K x 32/36 flowthrough burst synchronous SRAM
|
Alliance Semiconductor, Corp. Alliance Semiconductor Corporation ALSC Alliance Semiconductor ...
|
IS61LV25616AL-8LQI IS61LV25616AL-12BI IS61LV25616A |
256K X 16 STANDARD SRAM, 8 ns, PQFP44 LQFP-44 256K X 16 STANDARD SRAM, 12 ns, PBGA48 256K X 16 STANDARD SRAM, 8 ns, PDSO44
|
Hitachi,Ltd. INTEGRATED SILICON SOLUTION INC
|
AT3864L-12PI AT3864L-12PC AT3864L-10RC |
8K X 8 STANDARD SRAM, 120 ns, PDIP28 8K X 8 STANDARD SRAM, 100 ns, PDSO28
|
ATMEL CORP
|
|