Part Number Hot Search : 
M8636 STP22 SF2085A 25B20 IRF73 KG01RT 24C02 KG01RT
Product Description
Full Text Search
  39BSA Datasheet PDF File

For 39BSA Found Datasheets File :: 3+       Page :: | <1> |   

    TY Semiconductor Co., Ltd
TY Semiconductor Co., L...
Part No. 16BS 2V4BSA 13BS 4V3BSA 4V3BSB 39BSB 39BSA 39BSC 39BSD 16BSA 16BSC 16BSB
Description S i li c on Epitaxial Planar Zener Diodes

File Size 1,546.14K  /  5 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    SEMTECH[Semtech Corporation]
SemtechCorporation
Semtech, Corp.
Part No. 15BS 15BSA 15BSB 15BSC 3.0BSA 3.0BSB 2.0BSB 2.7BS 2.4BS 2.2.S 2.7BSB 2.4BSA 2.7BSA 5.1BSC 5.6BS 5.1BSA 5.6BSC 5.1BSB 5.6BSA 36BSB 36BSC 36BSD 36BSA 16BS 8.2BSC 8.2BSB 4.3BS 4.7BSC 4.3BSC 4.7BSB 4.7BSA 4.3BSA 27BS 20BS 13BS 18BSC 22BSB 22BSA 22BSD 24BSB 24BSC 2.4BSB 24BSD 24BSA 9.1BSC 9.1BSB 39BSA 12BS 7.5BSC 7.5BSB 7.5BSA 3.6BS 3.9BS 39BSB 39BSC 3.9BSA 3.9BSB 39BSD 3.6BSA 12BSB 12BSC 13BSB 12BSA 20BSB 13BSA 13BSC 20BSA 33BSA 33BSB 33BSD 2.2BS 2.2BSA 2.2BSB 6.2BSA 6.2BSB 6.2BSC 11BS 11BSB 11BSC 11BSA 16BSC 16BSB 16BSA 18BSA 18BSB 22BSC 27BSD 10BSB 10BSA 10BSC 3.3BSB 3.6BSB 30BS 24BS 36BS 5.6BSB 33BS
Description Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Features:Unshielded; Jacket Color:Natural; Outer Diameter:0.134"; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes
SILICON PLANAR ZENER DIODE
SILICONPLANARZENERDIODE
CONNECTOR ASSEMBLIES
SSR H/S ZS CS AR 4-32VDC 50A 230V OTP PNP NO
Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Temperature Max:80 C; Voltage Nom.:300V RoHS Compliant: Yes
50/125 PVC MTRJ-SC 5M DUPLEX ASSEM
Test Prod Wire; Conductor Size AWG:18; No. Strands x Strand Size:65 x 36; Jacket Color:Green; Conductor Material:Copper; Jacket Material:Rubber
DIODE ZENER SINGLE 1000mW 56Vz 4.5mA-Izt 0.05 5uA-Ir 42.6Vr DO41-GLASS 5K/AMMO
DIODE ZENER SINGLE 1000mW 51Vz 5mA-Izt 0.05 5uA-Ir 38.8Vr DO41-GLASS 5K/REEL
DIODE ZENER SINGLE 1000mW 56Vz 4.5mA-Izt 0.05 5uA-Ir 42.6Vr DO41-GLASS 5K/REEL
DIODE ZENER SINGLE 1000mW 62Vz 4mA-Izt 0.05 5uA-Ir 47.1Vr DO41-GLASS 5K/AMMO
TRANS PNP BIPOLAR 40V SOT523
MMBT5401LT1, HIGH VOLT, PNPTRAN
TRANS PNP 150V 350MW SMD SOT-23
XSTR/SM, NPN 0.350W 160V 0.6A SOT-23
CAT5E 350MHZ PATCH CABLE 30FT, SNAGLESS, PINK
Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes
50/125 PVC MTRJ-LC 2M DUPLEX ASSEM
50/125 PVC MTRJ-LC 1M DUPLEX ASSEM
CENTRONICS PARALLEL CBLS 36 PIN F - 36 PIN F
GBASE 350 C5E PNK STRANDED BLK 250FT
CAT5E 350MHZ PATCH CABLE 50FT, SNAGLESS, PINK
GIGABASE 350 CAT5E PATCH 100 FT, SNAGLESS, PINK
Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyolefin; Shielding Material
HEMOSTAT 8 CURVED
PICKSET ELECTRONIC 7 PC
SCISSORS ELECTRICIANS COMPACT
HEMOCLAMP/HEMOSTAT (STRAIGHT)
1007, 1569; CSA Types TR-64, TRSR-64; JQA-F-; Passes VW-1 Flame Test RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:19 x 30; Jacket Material:FEP; Number of Pairs:1; Leaded Process Compatible:Yes; Features:Unshielded; Temperature Max:75 C; Voltage Nom.:30V RoHS Compliant: Yes
Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:16 x 34; Jacket Material:Polyethylene; Features:Tinned Copper Braid; Impedance:90ohm; Leaded Process Compatible:Yes; Temperature Max:80 C RoHS Compliant: Yes
Paired Cable; Number of Conductors:3; Conductor Size AWG:20; No. Strands x Strand Size:26 x 34; Jacket Material:Rubber; Features:Tinned Copper Braid; Impedance:52ohm; Leaded Process Compatible:Yes; Temperature Max:90 C RoHS Compliant: Yes
surface mount silicon Zener diodes 表面贴装硅稳压二极管
CONNECTOR ACCESSORY 连接器附
HEMOSTAT 8 STRAIGHT 硅平面稳压二极管
LENS FOR T1 BLUE ROUND 硅平面稳压二极管
SSR H/S ZS CS AR 4-32VDC 30A 600V OTP NPN NO 硅平面稳压二极管
6.35mm Blade Horizontal Tab, 0.8mm thick, reeled, tin/lead

File Size 257.99K  /  4 Page

View it Online

Download Datasheet

    24BS 36BS 33BS 5V1BS 5V1BSC 5V1BSA 5V1BSB 12BS 12BSB 12BSC 12BSA 8V2BSA 8V2BSC 8V2BSB 22BSA 22BSC 22BSB 22BSD 2V7BSA 2V7

SEMTECH ELECTRONICS LTD.
Part No. 24BS 36BS 33BS 5V1BS 5V1BSC 5V1BSA 5V1BSB 12BS 12BSB 12BSC 12BSA 8V2BSA 8V2BSC 8V2BSB 22BSA 22BSC 22BSB 22BSD 2V7BSA 2V7BSB 20BSB 20BSA 20BSC 11BS 11BSA 11BSB 11BSC 18BS 18BSA 18BSB 18BSC 16BS 16BSB 16BSA 16BSC 27BSC 27BSD 27BSB 27BSA 4V3BSB 4V3BSC 4V3BSA 13BSA 13BSB 13BSC 15BSB 15BSC 15BSA 36BSA 36BSB 36BSC 36BSD 24BSD 24BSA 24BSB 24BSC 9V1BS 9V1BSA 9V1BSB 9V1BSC 2V0BS 2V0BSA 2V0BSB 2V4BS 2V4BSB 2V4BSA 39BSD 39BSB 39BSC 39BSA 2V2BSA 2V2BSB 5V6BS 5V6BSA 5V6BSB 5V6BSC 6V2BSB 6V2BSC 6V2BSA 33BSA 33BSB 33BSC 33BSD 3V3BSB 3V3BSA 6V8BSC 6V8BSA 6V8BSB 3V9BS 3V9BSA 3V9BSB 3V0BS 3V0BSB 3V0BSA 7V5BSA 7V5BSB 7V5BSC 3V6BS 3V6BSA 3V6BSB 4V7BSB 4V7BSA 4V7BSC
Description SILICON PLANAR ZENER DIODES

File Size 347.49K  /  6 Page

View it Online

Download Datasheet

For 39BSA Found Datasheets File :: 3+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: 3925A
Maker: HARRIS
Pack: SOP8
Stock: 1120
Unit price for :
    50: $1.00
  100: $0.95
1000: $0.90

Email: oulindz@gmail.com

Contact us

 
Price & Availability of 39BSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.21683883666992