|
DF22-1012PC - 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) Low Power 5V RS232 Dual Driver/Receiver with 0.1?碌F Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?掳C to 85?掳C Dual General-Purpose Operational Amplifier 8-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual General-Purpose Operational Amplifier 8-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 SWITCH 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????) 单电源RS232C接口线路驱动接收器(单电源RS232C接口线收发器收) 8051 CPU with 16kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual High-Speed Low-Noise Operational Amplifier 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3 pin 100mA Fixed (-15V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-PDIP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SOIC -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-PDIP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Dual High-Speed Low-Noise Operational Amplifier 8-MSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 1.5-A Peak Boost/Buck/Inverting Switching Regulator 8-SON -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-TSSOP -40 to 85 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C 电可擦除可编程逻辑器件 8051 CPU with 32kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 3-TO-92 0 to 125 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Receiver With 3-State Outputs 16-SO 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quadruple Differential Line Driver 16-SOIC 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 Quad Low-Power General-Purpose Operational Amplifier 14-TSSOP 0 to 70 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 WIREWOUND RESISTOR SERIES:600; RESISTANCE:15OHM; POWOEFFICIENT: /-20 PPM; PACKAGE/CASE:ALUMINUM HOUSING;PE:SOLDER LUG; RESISTANCE TOLERANCE: /- 1 %; LEADED OMPLIANT:NO RoHS Compliant: Yes 7.92毫米联系间距,大电流的内部电源连接器(UL认证,及C - UL和TUV认证 3 pin 100mA Fixed (-12V) Negative Voltage Regulator 3-TO-92 0 to 125 ; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No FUSE,FAST ACTING,1A,250V& D86 - GLENAIR Single-Channel 10-Ohm SPST Analog Switch 5-SOT-23 -40 to 85 Quadruple Line Driver 14-PDIP 0 to 70 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85 MOUNTING TOOL; 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 16-Bit Sigma-Delta A/D, USI for SPI/I2C 14-TSSOP -40 to 85 8051 CPU with 4kB Memory, 24-Bit ADC, Current DAC, and On-Chip Oscillator 48-TQFP -40 to 125 Quad, Differential I/O, 2X1 Multiplexed, High Gain Preamp 48-TQFP 0 to 70 Wide Bandwidth Precision Analog Multiplier 16-SOIC -40 to 85 Replaced by MPY634 : Multiplier/Divider 14-CDIP SB 4-Channel Differential-Input Analog Multiplexer 16-SOIC RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 15V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% 8 pin 100mA Fixed (-15V) Negative Voltage Regulator 8-SOIC 0 to 125 3/8 pin 100mA Fixed (-12V) Negative Voltage Regulator 8-SOIC 0 to 125 IC DDR SDRAM 256MB 66-TSOP Dual General-Purpose Operational Amplifier 20-LCCC -55 to 125 Cartridge Fuse; Fuse Type:Fast Acting; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:AGC RoHS Compliant: No RS-232 Transceiver With Split Supply Pin for Logic Side 20-SOIC 0 to 70 2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-TSSOP 0 to 70 IC SDRAM 128MB 54-TSOP 2.5-V 460-Kbps RS-232 Transceiver With /-15 KV ESD Protection 20-SSOP 0 to 70 Single-Channel 10-Ohm SPST Analog Switch 5-SC70 -40 to 85 RS-232 Transceiver With Split Supply Pin for Logic Side 20-TSSOP 0 to 70 ECONOLINE: RM & RL - Single Output Rail- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- High Efficiency for Low Power Applications- UL94V-0 Package Material- Toroidal Magnetics- Fully Encapsulated- Efficiency to 80% 2.5-V 460-KBPS RS-232 Transceiver with IEC 61000-4-2 ESD-Protection 20-SSOP -40 to 85 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 3/8 pin 100mA Fixed (-5V) Negative Voltage Regulator 8-SOIC 0 to 125 Isolated Flyback Switching Regulator with 9V Output TRIMMER, 15 TURN 50K Quadruple Low-Power Operational Amplifier 14-SOIC -40 to 85 Dual High-Speed Low-Noise Operational Amplifier 8-PDIP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-TSSOP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 2kB Flash, 128B RAM, Comparator 14-PDIP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-TSSOP -40 to 85 16-bit Ultra-Low-Power Microcontroller, 1kB Flash, 128B RAM, 10-Bit SAR A/D, USI for SPI/I2C 14-PDIP -40 to 85 1.5-A Boost/Buck/Inverting Switching Regulator 8-SON 0 to 70 1.5-A Boost/Buck/Inverting Switching Regulator 8-PDIP 0 to 70 Quadruple Low-Power Operational Amplifier 14-TSSOP -40 to 85 RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 24V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:35VDC; Capacitor Dielectric Material:Tantalum; Capacitance:0.1uF; Capacitance Tolerance: 10%; Lead Pitch:5.08mm; Leaded Process Compatible:No RoHS Compliant: No 8051 CPU with 4kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 8051 CPU with 32kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 CONNECTOR ACCESSORY ALUMINUM HOUSED WIREWOUND RESISTORS (NON-INDUCTIVE OPTION) 365 OHM, 1%, ROHS FOAM MEDIA FOR QUALTEK FANS, 60PPI, PACKAGE OF 5 MIC CONDENSER ELECT NC -54 -3DB Quad Low-Power General-Purpose Operational Amplifier 14-PDIP 0 to 70 FINGER GUARD PLAS 150MM 100PPI Quad Low-Power General-Purpose Operational Amplifier 14-SO 0 to 70 Quadruple Line Receiver 14-PDIP 0 to 70 Dual General-Purpose Operational Amplifier 8-CDIP -55 to 125 1.5-A Boost/Buck/Inverting Switching Regulator 8-SOIC 0 to 70 Dual General-Purpose Operational Amplifier 8-SO 0 to 70 RTS Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 24V; Output Voltage (Vdc): 3.3V; Power: 2W; Assembly; High Power Density; Optional Continuous Short Circuit Protected; Efficiency to 85% Quadruple Differential Line Receiver With 3-State Outputs 16-SOIC 0 to 70 Quad Low-Power General-Purpose Operational Amplifier 14-SOIC 0 to 70 RES 560K OHM 1/8W 5% 0805 SMD 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-TSSOP 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SSOP 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SOIC -40 to 85 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV IEC ESD Protection 28-SOIC 0 to 70 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-SSOP -40 to 85 7.92 mm Contact Pitch/ High-Current Connectors for Internal Power Supplies (UL/ C-UL and TUV Listed) 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver With /-15kV ESD (HBM) Protection 28-TSSOP -40 to 85 8051 CPU with 16kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 ECONOLINE: RSS & RSD - 1kVDC and 3KVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 85%- SMD5, SMD8, SMD10 and SMD12 case styles 8051 CPU with 8kB Memory, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 8051 CPU with 8kB Memory, I2C, 24-Bit ADC, and Quad 16-Bit DACs 64-TQFP -40 to 125 Precision A/D & D/A with 8051 Microcontroller and Flash Memory 64-TQFP -40 to 125 7.92 mm Contact Pitch, High-Current Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) 7.92 mm Contact Pitch, High-Current Connectors for Connectors for Internal Power Supplies (UL, C-UL and TUV Listed) |
|
|
|
Related Part Number | ||||||||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||||||||
Related keyword From Full Text Search System | ||||||||||||||||||||||||||||||||||||
|
||||||||||||||||||||||||||||||||||||