Part Number Hot Search : 
MMBT4401 TEN15WI 1N4976A FR100 MC68HC0 HD44848 MIX17 M27C5
Product Description
Full Text Search
  10-ohm Datasheet PDF File

For 10-ohm Found Datasheets File :: 30832    Search Time::2.579ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5235 AD5235BRU25 AD5235BRU250

ANALOG DEVICES INC
Analog Devices, Inc.
AD[Analog Devices]
Part No. AD5235 AD5235BRU25 AD5235BRU250
OCR Text ...erwise noted.) AD5235 Min -1 -2 -30 50 50 200 ELECTRICAL CHARACTERISTICS 25K, 250K OHM VERSIONS (VDD = +3V10% or +5V10% and VSS=0V, ...0.003 0.6/3/6 9 -65 KHz % s nVHz dB VSS = 0V VSS = 0V VIH = VDD or VIL = GND VIH = VDD or VIL = GND ...
Description Audio digital potentiometers DUAL 250K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, PDSO16
Nonvolatile Memory/ Dual 1024 Position Digital Potentiometers
RES MF 1/8W 160K 1% 2PPM
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers

File Size 100.47K  /  10 Page

View it Online

Download Datasheet





    BCM3440

ETC
Part No. BCM3440
OCR Text ...nge: 950 to 2150 MHz * Supports 1 to 45 Mbaud data rates * Input signal: -25 to -70 dBm * Baseband in-phase and quadrature outputs * Program...0 RF in AF AGC LNA o Q + Q out - Q out 90 o PLL 16 MHz ref. The BCM3440 is a highly...
Description DIRECT CONVERSION SATELLITE TUNER

File Size 104.65K  /  2 Page

View it Online

Download Datasheet

    C67070-A2701-A67 050B17N2 BSM50GB170DN2

SIEMENS AG
SIEMENS[Siemens Semiconductor Group]
Part No. C67070-A2701-A67 050B17N2 BSM50GB170DN2
OCR Text ...CE IC Package HALF-BRIDGE 1 Ordering Code C67070-A2701-A67 1700V 72A VCE VCGR VGE IC RGE = 20 k Gate-emitter voltage DC c...0.25 0.75 4000 20 11 F 55 / 150 / 56 Vac mm K/W C TC = 25 C Chip temperature Storage temperatur...
Description IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate) IGBT功率模块(半桥包括快速续流二极管的绝缘金属基片包
From old datasheet system

File Size 111.79K  /  9 Page

View it Online

Download Datasheet

    CPV364M4K

IRF[International Rectifier]
Part No. CPV364M4K
OCR Text 1 3 Q1 D1 9 4 6 Q2 D2 12 Q4 D4 18 Q3 D3 15 10 Q6 D6 Q5 D5 16 IGBT SIP MODULE Features * Short Circuit Rated UltraFast: Optimized for high operating frequencies >5.0 kHz , and Short Circuit Rated to 10s @ 125C, VGE = 15V * Fully isolate...
Description IGBT SIP MODULE

File Size 269.79K  /  10 Page

View it Online

Download Datasheet

    FDS6680S

FAIRCHILD[Fairchild Semiconductor]
Part No. FDS6680S
OCR Text ... * D D D D 5 6 4 3 2 1 SO-8 S S S G 7 8 Absolute Maximum Ratings Symbol VDSS VGSS ID PD Drain-Source Volta...0 V, ID = 1 mA ID = 1 mA, Referenced to 25C VDS = 24 V, VGS = 20 V, VGS = -20 V VGS = 0 V VDS = 0 V ...
Description 30V N-Channel PowerTrench SyncFET⑩

File Size 220.76K  /  9 Page

View it Online

Download Datasheet

    GA100TS120U

IRF[International Rectifier]
Part No. GA100TS120U
OCR Text ...tage, Any Terminal To Case, t = 1 min Maximum Power Dissipation Maximum Power Dissipation Operating Junction Temperature Range Storage Tempe...0.1 -- -- 200 Max. 0.24 0.35 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 ...
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 268.82K  /  10 Page

View it Online

Download Datasheet

    GA125TS120U

IRF[International Rectifier]
Part No. GA125TS120U
OCR Text ...tage, Any Terminal To Case, t = 1 min Maximum Power Dissipation Maximum Power Dissipation Operating Junction Temperature Range Storage Tempe...0.1 -- -- 200 Max. 0.20 0.35 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 ...
Description 1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
HALF-BRIDGE IGBT INT-A-PAK

File Size 220.37K  /  10 Page

View it Online

Download Datasheet

    GA50TS120U

IRF[International Rectifier]
Part No. GA50TS120U
OCR Text ...tage, Any Terminal To Case, t = 1 min Maximum Power Dissipation Maximum Power Dissipation Operating Junction Temperature Range Storage Tempe...0.1 -- -- 200 Max. 0.44 0.70 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 ...
Description    HALF-BRIDGE IGBT INT-A-PAK
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package

File Size 208.85K  /  10 Page

View it Online

Download Datasheet

    GA75TS120U GA75TS120UPBF

IRF[International Rectifier]
Part No. GA75TS120U GA75TS120UPBF
OCR Text ...tage, Any Terminal To Case, t = 1 min Maximum Power Dissipation Maximum Power Dissipation Operating Junction Temperature Range Storage Tempe...0.1 -- -- 200 Max. 0.32 0.35 -- 4.0 3.0 -- Units C/W N. m g www.irf.com 1 4/24/2000 ...
Description    Ultra-FastTM Speed IGBT
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
75 A, 1200 V, N-CHANNEL IGBT

File Size 255.15K  /  10 Page

View it Online

Download Datasheet

    IRF234 IRF235 IRF236 IRF237

HARRIS SEMICONDUCTOR
INTERSIL[Intersil Corporation]
Intersil, Corp.
Part No. IRF234 IRF235 IRF236 IRF237
OCR Text ...GE) SOURCE (PIN 2) GATE (PIN 1) CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handli...0.063in (1.6mm) from Case for 10s . . . . . . . . . . . TL Package Body for 10s, See Techbrief 334 ....
Description 8.1A and 6.5A/ 275V and 250V/ 0.45 and 0.68 Ohm/ N-Channel Power MOSFETs
8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs 6.5 A, 275 V, 0.68 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA

File Size 68.51K  /  7 Page

View it Online

Download Datasheet

For 10-ohm Found Datasheets File :: 30832    Search Time::2.579ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of 10-ohm

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
6.7395048141479