Part Number Hot Search : 
HCF40103 VN0300B MK105 13007 J100524 T1710RO 74AUP1G BCAE78
Product Description
Full Text Search
  light-to-digital Datasheet PDF File

For light-to-digital Found Datasheets File :: 5816    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201

AD[Analog Devices]
Part No. AD5232 AD5232BRU10 AD5232BRU100 AD5232BRU100-REEL7 AD5232BRU10-REEL7 AD5232BRU50 AD5232BRU50-REEL7 AD8403 AD5200 AD5201 AD5203 AD5204 AD5206 AD5207 AD5220 AD5222 AD5231 AD5233 AD5235 AD5241 AD5242 AD5260 AD5262 AD7376 AD8400 AD8402
OCR Text ...ich can be useful for audio and light alarm applications. The AD5232 is available in a thin TSSOP-16 package. All parts are guaranteed to operate over the extended industrial temperature range of -40C to +85C. An evaluation board is availab...
Description 8-Bit Dual Nonvolatile Memory Digital Potentiometer

File Size 252.48K  /  20 Page

View it Online

Download Datasheet





    ICL7106 ICL7106CM44 ICL7106RCPL ICL7106S ICL7106SCPL ICL7107CM44 ICL7107S ICL7107 ICL7107RCPL ICL7107SCPL ICL7107CPL FN3

INTERSIL[Intersil Corporation]
Part No. ICL7106 ICL7106CM44 ICL7106RCPL ICL7106S ICL7106SCPL ICL7107CM44 ICL7107S ICL7107 ICL7107RCPL ICL7107SCPL ICL7107CPL FN3082 ICL7106CPL ICL-7107
OCR Text ...rectly drive an instrument size light emitting diode (LED) display. The ICL7106 and ICL7107 bring together a combination of high accuracy, versatility, and true economy. It features autozero to less than 10V, zero drift of less than 1V/oC, ...
Description 1-CH 3-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40
31/2 Digit/ LCD/LED Display/ A/D Converters
From old datasheet system
31/2 Digit LCD/LED Display A/D Converters
3 1 / 2 Digit,LCD/LED Display, A/D Converters
31/2 Digit, LCD/LED Display, A/D Converters

File Size 178.94K  /  16 Page

View it Online

Download Datasheet

    Q67106-A8315 SLB0587G SLB0587 Q67100-A8310

SIEMENS[Siemens Semiconductor Group]
Part No. Q67106-A8315 SLB0587G SLB0587 Q67100-A8310
OCR Text ...l wall switches in conventional light installations High interference immunity, even against ripple control signals Programming input for se...to replace the SLB 0586 A by the SLB 0587 if the appropriate external wiring in accordance with the ...
Description From old datasheet system
Dimmer IC for Halogen Lamps

File Size 865.47K  /  22 Page

View it Online

Download Datasheet

    SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN

Infineon Technologies AG
Part No. SBH92344G-FSAN SBH92344N-FSAN SBH92344P-FSAN SBH92344Z-FSAN SBH92344X-FSAN
OCR Text ...n the TO laser concentrates the light and enables it to be launched into the single-mode fiber of the module. In the same way the light from the fiber is focused onto the small, light-sensitive area of the photodiode to produce a high photo...
Description High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving 高功率比迪光学标准模550纳米发光,纳米接310
Beacon Light
Components and FTTx solutions - Tx 1550nm (1490nm available) / Rx 1310nm, 155 MBit/s TIA
High Power BIDI Optical Standard Module 1550 nm Emitting/ 1310 nm Receiving

File Size 277.22K  /  13 Page

View it Online

Download Datasheet

    TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC7106ACKW TC7106ACLW TC7106 TC7107A TC7107ACKW TC7107ACLW TC7107AIJL TC

MICROCHIP[Microchip Technology]
Part No. TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC7106ACKW TC7106ACLW TC7106 TC7107A TC7107ACKW TC7107ACLW TC7107AIJL TC7106ACPI TC7107CKW
OCR Text ...The TC7107A drives common anode light emitting diode (LED) displays directly with 8mA per segment. A low cost, high resolution indicating me...to less than 1 count. Rollover error - the difference in readings for equal magnitude, but opposite ...
Description 3-1/2 digit analog-to-digital converters with drives LED
The TC7106A and TC7107A 3-1/2 digit direct-display drive analog-to-digital converters allow existing 7106/7107 based systems to be upgraded. Each device has a precision reference with a 20ppm/°C max temperature coefficient. This repre
3-1/2 digit analog-to-digital converters with drives LCD

File Size 619.18K  /  26 Page

View it Online

Download Datasheet

    TC7106 TC7106ACKW TC7106ACLW TC7106AIPL TC7106CKW TC7106CLW TC7106CPL TC7106IJL TC7106IPL TC7106RCPL TC7107A TC7107ACKW

TELCOM[TelCom Semiconductor, Inc]
TELCOM[TelCom Semiconductor Inc]
TelCom Semiconductor, Inc.
Part No. TC7106 TC7106ACKW TC7106ACLW TC7106AIPL TC7106CKW TC7106CLW TC7106CPL TC7106IJL TC7106IPL TC7106RCPL TC7107A TC7107ACKW TC7107ACLW TC7107ACPL TC7107AIJL TC7107CKW TC7107CLW TC7107CPL TC7107IJL TC7107IPL TC7106A TC7106ACPL TC7106AIJL TC7107 TC7107AIPL TC7106ARCKW TC7106ARCLW
OCR Text ...The TC7107A drives common anode light emitting diode (LED) displays directly with 8mA per segment. A low-cost, high-resolution indicating me...to less than 1 count. Rollover error - the difference in readings for equal magnitude but opposite p...
Description 3-1/2 digit A/D converter. Drive LCD display directly. Internal reference with low temperature drift 20ppm/degC,typ.
PTB 26C 26#20 PIN/SKT REC
JT 66C 66#22M SKT PLUG
3-1/2 DIGIT A/D CONVERTERS 3-1/2位数A / D转换
3-1/2 DIGIT A/D CONVERTERS 3-1/2位数的A / D转换
Circular Connector; No. of Contacts:66; Series:MS27473; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:18; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:18-66 RoHS Compliant: No

File Size 279.58K  /  19 Page

View it Online

Download Datasheet

    TLP512

Toshiba Semiconductor
Part No. TLP512
OCR Text ...consists of a GaAAs high-output light emitting diode and a high-speed detector that contains a PN photodiode and an amplifier transistor int...to 15 -0.5 to 15 100 -55 to 100 -55 to 125 260 2500 Unit mA mA A V mW mA mA V V mW C C C Vrms Not...
Description Photocoupler GaAlAs IRED Photo IC
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter

File Size 172.02K  /  7 Page

View it Online

Download Datasheet

    TLP751

Toshiba Semiconductor
Part No. TLP751
OCR Text ...1 consists of GaAAs high-output light emitting diode and a high speed detector of one chip photo diode- transistor. This unit is 8-lead DIP....to 2mm from the body of the device. (Note 7) Device considered a two terminal device: Pins 1,2,3 and...
Description GAAГAS IRED PHOTO IC
GaAAs Ired Photo IC

File Size 554.56K  /  8 Page

View it Online

Download Datasheet

    UPC8178TB UPC8179 UPC8179TB UPC8179TB-E3 UPC8128TB UPC8151TB UPC8152TB UPC8179TB1 PC8179TB-E3

NEC[NEC]
Part No. UPC8178TB UPC8179 UPC8179TB UPC8179TB-E3 UPC8128TB UPC8151TB UPC8152TB UPC8179TB1 PC8179TB-E3
OCR Text ...2.4 GHz * Operating frequency * Light weight : 0.1 to 2.4 GHz (Output port LC matching) : 7 mg (Standard value) * High-density surface mounting : 6-pin super minimold package (2.0 x 1.25 x 0.9 mm) APPLICATION * Buffer amplifiers on 0.1 ...
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

File Size 150.83K  /  28 Page

View it Online

Download Datasheet

    UPC8179TK UPC8179TK-E3

NEC Corp.
California Eastern Labs
NEC[NEC]
Part No. UPC8179TK UPC8179TK-E3
OCR Text ...GHz (Output port LC matching) * LIGHT WEIGHT: 3 mg Top View OUTLINE DIMENSIONS (Units in mm) PACKAGE OUTLINE TK 1.30.05 1.10.1 0...to the conventional 6pin super minimold package (2.0 x 1.25 x 0.9 mm) PC8179TB in a 6-pin leadless m...
Description SILICON MMIC LOW CURRENT AMPLIFIER FOR MOBILE COMMUNICATIONS

File Size 239.26K  /  6 Page

View it Online

Download Datasheet

For light-to-digital Found Datasheets File :: 5816    Search Time::1.922ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of light-to-digital

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.70187401771545