Part Number Hot Search : 
2N6674 CM7236 74LS76N 20030 TM3011 2SD2110 MP1474DJ IRF9Z30
Product Description
Full Text Search
  BCAE78 Datasheet PDF File

For BCAE78 Found Datasheets File :: 2+       Page :: | <1> |   

    NXP Semiconductors N.V.
Cirrus Logic, Inc.
Belden, Inc.
PHOENIX CONTACT Deutschland GmbH
Part No. BSV52R BFE215R BFAP83 BF521 BDP492 BDP495 BCAE07 BC211A BCAP09 BCAP13 BCAE09 BCAP11 BCAP79 BCAE78 BCAP08 BCAP77 BCAP93 BCAE08 BCAE77 BCAE79 BCAP78 BDP285 BF619 BDP393 BDP396 BCE107R BDCP25 BDP286 BDAP95 BDY37A BCE109R
Description BSV52R - Tranzystor prze潮czaj便y
BFE215R - Tranzystor wielkiej cz牦totliwo躲i
BFAP83 - Tranzystor wielkiej cz牦totliwo躲i specjalny
BF521 - Tranzystor wielkiej cz牦totliwo躲i
TVS Diode; TVS Polarization:Unidirectional; Stand-Off Voltage, VRWM:36V; Breakdown Voltage, Vbr:40V; Peak Pulse Power PPK @ 10x1000uS:600W; Package
Transient Surge Protection Thyristor; Leaded Process Compatible:Yes; Package/Case:DO-214; Mounting Type:Through Hole; Polarization:Unipolar; Power
Cyclone FPGA 6K PQFP-240
Cartridge Fuse; Current Rating:12A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm
Cartridge Fuse; Current Rating:500mA; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No
FUSE-250V,1.0A,SLO-BLO 0.25X1.25
FUSE 15A 250V 3AB FAST-BLOW 30SMAX@30A 750A_INTER.RATING UL/CSA
3A 250V SLO-BLO 1/4X1-1/4 CERA
FUSE 15A 32V
Cartridge Fuse; Current Rating:10A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm
Cartridge Fuse; Current Rating:8A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Body Material:Ceramic; Diameter:6.35mm; Fuse Terminals:Ferrule; Leaded Process Compatible:No; Length:31.75mm RoHS Compliant: No
Cartridge Fuse; Fuse Type:Time Delay; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Series:326 RoHS Compliant: No
Cartridge Fuse; Current Rating:7A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm
Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm
Cartridge Fuse; Current Rating:25A; Voltage Rating:32V; Fuse Type:Time Delay; Fuse Size/Group:1/4 x 1-1/4 "; Leaded Process Compatible:No; Body Material:Glass; Diameter:6.35mm; Fuse Terminals:Ferrule; Length:31.75mm
Cartridge Fuse; Current Rating:20A; Voltage Rating:250V; Fuse Type:Fast Acting; Body Material:Ceramic; Diameter:6.985mm; Fuse Terminals:Axial Lead; Leaded Process Compatible:No; Length:32.258mm; Peak Reflow Compatible (260 C):No
DIODE TVS 200V 600W BIDIR 5% SMB
BF619 - Tranzystor wielkiej cz牦totliwo躲i
DIODE TVS 28V 600W BI-DIR SMB
DIODE TVS 30V 600W BI-DIR SMB
BCE107R - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107R - Tranzystor马冲南航牦totliwo躲いま冲 mocy
BDCP25 - Tranzystor ma冲j cz牦totliwo躲i du垮j mocy specjalny BDCP25 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny
DIODE TVS 20V 600W UNI-DIR SMB BDP286 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy
BCE107 - Tranzystor ma冲j cz牦totliwo躲i ma冲j mocy BCE107 - Tranzystor马冲南航牦totliwo躲いま冲 mocy
DIODE TVS 130V 400W BIDIR 5% SMA BDAP95 - Tranzystor马冲南航牦totliwo躲i杜垮 mocy specjalny
VARISTOR MEDIUM VOLTAGE
BCE109R - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy
BCE109 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy
BCE107 - Tranzystor ma?? cz?呼otliwo绂奸 ma?? mocy

File Size 2,184.62K  /  29 Page

View it Online

Download Datasheet

HUA FENG CIRCUIT





    Ultra CEMI
Part No. BC413 BF469 BF241 BFAP80 BFAP83 BFE215R BDP282 BF521 BFR30 BFR31 BF245 BCE107R BU206 BSV52R BCAE07 BCAE07R BCAE08 BCAE08R BCAE09 BCAE09R BF167 BDP285 BC528 BF215 BDP286 BDAP40 BF257 BDP283 BCAP11A BF441 BF457 BUP406 BUP407 BCE108R BD355 BUYP52 BF195 BF519 BDAP83 BC414 BCAP07 BDP491 BDP492 BDP493 BDP494 BDP495 BDP496 BDAP82 BDAP81 BDAP86 BCE107 BCE108 BCE109 BCE109R BCE177 BCE177R BCE178 BCE178R BCE179 BCE179R BCAP09 BCAP77 BU204 BU205 BCAP93 BDAP91 BDAP92 BDAP93 BDAP94 BDAP95 BDAP96 BCAE78R BCAP79 BFAP59 BFAP15 BFAP58 BUCP52 BF470 BC627 BC628 BCAE77R BCAE78 BCAE79 BCAE79R BU126 BUP323 BDY24 BCAP08 BF181 BF196 BF200
Description Tranzystor duej mocy wysokonapiciowy specjalny
BC413-Tranzystorma冲jcz牦totliwo躲ima冲jmocy
BF469-Tranzystorwielkiejcz牦totliwo躲i
BF241-Tranzystorwielkiejcz牦totliwo躲i
Tranzystor wielkiej czstotliwoci specjalny
Tranzystor polowy zczowy (FET): kanan
Tranzystor przeczajcy
Tranzystor maej czstotliwoci maej mocy specjalny
Tranzystor maej czstotliwoci duej mocy specjalny
Tranzystor krzemowy redniej czstotliwoci, duej mocy

File Size 2,177.53K  /  29 Page

View it Online

Download Datasheet

For BCAE78 Found Datasheets File :: 2+       Page :: | <1> |   

▲Up To Search▲

 



Bom2Buy.com




Price and Availability



JITONG TECHNOLOGY
(CHINA HK & SZ)
Datasheet.hk's Sponsor

Part: BC01B-USBES
Maker: CSR
Pack: BGA
Stock: 102
Unit price for :
    50: $16.62
  100: $15.78
1000: $14.95

Email: oulindz@gmail.com

Contact us

 
Price & Availability of BCAE78

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.52266001701355