PART |
Description |
Maker |
PMCM4401VNE |
12V, N-channel Trench MOSFET
|
Nexperia
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
RF1K49093 FN3969 |
2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFETPower MOSFET 2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET⑩ Power MOSFET From old datasheet system 2.5A 12V 0.130 Ohm Logic Level Dual P-Channel LittleFET Power MOSFET 2.5A, 12V, 0.130 Ohm, Logic Level, Dual P-Channel LittleFET Power MOSFET 2.5A/ 12V/ 0.130 Ohm/ Logic Level/ Dual P-Channel LittleFET Power MOSFET
|
INTERSIL[Intersil Corporation]
|
FDD6632 |
N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mз 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET Trench Power MOSFET 30V/ 9A/ 90m N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mOhm
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDMS3672 |
N-Channel UltraFET Trench MOSFET 100V, 22A, 23mohm 22 A, 100 V, 0.023 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Fairchild Semiconductor, Corp.
|
FDM3622 |
100V N-Channel UltraFet Trench.MOSFET N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor
|
FDA2712 |
N-Channel UltraFET Trench MOSFET 250V, 64A, 34mOhms N-Channel UltraFET Trench MOSFET 250V, 64A, 34mΩ
|
Fairchild Semiconductor
|
FDS6680A FDS6680ANF073 FDS6680ANL |
30V Single N-Channel, Logic Level, Power Trench MOSFET Single N-Channel, Logic Level, PowerTrench MOSFET 12500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
ADG1409 ADG1408 |
5з ヌax Ron, 4-/8-Channel 5V/12V/V Multiplexers 5зヌ斧罗恩-/8-Channel5V/12V /V的多路复用器 5 ax Ron/ 4-/8-Channel 15V/12V/5V Multiplexers 5з ヌax Ron, 4-/8-Channel 【15V/12V/【5V Multiplexers 5?Μax Ron, 4-/8-Channel ±15V/12V/±5V Multiplexers
|
Analog Devices, Inc. AD[Analog Devices]
|
|