Part Number Hot Search : 
BR1005 T91SAM7 00222 78L05 FR1003 DS128406 KPS2801 141031
Product Description
Full Text Search
  nexperia Datasheet PDF File

For nexperia Found Datasheets File :: 73+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

    Mitsubishi Electric Corporation
Mitsubishi Electric, Corp.
Sumida, Corp.
Part No. M38220M7MGP M38222MADHP M38220EADHP M38221M8XXXHP M38221M9DXXXGP M38221M8MXXXFP M38221M8HXXXGP M38221MCFP M38221MCDXXXHP M38225M6HP M38225M6HGP M38225M6HFP M38225M6HXXXFP M38225M6HXXXGP M38225M6HXXXHP M38225M6HHP M38225M6HXXXFS M38223EADHP M38223E1DHP M38224EADHP M38222EADHP M38223E8FP M38223E8FS M38221M5-HP M38225M5-HP M38225M6-FP M38227M5-GP M38221M7-FS M38224M5-GP M38225M7-FS M38222M6-FS M38222M5-GP M38223M5-HP M38221M6-FS M38226M5-HP M38221M7-FP M38220M6-FS M38221M5-GP M38226M6-FS M38225M7-FP M38220M5-GP M38222M7-FP M38224M7-FS M38220M7-FS M38226M7-FS M38225M6-FS M38227M7-FP M38223M7-FS M38220M5-HP M38226M7-FP M38224M6-FS M38223M7-FP M38221M6-FP M38225M5-GP M38224M6-FP M38223M6-FS M38222M6-FP M38226M5-GP M38222M5-HP M38220M7-FP M38222M7-FS M38227M7-FS M38227M6-FP M38226M6-FP M38224M5-HP M38227M6-FS M38224M7-FP M38220M6HFS M38220M6HXXXFP M38220M6HGP M38220M6HXXXGP M38220M6HFP M38220M6HHP M38220M6HP M38220M6HXXXFS M38220M6HXXXHP M38220E4-GP M38222M4-GP M38223M4-GP M38221E4-GP M38226M4-GP M38224M4-GP M38225M4-GP M38225E4-GP M38222E4-GP M38220M4-GP M38221M4-GP M38223E4-GP M38225M5FS M38223MBHP M38223MBFS M38223MBFP M38226M3-HP M38221E3-FS M38222M3-HP M38227M3-HP M38225M3-HP M38223M
Description SS49E Series Economical Linear Position Sensors; radial lead IC package
Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-24
: Low ; Serial interface: 2xUARTI2C2xSPI2xCAN ; Series: LPC2200 family ; Special features: 2x CANJTAG; ETM ; System frequency: 0~60 MHz; Timers: 4 x
: 16384 bytes; Reset active: Low ; Serial interface: 2xUARTI2C2xSPI2xCAN ; Series: LPC2200 family ; Special features: 2x CAN0 WS Exec. from int
: 16384 bytes; Reset active: Low ; Serial interface: 2xUARTI2C2xSPI ; Series: LPC2200 family ; Special features: 0 WS Exec. from int. FlashJTAG; ETM
; Reset active: Low ; Serial interface: 2xUARTI2C2xSPI ; Series: LPC2200 family ; Special features: JTAG; ETM ; System frequency: 0~60 MHz; Timers: 4 x
Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular
SOCKET, D, IDC, 37WAY; Connector type:D Sub; Gender:Socket; Ways, No. of:37; Mating cycles, No. of:250; Termination method:IDC; Material, contact
8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
IAR KS2103-02 Kickstart Board with on-board j-link
MCB213x (Keil Evaluation Board)
GASKET, 4 WAY; For use with:Har-link Connectors; Series:Har-link RoHS Compliant: Yes
RES-ARRAY 22K-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA
WLAN ADK Wireless LAN Application Development Kit (ADYA)
MCB2100-U (Keil Evaluation Board ULINK)
RES-ARRAY 220-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA
BRACKET, 4 WAY; For use with:Har-link Connectors; Series:Har-link RoHS Compliant: Yes
Han 10 B Hood Top Entry M20 RoHS Compliant: NA
FlexRay bus ESD protection diode
8-bit I2C and SMBus I/O port with interrupt, 2-kbit EEPROM and 6 address pins - # of Addresses: 64 ; I2C-bus: 400 kHz; Interrupt: 0-1 ; Max Sink
8-bit I2C and SMBus I/O port with 2-kbit EEPROM - # of Addresses: 8 ; I2C-bus: 400 kHz; Max Sink Current per bit: 25 mA; Max Sink Current, per
CONN RJ45 JACK-JACK CAT5E
RES-ARRAY 33-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA
RES-ARRAY 300-OHM 4-ELEMENT 5% 0.063W CONVEX THK-FILM SMD-1206 TR-7-PA
CONNECTOR 110 WAY SHIELDED AMP 352068-1
Aluminum Electrolytic Capacitor; Capacitor Type:Computer Grade; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:72000uF RoHS Compliant: Yes
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-29
Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:25-29
1120KBITS BRAM 800000 SYSTEM GATES 556 I - NOT RECOMMENDED for NEW DESIGN
CONN RCPT 16POS .100 SGL STR PCB
BUSSMANN DIVISION / TCF15 15A CUBE FUS/FINGER SAFE
N-channel TrenchMOS (tm) transistor - Configuration: Single N-channel ; ID DC: 20 A; Qgd (typ): 22 nC; RDS(on): 130@10V mOhm; VDSmax: 200 V
4-bit GTL to GTL buffer - Application: Low voltage to low voltage buffer ; Function: Non-Latched GTL Buffer ; GTL Drive: 40 mA; Number of bits: 4
22-bit bi-directional low voltage translator - Application: Voltage Translation ; Function: Open Drain Voltage Translation ; Number of bits: 22 ; Operating temperature: -40~85 Cel; Voltage Translation Range: 1.0 to 5.0 ~ 1.0 to 5.0 V
NPN/NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = 10 kOhm - hFE max:>30 ; hFE min: 30 ; IO max: 100 mA; Input resistor: 10 kOhm; Polarity: 2x NPN ; Ptot max: 200 mW; Resistor ratio: 1 ; VCEO max: 50 V
NPN resistor-equipped transistors; R1 = 10 kOhm, R2 = open
PNP/PNP resistor-equipped transistors; R1 = 4.7 kOhm, R2 = 4.7 kOhm
Global Limit Switches Series GLS: Top Roller Arm, 2NC 2NO DPDT Snap Action, PF1/2
SS94 Series General Purpose Ratiometric Linear Sensor; Vdc supply voltage
DELUXE TEST LEAD KIT RoHS Compliant: NA
RES 1M-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA
N-channel TrenchMOS (tm) transistor - Configuration: Single N-channel ; ID DC: 20 A; Qgd (typ): 22 nC; RDS(on): 130@10V mOhm; VDSmax: 200 V
Low capacitance 7-fold bi-directional ESD protection diode arrays - Cd max.: 10 pF; IRM max: 0.025A; Number of protected lines: 7 ; PPP max: 35 W; VBR typ.: 7.6 V; VRWM: 5 V
Low capacitance bidirectional ESD protection diodes - Cd max.: 45 pF; IRM max: 0.1A; Number of protected lines: 1 ; PPP max: 130 W; VBR typ.: 0 V; VRWM: 5 V
PNP general purpose double transistor - Complement: PEMX1 ; fT min: 100 MHz; hFE max:>120 ; hFE min: 120 ; IC max: 100 mA; Polarity: 2x PNP ; Ptot max: 200 mW; VCEO max: 40 V
NPN/PNP general purpose transistors - fT min: 100 MHz; hFE max:>120 ; hFE min: 120 ; IC max: 100 mA; Polarity: NPN / PNP ; Ptot max: 200 mW; VCEO max: 40 V
Fivefold ESD protection diode arrays - Cd max.: 90 pF; IRM max: 0.015A; Number of protected lines: 5 ; PPP max: 200 W; VBR typ.: 18 V; VRWM: 15 V
NPN general purpose double transistor - Complement: PEMT1 ; fT min: 100 MHz; hFE max:>120 ; hFE min: 120 ; IC max: 100 mA; Polarity: 2x NPN ; Ptot max: 200 mW; VCEO max: 40 V
Ultra low capacitance double rail-to-rail ESD protection diode in a SOT143B package - Cd max.: 0 pF; IRM max: 0.1A; Number of protected lines: 2 ; PPP max: 0 W; VBR typ.: 0 V; VRWM: 3 V
SR Series Rocker Boot
4-channel I2C-bus switch with interrupt logic and reset - # of Addresses: 4 ; I2C-bus: 400 kHz; Inputs: 1 ; Interrupt: 4-1 ; Operating temperature: -40~85 Cel; Operating voltage: 2.3~5.5 VDC; Outputs: 4 ; Reset input pin: yes
Remote 16-bit I/O expander for Fm I2C-bus with reset
Schottky barrier single diodes - Cd max.: 2@VR=1V pF; Configuration: single ; IF max: 120 mA; IFSM max: 200 A; IR max: 0.5@VR=30VA; VFmax: 370@IF=1mA mV; VR max: 40 V
MULTI-STUD RING (A-1006-MS)
Wideband variable gain amplifier - Dual: yes ; GBW product: 850 MHz; Input noise: 2.5 pA/sqrt(Hz); Operating temperature: -40~85 Cel; PSRR: 45 mV/V; Single supply: 4.5 to 7 VDC
Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
Thyristor; logic level - IGT: 0.05 mA; IT (RMS): 0.8 A; VDRM: 200 V
Triacs - IGT: 50 mA; IT (RMS): 25 A; VDRM: 400 V
9-bit odd/even parity generator/checker - Description: 9-Bit Odd/Even Parity Generator/Checker ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: -1/ 20 mA ; Propagation delay: 7 ns; Voltage: 4.5-5.5 V
Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:61; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:29; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:19; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Aluminum; Series:LJT; No. of Contacts:61; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight RoHS Compliant: No
RES 1.6 OHM 3W 5% METAL OXIDE
ECONOLINE: REC3-S_DRW(Z)/H* - 3W DIP Package- 1kVDC Isolation- Wide Input 2:1 & 4:1- Regulated Output- 100% Burned In- UL94V-0 Package Material- Continuous Short Circiut Protection- Efficiency to 80%
NPN/PNP general purpose transistors - fT min: 100 MHz; hFE max:>200 ; hFE min: 200 ; IC max: 500 mA; Polarity: NPN / PNP ; Ptot max: 300 mW; VCEO max: 12 V
Single Supply RS232C Line Driver/Receiver(?????μ?o?RS232C ?o?????????¨???2???2??????)
Hot swappable I2C and SMBus bus buffer - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 2.7~5.5 VDC; Outputs: 1
RING NYLAKRIMP FUNNEL ENTRY (F-966-38)
DIN Audio Connector; No. of Contacts:6; Contact Termination:Solder; Mounting Type:Cable; Gender:Male; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes
Trenchmos (tm) Standard level FET - Configuration: Single N-channel ; ID DC: 75 A; Qgd (typ): 35 nC; RDS(on): 15@10V mOhm; VDSmax: 110 V
Silicon Diffused Power Transistor - IC (DC): 12 A; IC (SAT): 6 A; tf(max): 0.15s; VCESM: 700 V
Double ESD protection diodes for transient overvoltage suppression
SS500 Series Latching Hall-Effect Sensor; SOT-89B surface mount packaget; available in 1,000/tape and reel
XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
JT 42C 42#22 SKT RECP
N-channel Trenchmos (tm) logic level FET
8-bit 80C51 low power 8 kB flash microcontroller with 256 B RAM, 192 B data EEPROM
40 V, 200 mA PNP/PNP general-purpose double transistor
POT 1.0M OHM 1/4 SQ CERM SL MT
UHF wideband transistor - @ f1: 1000 ; @ f2: 2000 ; fT: 8 GHz; GUM @ f1: 14 dB; GUM @ f2: 8 dB; IC: 100 mA; Noise figure: 2@f21.3@f1 dB; Ptot: 365 mW; Polarity: NPN ; VCEO max: 10 V
NPN switching transistor - fT min: 500 MHz; hFE max: 120 ; hFE min: 40 ; IC max: 200 mA; Polarity: NPN ; Ptot max: 250 mW; toff: 30 ns; VCEO max: 15 V
Wideband variable gain amplifier - Amplifier type: Wideband variable gain ; Application: General-purpose/Linear ICs ; Function: Amplifiers ; Maximum power dissipation: 1100 Mw; Number of pins: 16 ; Operating temperature: -40~85 Cel; Vdd(max.): 5
DC-to-DC converter power train - Input voltage: 16 VDC; Operating frequency: 1 MHz; Output current: 25 A; Output voltage: 6 V 单芯位CMOS微机
Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB ISP/IAP flash with 10-bit ADC and DAC 16/32位单片微控制器;32/64/128/256/512kB 支持0AD/DA转化的ISP/IAP闪存
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机
Dual N-channel enhancement mode TrenchMOS (tm) transistor - Configuration: Dual N-channel ; I<sub>D</sub> DC: 3.4 A; R<sub>DS(on)</sub>: 100@10V200@4.5V mOhm; V<sub>DS</sub>max: 30 V 单芯位CMOS微机
Advanced LinCMOS(TM) Rail-To-Rail Output Wide-Input-Voltage Dual Operational Amplifier 8-SOIC -40 to 85 单芯位CMOS微机
8-channel analog multiplexer/demultiplexer 单芯位CMOS微机
JT 41C 41#20 SKT RECP 单芯位CMOS微机
NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN配电阻型晶体R1=2.2千欧姆,R2=47千欧
nexperia media processor 单芯位CMOS微机
SD MPEG-2 SoC 单芯位CMOS微机
RF CONNECTOR; SMA FEMALE BULKHEAD, SOLDER ATTACHMENT FOR PE-034SR (.034" SEMI-RIGID) 单芯位CMOS微机
1-of-8 decoder/demultiplexer - Description: 3-to-8 Line Decoder/Demultiplexer; Inverting ; Logic switching levels: TTL ; Number of pins: 16 ; Output drive capability: -1/ 20 mA ; Propagation delay: 6.1 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机
Circular Connector; No. of Contacts:128; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:25-35 单芯位CMOS微机
CONN RCPT 46POS .100 DL STR PCB 单芯位CMOS微机
Digital satellite tuner RF IC 单芯位CMOS微机
RF CONNECTOR; SMA MALE, RIGHT ANGLE, SOLDER ATTACHMENT FOR PE-034SR (.034" SEMI-RIGID) 单芯位CMOS微机
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=22千欧
PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 47 kOhm PNP配电阻型晶体管;R1=47千欧姆,R2=47千欧
PNP/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = open 单芯位CMOS微机
MIFARE DESFire contactless multi-application IC 单芯位CMOS微机
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯8位CMOS微机
Flashless 16-bit/32-bit micro; Ethernet, CAN, ISP/IAP, USB 2.0 device/host/OTG, external memory interface 单芯位CMOS微机
Octal inverting buffer (3-state) - Description: Octal Buffer/Line Driver; Inverting (3-State) ; Logic switching levels: TTL ; Number of pins: 20 ; Output drive capability: -15/ 64 mA ; Propagation delay: 4.5 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机
MCB2100 (Keil Evaluation Board) 单芯位CMOS微机
KS2106 (IAR Kickstart Board for LPC2104/5/6) 单芯位CMOS微机
phyCORE-ARM7/LPC2220 RDK (LPC2220 Rapid Development Kit) 单芯8位CMOS微机
MOSFET driver MOSFET驱动
4-bit asynchronous bus arbiter - Description: 4-Bit Asynchronous Bus Arbiter ; Logic switching levels: TTL ; Number of pins: 16 ; Output drive capability: -1/ 24 mA ; Propagation delay: 4.5 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机
CONN HEADER 200POS .8MM DUAL SMD 单芯位CMOS微机
CONNECTOR ACCESSORY 连接器附
Advanced LinCMOS(TM) Rail-To-Rail Output Wide-Input-Voltage Dual Operational Amplifier 8-TSSOP -40 to 85 单芯位CMOS微机
Quad 2-input NAND 30Ohm driver - Description: 2-Input 30 Ohm Line Driver; Non-Inverting ; Logic switching levels: TTL ; Number of pins: 16 ; Output drive capability: -67/ 160 mA ; Propagation delay: 2 ns; Voltage: 4.5-5.5 V 单芯位CMOS微机
8-BIT SINGLE CHIP MICROCONTROLLERS 8位单晶片微控制器
5-channel I2C hub - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 3.0~3.6 VDC; Outputs: 4 单芯位CMOS微机
Circular Connector; No. of Contacts:55; Series:MS27472; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 单芯位CMOS微机
Hot swappable I2C-bus and SMBus bus buffer - I2C-bus: 400 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 2.7~5.5 VDC; Outputs: 1 单芯位CMOS微机
1 A very low VF MEGA Schottky barrier rectifier 1安很低正向压降MEGA肖特基势垒整流器
32-Bit System-on-Chip 单芯位CMOS微机
IC LOGIC 244 OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS -40 85C QSOP-20 55/TUBE 单芯位CMOS微机
Silicon temperature sensors 单芯位CMOS微机
2-to-1 I&#178;C-bus master selector with interrupt logic and reset 单芯位CMOS微机
ULPI Hi-Speed USB transceiver 单芯位CMOS微机
DisplayPort protection 单芯位CMOS微机
32 kHz watch circuits with EEPROM 单芯位CMOS微机
Dual 14 bits DAC, up to 160 MHz, 2 x interpolating 单芯位CMOS微机
Gen1 Hex Display Multiplexer - Bandwidth: 2.7 Gbps ; Number of channels: 6 ; Operating temperature: -10~ 85 Cel; Standby current: 10 uA; Supply current: 0.2 mA; Supply voltage: 3.0~3.6 V 单芯位CMOS微机
Trenchmos (tm) Standard level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 75 A; Q<sub>gd</sub> (typ): 35 nC; R<sub>DS(on)</sub>: 15@10V mOhm; V<sub>DS</sub>max: 110 V
PLUG, D, IDC, 25WAY; Connector type:D Sub; Gender:Plug; Ways, No. of:25; Mating cycles, No. of:250; Termination method:IDC; Material, contact:Beryllium Copper; Plating, contact:Gold over Nickel; Material:Steel; Colour:Yellow; RoHS Compliant: Yes
Insulation Displacement (IDC) Connector; Leaded Process Compatible:No; No. of Positions:25; Peak Reflow Compatible (260 C):No; Body Material:Steel; Body Plating:Zinc; Contact Plating:Gold Flash Over Nickel RoHS Compliant: No
RING TERM LB AWG-22-18 # 6
SOCKET, D, IDC, 15WAY; Connector type:D Sub; Gender:Socket; Ways, No. of:15; Mating cycles, No. of:250; Termination method:IDC; Material, contact:Beryllium Copper; Plating, contact:Gold over Nickel; Material:Steel; Colour:Yellow; RoHS Compliant: Yes
POT 200K OHM 1/2 SQ CERM SL MT
Electrolytic Capacitor, Radial
CAN transceiver for 24 V systems
EPM900 (Keil Emulator)

File Size 971.93K  /  78 Page

View it Online

Download Datasheet





    nexperia
Part No. 74AUP1G57GX
Description Low-power configurable multiple function gate

File Size 298.02K  /  24 Page

View it Online

Download Datasheet

    nexperia
Part No. BZT52-B16 BZT52-B36 BZT52-B39
Description Single Zener diodes in a SOD123 package

File Size 188.03K  /  11 Page

View it Online

Download Datasheet

    nexperia
Part No. PTVS60VP1UP
Description 600 W Transient Voltage Suppressor

File Size 246.61K  /  12 Page

View it Online

Download Datasheet

    nexperia
Part No. 74LV02APW
Description Quad 2-input NOR gate

File Size 185.64K  /  10 Page

View it Online

Download Datasheet

    nexperia
Part No. PMCM4401VNE
Description 12V, N-channel Trench MOSFET

File Size 320.46K  /  15 Page

View it Online

Download Datasheet

    nexperia
Part No. BUK7Y14-80E
Description N-channel 80 V, 14 mΩ standard level MOSFET in LFPAK56

File Size 373.30K  /  13 Page

View it Online

Download Datasheet

    nexperia
Part No. 74AHC1G07GV-Q100 74AHC1G07GW-Q100
Description Buffer with open-drain output

File Size 183.94K  /  10 Page

View it Online

Download Datasheet

    nexperia
Part No. 74AXP1G57GX
Description Low-power configurable multiple function gate

File Size 357.78K  /  18 Page

View it Online

Download Datasheet

    nexperia
Part No. 74LVC1G57GF
Description Low-power configurable multiple function gate

File Size 340.97K  /  20 Page

View it Online

Download Datasheet

For nexperia Found Datasheets File :: 73+       Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of nexperia

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.20301294326782